Part Number Hot Search : 
PS104RS MUR4100 MC68HC7 CHUMH9PT P4040D C0402JR 5333B 3100A
Product Description
Full Text Search
 

To Download 20JL2C41A06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 20JL2C41A
TOSHIBA HIGH EFFICIENCY DIODE STACK (HED) SILICON EPITAXIAL TYPE
20JL2C41A
SWITCHING MODE POWER SUPPLY APPLICATIONS CONVERTER & CHOPPER APPLICATION
Repetitive Peak Reverse Voltage : VRRM = 600 V Unit: mm
Average Output Rectified Current : IO = 20 A Ultra Fast Reverse-Recovery Time : trr = 35 ns (Max) Low Switching Losses and Output Noise
ABSOLUTE MAXIMUM RATINGS (Ta = 25C)
CHARACTERISTIC Repetitive Peak Reverse Voltage Average Output Rectified Current Peak One Cycle Surge Forward Current (Sine Wave) Junction Temparature Storage Temparature Range Screw Torque SYMBOL VRRM IO IFSM Tj Tstg RATING 600 20 80 (50Hz) 88 (60Hz) -40~150 -40~150 0.8 UNIT V A A C C N*m
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/Derating Concept and Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
JEDEC JEITA TOSHIBA Weight: 4.85g
12-16D1A
ELECTRICAL CHARACTERISTICS (Ta = 25C)
CHARACTERISTIC Peak Forward Voltage Repetitive Peak Reverse Current Reverse Recovery time Forward Recovery time Thermal Resistance SYMBOL VFM IRRM trr tfr Rth (j-c) IFM = 10A VRRM = 600V IF = 2A, di / dt = - 50A / s IF = 1A Total DC, Junction to Case TEST CONDITION TYP. MAX 3.2 100 35 100 1.5 UNIT V A ns ns C / W
Note 1: VFM, IRRM, trr, tfr *** A value applied to one cell.
POLARITY
1
2006-11-08
20JL2C41A
MARKING
Abbreviation Code 20JL2C Part No. 20JL2C41A
20JL2C
Part No. (or abbreviation code) Lot No. A line indicates lead (Pb)-free package or lead (Pb)-free finish.
Characteristics indicator
Handling Precaution
The absolute maximum ratings denote the absolute maximum ratings, which are rated values and must not be exceeded during operation, even for an instant. The following are the general derating methods that we recommend when you design a circuit with a device. VRRM: We recommend that the worst case voltage, including surge voltage, be no greater than 80% of the absolute maximum rating of VRRM for a DC circuit and be no greater than 50% of that of VRRM for an AC circuit. VRRM has a temperature coefficient of 0.1%/C. Take this temperature coefficient into account designing a device at low temperature. We recommend that the worst case current be no greater than 80% of the absolute maximum rating of IO. Carry out adequate heat design. If you can't design a circuit with excellent heat radiation, set the margin by using an allowable Tamax-IO curve.
IO:
This rating specifies the non-repetitive peak current in one cycle of a 50-Hz sine wave, condition angle 180. Therefore, this is only applied for an abnormal operation, which seldom occurs during the lifespan of the device. We recommend that a device be used at a Tj of below 120C under the worst load and heat radiation conditions. Please refer to the Rectifiers databook for further information.
2
2006-11-08
20JL2C41A
3
2006-11-08
20JL2C41A
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
20070701-EN
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.
4
2006-11-08


▲Up To Search▲   

 
Price & Availability of 20JL2C41A06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X