Part Number Hot Search : 
LS1240AL PTC60 2M914VT 2N6028G 5Q1265 DB105 1N415 C2001
Product Description
Full Text Search
 

To Download 20CTQ045PBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD-20842 rev. B 05/06
20CTQ...PbF Series
SCHOTTKY RECTIFIER 20 Amp
IF(AV) = 20Amp VR = 35/ 45V
Major Ratings and Characteristics Characteristics
IF(AV) Rectangular waveform VRRM range IFSM @ tp = 5 s sine VF TJ @ 10 Apk, TJ = 125C (per leg) range
Description/ Features Units
A The 20CTQ...PbF center tap Schottky rectifier series has been optimized for low reverse leakage at high temperature. The proprietary barrier technology allows for reliable operation up to 175 C junction temperature. Typical applications are in switching power supplies, converters, free-wheeling diodes, and reverse battery protection. 175 C TJ operation Center tap TO-220 package Low forward voltage drop High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance High frequency operation Guard ring for enhanced ruggedness and long term reliability Lead-Free ("PbF" suffix)
Values
20
35/ 45 1060 0.57
V A V
- 55 to 175
C
Case Styles
20CTQ...PbF
Base Common Cathode
2
1
Anode
2 Common Cathode
3
Anode
TO-220
www.irf.com
1
20CTQ...PbF
Bulletin PD-20842 rev. B 05/06
Voltage Ratings
Part number
VR Max. DC Reverse Voltage (V) VRWM Max. Working Peak Reverse Voltage (V)
20CTQ035PbF 20CTQ040PbF
35 40
20CTQ045PBF
45
Absolute Maximum Ratings
Parameters
IF(AV) Max. Average Forward Current * See Fig. 5 IFSM EAS IAR Max. Peak One Cycle Non-Repetitive Surge Current (Per Leg) * See Fig. 7 Non-Repetitive Avalanche Energy (Per Leg) Repetitive Avalanche Current (Per Leg) 1060 265 13 2.0 A mJ A 5s Sine or 3s Rect. pulse Following any rated load condition and with 10ms Sine or 6ms Rect. pulse rated VRRM applied
20CTQ Units
20 A
Conditions
50% duty cycle @ TC = 145C, rectangular wave form
TJ = 25 C, IAS = 2.0 Amps, L = 6.5 mH Current decaying linearly to zero in 1 sec Frequency limited by TJ max. V A = 1.5 x VR typical
Electrical Specifications
Parameters
VFM Max. Forward Voltage Drop (Per Leg) * See Fig. 1 (1)
20CTQ Units
0.64 0.76 0.57 0.68 2 15 900 8.0 10000 V V V V mA mA pF nH V/ s @ 10A @ 20A @ 10A @ 20A TJ = 25 C TJ = 125 C
Conditions
TJ = 25 C TJ = 125 C VR = rated VR
IRM CT LS
Max. Reverse Leakage Current (Per Leg) * See Fig. 2 (1) Max. Junction Capacitance (Per Leg) Typical Series Inductance (Per Leg)
VR = 5VDC (test signal range 100Khz to 1Mhz) 25C Measured lead to lead 5mm from package body
dv/dt Max. Voltage Rate of Change (Rated V R)
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Junction Temperature Range Max. Storage Temperature Range
(1) Pulse Width < 300s, Duty Cycle <2%
20CTQ Units
-55 to 175 -55 to 175 3.25 1.63 0.50 2 (0.07) Min. Max. 6 (5) 12 (10) C C
Conditions
RthJC Max. Thermal Resistance Junction to Case (Per Leg) RthJC Max. Thermal Resistance Junction to Case (Per Package) RthCS Typical Thermal Resistance, Case to Heatsink wt T Approximate Weight Mounting Torque Marking Device
C/W DC operation C/W DC operation
* See Fig. 4
C/W Mounting surface , smooth and greased g (oz.) Kg-cm (Ibf-in)
20CTQ045
2
www.irf.com
20CTQ...PbF
Bulletin PD-20842 rev. B 05/06
10 00
10 00 10 0 R v rs C rre t - I (m ) ee e u n A R 1 0 1 .1 .0 1 .0 1 0 .0 0 01 0 T =1 5 C 7 J 1 0C 5 1 5C 2 1 0C 0 7 5C 5 0C 2 5C
10 0
In ta ta e u F rw rdC rre t - I (A s n nos o a un ) F
5
11223344 05050505 R v rs V lta e- V (V ee e o g R)
1 0
T =1 5 C 7 J T =1 5 C 2 J
Fig. 2 - Typical Values Of Reverse Current Vs. Reverse Voltage (Per Leg)
10 00 J n tio C p c n e- C (p ) u c n a a ita c F T
T= 2 5C J
1
T =2 5C J
.1 0
.2
.4
.6
.8
1
1 .2
1 .4
1 .6 1 .8
10 0 0
1 0
2 0
3 0
4 0
5 0
F rw rdV lta eD p- V (V oa o g ro ) F M
R v rs V lta e- V (V ee e o g ) R
Fig. 1 - Max. Forward Voltage Drop Characteristics (Per Leg)
1 0 T e a Im e a c -Zth C( /W h rm l p d n e C) J D=0 0 .5 D=0 3 .3 D=0 5 .2 D=0 7 .1 D=0 8 .0
Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage (Per Leg)
1
PM D
.1
t 1 t 2 N te : os 1 D tyfa to D= t / t .u cr 12 S g P ls in le u e (T e a R s ta c ) h rm l e is n e 2 P a T =P xZ . ek +T JD M th C C J .0 1 .1 1 1 0 10 0
.0 1
.0 1 0 .0 0 1 00
.0 0 01
.0 1 0
t , R c n u r P ls D ra n(S c n s e ta g la u e u tio eo d) 1
Fig. 4 - Max. Thermal Impedance ZthJC Characteristics (Per Leg)
www.irf.com
3
20CTQ...PbF
Bulletin PD-20842 rev. B 05/06
10 8 A w b C s T m e tu - ( ) llo a le a e e p ra re C 15 7 10 7 15 6 10 6 15 5 10 5 15 4 0 D C 2CQ 0T R J (D ) =3 5 C .2 /W th C C 9 D=0 8 .0 8 D=0 7 .1 D=0 5 .2 7 D=0 3 .3 .5 6 D=0 0 5 4 R SL it M im 3 2 1 5 1 0 5 1 0 0 5 1 0 1 5 D C
A e g P w r L s - (W tts v ra e o e o s a)
A e g F rw rdC rre t - IF V (A v ra e o a un (A ) )
A e g F rw rdC rre t - I v ra e o a un (A ) FV (A )
Fig. 5 - Max. Allowable Case Temperature Vs. Average Forward Current (Per Leg)
1000
FSM
Fig. 6 - Forward Power Loss Characteristics (Per Leg)
Non-Repetitive Surge Current - I
(A)
At Any Rated Load Condition And With Rated V RRM Applied Following Surge
100 10
100
1000
10000
Square Wave Pulse Duration - t p (microsec)
Fig. 7 - Max. Non-Repetitive Surge Current (Per Leg)
L HIGH-S PEED S CH WIT FR EE-WHEEL DIODE 40HF L40S 02
+
DUT
IR P460 F Rg = 25 ohm
Vd = 25 Volt
CURRENT MONIT OR
Fig. 8 - Unclamped Inductive Test Circuit
4
www.irf.com
20CTQ...PbF
Bulletin PD-20842 rev. B 05/06
Outline Table
Conform to JEDEC outline TO-220AB
Part Marking Information
IRXC Assembly Line - SubCon Assembly Line EXAMPLE: THIS IS A 20CTQ045 LOT CODE 1789 ASSEMBLED ON WW 19, 2001 IN THE ASSEMBLY LINE "C" PART NUMBER
INTERNATIONAL RECTIFIER LOGO ASSEMBLY LOT CODE
DATE CODE P = LEAD-FREE YEAR 1 = 2001 WEEK 19 LINE C
IRMX Assembly Line EXAMPLE: THIS IS A 20CTQ045 LOT CODE 1789 ASSEMBLED ON WW 19, 2001
INTERNATIONAL RECTIFIER LOGO ASSEMBLY LOT CODE
PART NUMBER
DATE CODE YEAR 1 = 2001 WEEK 19 P = LEAD-FREE
www.irf.com
5
20CTQ...PbF
Bulletin PD-20842 rev. B 05/06
Ordering Information Table
Device Code
20
1
C
2
T
3
Q
4
045 PbF
5 6
1 2 3 4 5 6
-
Current Rating (20 = 20A) Circuit Configuration C = Common Cathode Package T = TO-220 Schottky "Q" Series Voltage Ratings none = Standard Production PbF = Lead-Free Tube Standard Pack Quantity : 50 pieces 035 = 35V 040 = 40V 045 = 45V
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level and Lead-Free. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 05/06
6
www.irf.com


▲Up To Search▲   

 
Price & Availability of 20CTQ045PBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X