Part Number Hot Search : 
R4000 N4616 RF3321 38023M7D LM3240 R4000 1205E BZ526
Product Description
Full Text Search
 

To Download UPM1E471MPD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
PM
Item
Extremely Low Impedance, High Reliability
series
(through 100V only)
High reliability withstanding 5000 hour load life at +105C (3000/2000 hours for smaller case sizes as specified below). Capacitance ranges available based on the numerical values in E12 series under JIS. Adapted to the RoHS directive (2002/95/EC).
PM
Smaller
Specifications
Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Leakage Current
PW
Performance Characteristics - 55 ~ +105C (6.3 ~ 100V), -40 ~ +105C (160 ~ 400V), -25 ~ +105C (450V) 6.3 ~ 450V 0.47 ~ 15000F 20% at 120Hz, 20C Rated Voltage (V) 6.3 ~ 100
Leakage current
160 ~ 450
After 1 minute's application of rated voltage, leakage current is not more CV < 1000 : I = 0.1CV+40 (A) max. (1 minute's) = than 0.03CV or 4 (A), whichever is greater. CV > 1000 : I = 0.04CV+100 (A) max. (1 minute's) Measurement frequency : 120Hz, Temperature : 20C
For capacitance of more than 1000F, add 0.02 for every increase of 1000F.
tan
Rated Voltage (V) tan (MAX.)
6.3 0.22
10 0.19 6.3 * 10 -- -- 4
16 0.16 16 -- -- 3
25 0.14 25 * 35 -- -- 3
35 0.12
50 0.10
63 ~ 100 0.08 250 -- 6 --
160 ~ 350 400 * 450 0.20 0.25 400 -- 10 -- 450 15 -- --
120Hz
Stability at Low Temperature
Impedance ratio (MAX.)
Rated voltage (V) Z- 25C / Z+20C Z- 40C / Z+20C Z- 55C / Z+20C
50~100 160~200 -- -- 4 -- -- 2
315~350 -- 8 --
Endurance
Shelf Life Marking
After an application of D.C. bias voltage plus the rated ripple current for 5000 hours (2000 hours for D = 5 and 6.3, 3000 hours for D=8) at 105C the peak voltage shall not exceed the rated D.C. voltage, capacitors meet the characteristic requirements listed at right. After storing the capacitors under no load at 105C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20C, they will meet the characteristic requirements listed at right. Printed with white color letter on dark brown sleeve.
Capacitance change tan Leakage current
Within 20% of initial value 200% or less of initial specified value Initial specified value or less Within 20% of initial value 150% or less of initial specified value Initial specified value or less
Capacitance change tan Leakage current
Radial Lead Type
Sleeve (P.E.T.)
Type numbering system (Example : 25V 470F)
1 2 3 4 5 6 7 8 9 10 11 12
UPM 1 E 4 7 1 MPD
d
Configuration
D+0.5 MAX.
Size code Type Small Dia Low Profile Code 6 Capacitance tolerance ( 20%)
P 0.5
Rated Capacitance (470F) Rated voltage (25V) Series name
Pressure relief vent
(6.3up)
Type
L+
MAX.
15MIN
4MIN
Configuration D
Pb-free leadwire Pb-free PET sleeve
(D < 10) 1.5 (D > 10) 2.0 =
(mm)
5 6.3 8 * 10 12.5 ~ 18
DD ED PD HD
Frequency coefficient
15000 10000
D P d
5 2.0 0.5
6.3 2.5 0.5
8 3.5 0.6
10 5.0 0.6
12.5 5.0 0.6
16 7.5 0.8
18 7.5 0.8
Frequency coefficient of Rated voltage rated ripple current Rated voltage
Frequency coefficient
In case L > 25 for the 12.5 dia. unit, lead dia. d = 0.8mm.
15000 10000
6800 4700 3300
* Please refer to page 21 about the end seal configulation.
6800
4700 2200 3300 1500
1000 2200 680 1500 470 1000
6.3~100V (10kHz~ 200kHz=1)
Cap.(F)
680 470 330 220
330 220 150 100 68
6.3~100V (10kHz~ 200kHz=1)
Cap.(F)
150 47 100 33
120Hz 300Hz 1kHz
68 22 47 15 33 10 22
0.68 0.47 0 0.5 0.6 0.7 0.8 Frequency coefficient 0.9 1.0
120Hz
300Hz
1kHz
Please refer to page 21, 22, 23 about the formed or taped product spec. Please refer to page 3 for the minimum order quantity.
15 10
Dimension table in next page.
160~450V
50Hz 0.80
0.68 0.47 0
120Hz 1.00
0.5
100Hz 1.25
11kHz 1.40
0.9
110kHz~ 1.60
1.0
0.6 0.7 0.8 Frequency coefficient
CAT.8100V-1
ALUMINUM ELECTROLYTIC CAPACITORS
PM
Cap.(F)
series
Dimensions
Cod e
V(Code) Size code
6.3 (0J) -- 6 --
10 (1A) 6 --
16 (1C) 6 --
25 (1E) 6
D x L (mm) 35 (1V) -- 6
5 x 11 5 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 15 6.3 x 15 8 x 11.5 8 x 15 8 x 15 8 x 20 8 x 20 10 x 20 10 x 20 10 x 25 10 x 31.5 12.5 x 20 12.5 x 25 12.5 x 25 12.5 x 31.5 12.5 x 35.5 12.5 x 40 16 x 31.5 16 x 35.5 16 x 40 18 x 40
22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 1200 1500 1800 2200 2700 3300 3900 4700 5600 6800 8200 10000 12000 15000
220 270 330 390 470 560 680 820 101 121 151 181 221 271 331 391 471 561 681 821 102 122 152 182 222 272 332 392 472 562 682 822 103 123 153
V(Code) Size code
5 x 11 5 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 15 6.3 x 15 8 x 11.5 8 x 15 8 x 15 8 x 20 8 x 20 10 x 20 10 x 20 10 x 25 10 x 31.5 10 x 31.5 12.5 x 25 12.5 x 25 12.5 x 31.5 12.5 x 35.5 12.5 x 40 16 x 31.5 16 x 35.5 16 x 40 18 x 35.5 18 x 40
10 x 12.5 10 x 12.5 10 x 15 10 x 15 12.5 x 15 12.5 x 15 12.5 x 15 16 x 15 16 x 15 18 x 15 18 x 15 16 x 20 18 x 20 18 x 20 18 x 25 18 x 31.5 18 x 31.5
5 x 11 5 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 15 6.3 x 15 8 x 11.5 8 x 15 8 x 15 8 x 20 8 x 20 10 x 20 10 x 20 10 x 25 10 x 31.5 12.5 x 20 12.5 x 25 12.5 x 31.5 12.5 x 35.5 12.5 x 40 16 x 31.5 16 x 35.5 16 x 35.5 16 x 40 18 x 40
10 x 12.5 10 x 12.5 10 x 15 10 x 15 12.5 x 15 12.5 x 15 12.5 x 15 16 x 15 16 x 15 18 x 15 16 x 20 16 x 20 18 x 20 18 x 25 18 x 25 18 x 31.5 18 x 35.5
5 x 11 5 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 15 6.3 x 15 8 x 11.5 8 x 15 8 x 15 8 x 20 8 x 20 10 x 20 10 x 20 10 x 25 10 x 31.5 12.5 x 20 12.5 x 25 12.5 x 31.5 12.5 x 31.5 12.5 x 35.5 12.5 x 40 16 x 31.5 16 x 35.5 16 x 40 18 x 35.5 18 x 40
10 x 12.5 10 x 12.5 10 x 15 10 x 15 12.5 x 15 12.5 x 15 12.5 x 15 16 x 15 16 x 15 18 x 15 16 x 20 16 x 20 16 x 25 18 x 20 18 x 25 18 x 31.5 18 x 35.5
5 x 11 5 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 15 6.3 x 15 8 x 11.5 8 x 15 8 x 15 8 x 20 8 x 20 10 x 20 10 x 20 10 x 25 10 x 31.5 12.5 x 20 12.5 x 25 12.5 x 25 12.5 x 31.5 12.5 x 35.5 12.5 x 40 16 x 31.5 16 x 35.5 16 x 40 18 x 40
10 x 12.5 10 x 12.5 10 x 15 10 x 15 12.5 x 15 12.5 x 15 12.5 x 15 16 x 15 16 x 15 18 x 15 18 x 15 16 x 20 16 x 25 18 x 20 18 x 25 18 x 31.5 18 x 35.5
10 x 12.5 10 x 12.5 10 x 15 10 x 15 12.5 x 15 12.5 x 15 12.5 x 15 16 x 15 16 x 15 18 x 15 18 x 15 16 x 20 16 x 25 18 x 20 18 x 25 18 x 31.5 18 x 35.5
50 (1H)
-- 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 15 6.3 x 15 8 x 11.5 8 x 15 8 x 20 8 x 20 10 x 20 10 x 20 10 x 25 10 x 31.5 10 x 31.5 12.5 x 25 12.5 x 25 12.5 x 31.5 12.5 x 35.5 12.5 x 40 16 x 31.5 16 x 35.5 16 x 40 18 x 35.5 18 x 40 6 --
63 (1J)
6 --
80 (1K)
6
100 (2A)
-- 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 15 6.3 x 15 8 x 11.5 8 x 15 8 x 15 8 x 20 10 x 20 10 x 20 10 x 25 10 x 31.5 10 x 31.5 12.5 x 25 12.5 x 25 12.5 x 31.5 12.5 x 35.5 12.5 x 40 16 x 31.5 16 x 35.5 16 x 40 18 x 35.5 18 x 40 6
Cap.(F)
Cod e
0.47 0.68 1 1.5 2.2 3.3 4.7 6.8 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 1200 1500 1800 2200
R47 R68 010 1R5 2R2 3R3 4R7 6R8 100 120 150 180 220 270 330 390 470 560 680 820 101 121 151 181 221 271 331 391 471 561 681 821 102 122 152 182 222
10 x 12.5 10 x 15 10 x 15 12.5 x 15 12.5 x 15 12.5 x 15 16 x 15 16 x 15 16 x 15 18 x 15 16 x 20 16 x 20 18 x 20 18 x 25 18 x 31.5 18 x 31.5
5 x 11 5 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 15 6.3 x 15 8 x 11.5 8 x 15 8 x 15 8 x 20 10 x 20 10 x 20 10 x 25 10 x 31.5 12.5 x 20 12.5 x 25 12.5 x 25 12.5 x 31.5 12.5 x 35.5 12.5 x 40 16 x 31.5 16 x 35.5 16 x 40 18 x 40
10 x 12.5 10 x 12.5 10 x 15 12.5 x 15 12.5 x 15 12.5 x 15 16 x 15 16 x 15 18 x 15 18 x 15 16 x 20 16 x 25 18 x 20 18 x 25 18 x 31.5 18 x 35.5
5 x 11 5 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 15 6.3 x 15 8 x 11.5 8 x 15 8 x 15 8 x 20 10 x 20 10 x 20 10 x 25 10 x 31.5 10 x 31.5 12.5 x 25 12.5 x 31.5 12.5 x 31.5 12.5 x 35.5 12.5 x 40 16 x 31.5 16 x 35.5 16 x 40 18 x 35.5 18 x 40
10 x 12.5 10 x 12.5 10 x 15 12.5 x 15 12.5 x 15 12.5 x 15 16 x 15 16 x 15 16 x 15 18 x 15 16 x 20 16 x 25 18 x 20 18 x 25 18 x 31.5 18 x 31.5
10 x 12.5 10 x 12.5 10 x 15 12.5 x 15 12.5 x 15 12.5 x 15 16 x 15 16 x 15 16 x 15 18 x 15 16 x 20 16 x 25 18 x 20 18 x 25 18 x 31.5 18 x 35.5
In case of low profile type, 6 will be put at 12th digit of type numbering system.
Dimension table for 160 ~ 450V products are shown in 122 page.
CAT.8100V-1
ALUMINUM ELECTROLYTIC CAPACITORS
PM
series
Standard ratings
V(Code)
Size co de
6.3 (0J)
-- 6
I tem Cap.(F)
Co de
100 120 150 180 220 270 330 390 470 560 680 820 1000 1200 1500 1800 2200 2700 3300 3900 4700 5600 6800 8200 10000 12000 15000
101 121 151 181 221 271 331 391 471 561 681 821 102 122 152 182 222 272 332 392 472 562 682 822 103 123 153
Case size D x L (mm) 5 x 11 5 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 15 6.3 x 15 8 x 11.5 8 x 15 8 x 15 8 x 20 8 x 20 10 x 20 10 x 20 10 x 25 10 x 31.5 10 x 31.5 12.5 x 25 12.5 x 25 12.5 x 31.5 12.5 x 35.5 12.5 x 40 16 x 31.5 16 x 35.5 16 x 40 18 x 35.5 18 x 40
Impedance () MAX.
20C / 100kHz
Rated ripple (mArms)
105C / 120Hz
-10C / 100kHz 105C /10kHz~ 200kHz
Case size D x L (mm)
Impedance () MAX.
20C / 100kHz
Rated ripple (mArms)
105C / 120Hz
-10C / 100kHz 105C /10kHz~ 200kHz
0.85 0.65 0.49 0.39 0.30 0.24 0.20 0.17 0.14 0.12 0.10 0.085 0.075 0.065 0.055 0.050 0.043 0.038 0.034 0.031 0.028 0.026 0.024 0.022 0.020 0.019 0.018
1.70 1.30 0.98 0.78 0.60 0.48 0.40 0.34 0.28 0.24 0.20 0.17 0.15 0.13 0.11 0.10 0.086 0.076 0.068 0.062 0.056 0.052 0.048 0.044 0.040 0.038 0.036
150 175 225 250 285 370 405 445 550 595 730 795 950 1060 1260 1370 1470 1700 1710 1980 2230 2460 2510 2770 3110 3050 3300
99 115 155 175 205 275 310 345 435 480 605 670 820 895 1090 1230 1320 1430 1530 1710 1890 2040 2130 2290 2470 2530 2660
10 x 12.5 10 x 12.5 10 x 15 10 x 15 12.5 x 15 12.5 x 15 12.5 x 15 16 x 15 16 x 15 18 x 15 18 x 15 16 x 20 18 x 20 18 x 20 18 x 25 18 x 31.5 18 x 31.5
0.14 0.13 0.11 0.095 0.085 0.075 0.065 0.055 0.049 0.044 0.039 0.036 0.032 0.030 0.027 0.025 0.023
0.28 0.26 0.22 0.19 0.17 0.15 0.13 0.11 0.098 0.088 0.078 0.072 0.064 0.060 0.054 0.050 0.046
635 670 825 840 890 950 1020 1270 1340 1500 1600 1770 1920 1980 2350 2600 2720
455 485 580 635 765 835 915 1140 1200 1350 1440 1540 1720 1780 1980 2150 2240
V(Code)
Size co de
10 (1A)
-- 6
I tem Cap.(F)
Co de
68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 1200 1500 1800 2200 2700 3300 3900 4700 5600 6800 8200 10000
680 820 101 121 151 181 221 271 331 391 471 561 681 821 102 122 152 182 222 272 332 392 472 562 682 822 103
Case size D x L (mm) 5 x 11 5 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 15 6.3 x 15 8 x 11.5 8 x 15 8 x 15 8 x 20 8 x 20 10 x 20 10 x 20 10 x 25 10 x 31.5 12.5 x 20 12.5 x 25 12.5 x 31.5 12.5 x 35.5 12.5 x 40 16 x 31.5 16 x 35.5 16 x 35.5 16 x 40 18 x 40
Impedance ()MAX.
20C / 100kHz
Rated ripple (mArms)
105C / 120Hz
-10C / 100kHz 105C /10kHz~ 200kHz
Case size D x L (mm)
Impedance () MAX.
20C / 100kHz
Rated ripple (mArms)
105C / 120Hz
-10C / 100kHz 105C /10kHz~ 200kHz
0.80 0.65 0.55 0.44 0.35 0.29 0.24 0.20 0.16 0.14 0.12 0.10 0.085 0.070 0.060 0.050 0.045 0.039 0.034 0.030 0.026 0.024 0.023 0.021 0.020 0.019 0.017
1.60 1.30 1.10 0.88 0.70 0.58 0.48 0.40 0.32 0.28 0.24 0.20 0.17 0.14 0.12 0.10 0.090 0.078 0.068 0.060 0.052 0.048 0.046 0.042 0.040 0.038 0.034
155 175 210 235 265 290 370 405 460 550 595 730 795 985 1060 1260 1450 1470 1710 1980 2230 2460 2420 2610 2770 3110 3300
97 110 135 160 185 205 270 300 350 430 475 590 660 835 915 1120 1290 1320 1530 1740 1960 2120 2170 2340 2410 2530 2730
10 x 12.5 10 x 12.5 10 x 15 10 x 15 12.5 x 15 12.5 x 15 12.5 x 15 16 x 15 16 x 15 18 x 15 16 x 20 16 x 20 18 x 20 18 x 25 18 x 25 18 x 31.5 18 x 35.5
0.15 0.13 0.11 0.090 0.080 0.065 0.060 0.050 0.044 0.039 0.035 0.031 0.028 0.026 0.024 0.022 0.021
0.30 0.26 0.22 0.18 0.16 0.13 0.12 0.10 0.088 0.078 0.070 0.062 0.056 0.052 0.048 0.044 0.042
0635 0670 0700 0825 0920 1040 1060 1330 1420 1600 1740 1850 2050 2350 2440 2720 3050
430 475 565 635 780 895 930 1190 1270 1440 1560 1660 1840 2020 2100 2280 2420
In case of low profile type, 6 will be put at 12th digit of type numbering system.
CAT.8100V-1
ALUMINUM ELECTROLYTIC CAPACITORS
PM
series
Standard ratings
V(Code) Size C ode I tem Cap.(F)
Co de
16 (1C) -- Case size D x L (mm) 5 x 11 5 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 15 6.3 x 15 8 x 11.5 8 x 15 8 x 15 8 x 20 8 x 20 10 x 20 10 x 20 10 x 25 10 x 31.5 12.5 x 20 12.5 x 25 12.5 x 31.5 12.5 x 31.5 12.5 x 35.5 12.5 x 40 16 x 31.5 16 x 35.5 16 x 40 18 x 35.5 18 x 40 Impedance () MAX.
20C / 100kHz -10C / 100kHz 6
Rated ripple (mArms)
105C /10kHz~ 200kHz 105C / 120Hz
Case size D x L (mm)
Impedance () MAX.
20C / 100kHz -10C / 100kHz
Rated ripple (mArms)
105C /200kHz
10kHz~
105C / 120Hz
47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 1200 1500 1800 2200 2700 3300 3900 4700 5600 6800 8200
470 560 680 820 101 121 151 181 221 271 331 391 471 561 681 821 102 122 152 182 222 272 332 392 472 562 682 822
0.80 0.65 0.50 0.42 0.35 0.29 0.23 0.20 0.16 0.14 0.12 0.10 0.090 0.075 0.065 0.055 0.047 0.041 0.036 0.032 0.028 0.025 0.023 0.022 0.020 0.019 0.018 0.017
1.60 1.30 1.00 0.84 0.70 0.58 0.46 0.40 0.32 0.28 0.24 0.20 0.18 0.15 0.13 0.11 0.094 0.082 0.072 0.064 0.056 0.050 0.046 0.044 0.040 0.038 0.036 0.034
155 175 220 240 265 290 375 405 460 550 595 730 770 950 1060 1260 1410 1430 1700 1880 2010 2230 2460 2510 2770 3110 3050 3300
92 105 135 155 175 195 260 285 335 410 455 570 615 770 845 1030 1210 1250 1490 1690 1800 1990 2160 2220 2410 2530 2610 2730
.010 x 12.5 .010 x 12.5 .010 x 15.0 .010 x 15.0 12.5 x 15.0 12.5 x 15.0 12.5 x 15.0 16 x 15.0 16 x 15.0 18 x 15.0 16 x 20.0 16 x 20.0 16 x 25.0 18 x 20.0 18 x 25.0 18 x 31.5 18 x 35.5
0.14 0.12 0.10 0.090 0.080 0.070 0.060 0.055 0.046 0.041 0.037 0.033 0.030 0.027 0.025 0.023 0.022
0.28 0.24 0.20 0.18 0.16 0.14 0.12 0.11 0.092 0.082 0.074 0.066 0.060 0.054 0.050 0.046 0.044
635 670 730 825 920 985 1060 1270 1390 1560 1700 1800 2190 2090 2350 2720 2620
430 480 570 615 745 815 895 1090 1220 1400 1530 1620 1800 1880 2060 2240 2350
V(Code) Size C ode I tem Cap.(F)
Co de
25 (1E)
-- 6
33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 1200 1500 1800 2200 2700 3300 3900 4700
330 390 470 560 680 820 101 121 151 181 221 271 331 391 471 561 681 821 102 122 152 182 222 272 332 392 472
Case size D x L (mm) 5 x 11 5 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 15 6.3 x 15 8 x 11.5 8 x 15 8 x 15 8 x 20 8 x 20 10 x 20 10 x 20 10 x 25 10 x 31.5 12.5 x 20 12.5 x 25 12.5 x 25 12.5 x 31.5 12.5 x 35.5 12.5 x 40 16 x 31.5 16 x 35.5 16 x 40 18 x 40
Impedance () MAX.
20C / 100kHz
Rated ripple (mArms)
10kHz~
-10C / 100kHz 105C /200kHz
105C / 120Hz
Case size D x L (mm)
Impedance () MAX.
20C / 100kHz
Rated ripple (mArms)
10kHz~
-10C / 100kHz 105C /200kHz
105C / 120Hz
0.80 0.65 0.55 0.44 0.36 0.30 0.24 0.20 0.16 0.14 0.11 0.095 0.085 0.070 0.065 0.055 0.046 0.041 0.036 0.032 0.029 0.026 0.024 0.022 0.020 0.019 0.018
1.60 1.30 1.10 0.88 0.72 0.60 0.48 0.40 0.32 0.28 0.22 0.19 0.17 0.14 0.13 0.11 0.092 0.082 0.072 0.064 0.058 0.052 0.048 0.044 0.040 0.038 0.036
155 175 210 235 260 285 370 405 460 550 625 750 795 985 1060 1260 1420 1440 1700 1760 1980 2230 2460 2510 2770 3110 3300
88 100 125 140 160 180 245 275 320 390 455 560 610 770 810 990 1180 1210 1430 1550 1780 1960 2120 2220 2410 2530 2660
10 x 12.5 10 x 12.5 10 x 15 10 x 15 12.5 x 15 12.5 x 15 12.5 x 15 16 x 15 16 x 15 18 x 15 18 x 15 16 x 20 16 x 25 18 x 20 18 x 25 18 x 31.5 18 x 35.5
0.15 0.13 0.11 0.095 0.080 0.070 0.060 0.055 0.049 0.043 0.039 0.034 0.031 0.028 0.025 0.023 0.021
0.30 0.26 0.22 0.19 0.16 0.14 0.12 0.11 0.098 0.086 0.078 0.068 0.062 0.056 0.050 0.046 0.042
635 670 700 825 920 985 1060 1270 1340 1520 1600 1770 2190 2050 2350 2720 3050
395 435 525 575 720 785 860 1050 1130 1310 1400 1590 1780 1840 2060 2240 2420
In case of low profile type, 6 will be put at 12th digit of type numbering system.
CAT.8100V-1
ALUMINUM ELECTROLYTIC CAPACITORS
PM
Cap.(F)
series
V(Code) Size co de
Standard ratings
35(1V) 35 (1V)
--
-- Rated ripple (mArms)
10kHz~
6
Co de
I tem
22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 1200 1500 1800 2200 2700 3300
220 270 330 390 470 560 680 820 101 121 151 181 221 271 331 391 471 561 681 821 102 122 152 182 222 272 332
V(Code) Size co de
Co de
Case size D x L (mm) 5 x 11 5 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 15 6.3 x 15 8 x 11.5 8 x 15 8 x 15 8 x 20 8 x 20 10 x 20 10 x 20 10 x 25 10 x 31.5 12.5 x 20 12.5 x 25 12.5 x 25 12.5 x 31.5 12.5 x 35.5 12.5 x 40 16 x 31.5 16 x 35.5 16 x 40 18 x 40
Impedance () MAX.
20C / 100kHz
-10C / 100kHz 105C /10kHz~ 200kHz 200kHz
105C / 120Hz
Case size D x L (mm)
Impedance () MAX.
20C / 100kHz
Rated ripple (mArms)
105C / 120Hz
10kHz~ -10C / 100kHz 105C /10kHz~ 200kHz 200kHz
0.75 0.60 0.49 0.41 0.34 0.28 0.24 0.19 0.16 0.14 0.12 0.10 0.085 0.070 0.060 0.055 0.046 0.041 0.036 0.032 0.029 0.026 0.024 0.022 0.020 0.018 0.017
1.50 1.20 0.98 0.82 0.68 0.56 0.48 0.38 0.32 0.28 0.24 0.20 0.17 0.14 0.12 0.11 0.092 0.082 0.072 0.064 0.058 0.052 0.048 0.044 0.040 0.036 0.034
160 180 225 245 270 295 370 415 460 550 595 730 795 985 1060 1260 1450 1430 1700 1760 1980 2230 2460 2510 2770 3110 3300
85 99 125 140 160 180 230 265 305 370 415 520 580 735 810 955 1130 1160 1370 1490 1710 1920 2120 2220 2410 2610 2730
10 x 12.5 10 x 12.5 10 x 15 10 x 15 12.5 x 15 12.5 x 15 12.5 x 15 16 x 15 16 x 15 18 x 15 18 x 15 16 x 20 16 x 25 18 x 20 18 x 25 18 x 31.5 18 x 35.5
0.15 0.12 0.11 0.090 0.080 0.065 0.060 0.055 0.048 0.042 0.038 0.034 0.031 0.028 0.025 0.023 0.021
0.30 0.24 0.22 0.18 0.16 0.13 0.12 0.11 0.096 0.084 0.076 0.068 0.062 0.056 0.050 0.046 0.042
635 680 700 825 920 1020 1060 1270 1360 1540 1620 1770 2190 2050 2350 2720 3050
375 435 500 560 690 780 825 1010 1100 1270 1370 1530 1740 1840 2060 2240 2420
50 (1H)
-- 6
I tem
Cap.(F)
0.47 0.68 1 1.5 2.2 3.3 4.7 6.8 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 1200 1500 1800 2200
R47 R68 010 1R5 2R2 3R3 4R7 6R8 100 120 150 180 220 270 330 390 470 560 680 820 101 121 151 181 221 271 331 391 471 561 681 821 102 122 152 182 222
Case size D x L (mm) 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 15 6.3 x 15 8 x 11.5 8 x 15 8 x 20 8 x 20 10 x 20 10 x 20 10 x 25 10 x 31.5 10 x 31.5 12.5 x 25 12.5 x 25 12.5 x 31.5 12.5 x 35.5 12.5 x 40 16 x 31.5 16 x 35.5 16 x 40 18 x 35.5 18 x 40
Impedance () MAX.
20C / 100kHz -10C / 100kHz
Rated ripple (mArms)
105C /200kHz
10kHz~
105C / 120Hz
Case size D x L (mm)
Impedance () MAX.
20C / 100kHz -10C / 100kHz
Rated ripple (mArms)
105C /200kHz
10kHz~
105C / 120Hz
23.0 16.0 11.0 7.50 5.00 3.30 2.20 1.80 1.40 1.20 0.93 0.80 0.65 0.53 0.43 0.36 0.30 0.25 0.20 0.17 0.14 0.12 0.10 0.085 0.075 0.065 0.055 0.048 0.044 0.040 0.036 0.033 0.030 0.028 0.026 0.025 0.024
46.0 32.0 22.0 15.0 10.0 6.60 4.40 3.60 2.80 2.40 1.86 1.60 1.30 1.06 0.86 0.72 0.60 0.50 0.40 0.34 0.28 0.24 0.20 0.17 0.15 0.13 0.11 0.096 0.088 0.080 0.072 0.066 0.060 0.056 0.052 0.050 0.048
22 28 36 45 54 66 81 91 115 125 145 165 195 215 240 260 330 360 415 505 620 755 820 945 1150 1200 1300 1440 1500 1720 1900 2120 2150 2320 2650 2620 2790
11 14 18 22 27 33 40 45 57 62 72 79 100 115 135 150 195 220 255 320 410 455 570 635 760 900 995 1120 1190 1360 1530 1700 1830 1990 2170 2210 2300
10 x 12.5 10 x 15 10 x 15 12.5 x 15 12.5 x 15 12.5 x 15 16 x 15 16 x 15 16 x 15 18 x 15 16 x 20 16 x 20 18 x 20 18 x 25 18 x 31.5 18 x 31.5
0.18 0.16 0.13 0.11 0.095 0.080 0.070 0.060 0.055 0.046 0.044 0.040 0.036 0.033 0.031 0.029
0.36 0.32 0.26 0.22 0.19 0.16 0.14 0.12 0.11 0.092 0.088 0.080 0.072 0.066 0.062 0.058
530 580 755 785 845 920 1120 1210 1270 1470 1550 1630 1810 2020 2140 2340
330 385 435 545 605 670 840 925 990 1170 1260 1350 1530 1730 1880 1990
In case of low profile type, 6 will be put at 12th digit of type numbering system.
CAT.8100V-1
ALUMINUM ELECTROLYTIC CAPACITORS
PM
series
Standard ratings
V(Code) Size co de I tem Cap.(F)
Co de
63 (1J) 6 Case size Case size Rated ripple (mArms) Rated ripple (mArms) Impedance () MAX. Impedance () MAX. D x L D x L 10kHz~ 20C / 100kHz -10C / 100kHz 105C / 200kHz 105C / 120Hz 20C / 100kHz -10C / 100kHz 105C /10kHz~ 105C / 120Hz (mm) (mm) 200kHz ..5 x 11 ..5 x 11 6.3 x 11. 6.3 x 11. 6.3 x 11. 6.3 x 11. 6.3 x 15. 6.3 x 15. .....8 x 11.5 ..8 x 15 ..8 x 15 ..8 x 20 10 x 20 10 x 20 10 x 25 ...10 x 31.5 12.5 x 20... 12.5 x 25... 12.5 x 25... 12.5 x 31.5 12.5 x 35.5 12.5 x 40... ...16 x 31.5 ...16 x 35.5 16 x 40 18 x 40 1.06 0.93 0.73 0.63 0.52 0.43 0.35 0.30 0.25 0.21 0.17 0.15 0.12 0.10 0.090 0.075 0.065 0.055 0.049 0.043 0.039 0.035 0.032 0.029 0.027 0.025 2.12 1.86 1.46 1.26 1.04 0.86 0.70 0.60 0.50 0.42 0.34 0.30 0.24 0.20 0.18 0.15 0.13 0.11 0.098 0.086 0.078 0.070 0.064 0.058 0.054 0.050 135 145 185 195 215 240 305 330 365 450 500 600 750 820 950 1110 1140 1340 1420 1620 1780 1950 2050 2220 2370 2510 67 72 92 100 110 130 170 190 215 275 315 385 495 555 665 790 835 1000 1090 1260 1420 1580 1700 1880 2050 2210 --
10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 1200
100 120 150 180 220 270 330 390 470 560 680 820 101 121 151 181 221 271 331 391 471 561 681 821 102 122
V(Code) Size co de Item
...10 x 12.5 ...10 x 12.5 10 x 15 12.5 x 15... 12.5 x 15... 12.5 x 15... 16 x 15 16 x 15 18 x 15 18 x 15 16 x 20 16 x 25 18 x 20 18 x 25 ...18 x 31.5 ...18 x 35.5
0.23 0.19 0.16 0.14 0.12 0.095 0.080 0.070 0.060 0.050 0.047 0.042 0.039 0.035 0.032 0.029
0.46 0.38 0.32 0.28 0.24 0.19 0.16 0.14 0.12 0.10 0.094 0.084 0.078 0.070 0.064 0.058
450 495 580 695 750 845 1050 1120 1290 1410 1500 1700 1730 1940 2110 2280
275 310 375 460 510 590 750 820 965 1080 1170 1350 1400 1610 1780 1970
80 (1K)
--
6
Rated ripple (mArms)
105C / 120Hz
Cap.(F)
Co de
Case size D x L (mm)
Impedance () MAX.
20C / 100kHz
-10C / 100kHz 105C / 10kHz ~ 200kHz
Case size D x L (mm)
Impedance () MAX.
20C / 100kHz
Rated ripple (mArms)
105C / 120Hz
-10C / 100kHz 105C / 10kHz ~ 200kHz
4.7 6.8 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000
4R7 6R8 100 120 150 180 220 270 330 390 470 560 680 820 101 121 151 181 221 271 331 391 471 561 681 821 102
5 x 11 5 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 15 6.3 x 15 8 x 11.5 8 x 15 8 x 15 8 x 20 10 x 20 10 x 20 10 x 25 10 x 31.5 10 x 31.5 12.5 x 25 12.5 x 31.5 12.5 x 31.5 12.5 x 35.5 12.5 x 40 16 x 31.5 16 x 35.5 16 x 40 18 x 35.5 18 x 40
4.20 2.60 1.70 1.40 1.20 1.00 0.77 0.63 0.53 0.46 0.39 0.34 0.28 0.25 0.21 0.18 0.15 0.13 0.12 0.10 0.088 0.078 0.069 0.062 0.055 0.049 0.044
11.00 7.00 4.60 3.80 3.20 2.70 2.10 1.70 1.40 1.20 1.10 0.92 0.76 0.68 0.57 0.49 0.41 0.35 0.32 0.27 0.24 0.21 0.19 0.17 0.15 0.13 0.12
53 68 87 96 104 150 180 220 275 300 360 490 570 620 795 870 955 1040 1160 1270 1450 1610 1790 2000 2200 2250 2370
26 34 43 48 52 58 71 80 132 156 175 208 264 284 347 406 459 520 595 667 767 822 1150 1300 1470 1590 1790
10 x 12.5 10 x 12.5 10 x 15 12.5 x 15 12.5 x 15 12.5 x 15 16 x 15 16 x 15 16 x 15 18 x 15 16 x 20 16 x 25 18 x 20 18 x 25 18 x 31.5 18 x 31.5
0.49 0.42 0.36 0.31 0.27 0.23 0.20 0.18 0.15 0.13 0.11 0.099 0.089 0.080 0.072 0.065
1.30 1.10 0.97 0.84 0.73 0.62 0.54 0.47 0.41 0.35 0.30 0.27 0.24 0.22 0.19 0.18
380 410 500 520 560 605 663 699 766 881 1240 1440 1450 1650 1750 1850
155 174 202 249 273 308 444 484 543 643 742 874 908 1060 1210 1300
In case of low profile type, 6 will be put at 12th digit of type numbering system.
CAT.8100V-1
ALUMINUM ELECTROLYTIC CAPACITORS
PM
series
Standard ratings
V(Code) Size co de Item Cap.(F)
Co de
100 (2A) --
Case size D x L (mm)
5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 15 6.3 x 15 8 x 11.5 8 x 15 8 x 15 8 x 20 10 x 20 10 x 20 10 x 25 10 x 31.5 10 x 31.5 12.5 x 25 12.5 x 25 12.5 x 31.5 12.5 x 35.5 12.5 x 40 16 x 31.5 16 x 35.5 16 x 40 18 x 35.5 18 x 40
6
Rated ripple (mArms)
105C / 120Hz
8 11 13 17 21 27 34 41 52 57 65 73 122 146 169 202 252 274 326 386 438 519 553 641 730 843 1160 1340 1530 1680 1910 10 x 12.5 10 x 12.5 10 x 15 12.5 x 15 12.5 x 15 12.5 x 15 16 x 15 16 x 15 16 x 15 18 x 15 16 x 20 16 x 25 18 x 20 18 x 25 18 x 31.5 18 x 35.5 0.50 0.42 0.36 0.31 0.27 0.23 0.19 0.17 0.14 0.12 0.11 0.093 0.080 0.070 0.062 0.056 1.40 1.10 0.97 0.84 0.73 0.62 0.51 0.46 0.38 0.32 0.30 0.25 0.22 0.19 0.17 0.15 380 410 500 520 560 605 681 719 793 917 1240 1440 1450 1650 1850 1970 145 166 193 239 258 289 433 475 531 635 706 854 918 1080 1240 1410
Impedance () MAX.
20C / 100kHz
43.0 23.0 17.0 10.0 6.60 4.10 2.80 1.90 1.20 1.00 0.81 0.67 0.55 0.47 0.38 0.33 0.28 0.24 0.21 0.18 0.15 0.13 0.11 0.098 0.087 0.072 0.062 0.053 0.047 0.041 0.036
0.47 0.68 1 1.5 2.2 3.3 4.7 6.8 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680
R47 R68 010 1R5 2R2 3R3 4R7 6R8 100 120 150 180 220 270 330 390 470 560 680 820 101 121 151 181 221 271 331 391 471 561 681
10kHz ~ -10C / 100kHz 105C / 200kHz 17 116.0
62.0 46.0 27.0 18.0 11.0 7.60 5.10 3.20 2.70 2.20 1.80 1.50 1.30 1.00 0.89 0.76 0.65 0.57 0.49 0.41 0.35 0.30 0.26 0.23 0.19 0.17 0.14 0.13 0.11 0.097 23 27 35 43 54 68 83 104 150 180 220 275 300 360 490 570 620 795 870 955 1040 1120 1270 1450 1610 1790 2000 2200 2250 2300
Case size D x L (mm)
Impedance () MAX.
20C / 100kHz
Rated ripple (mArms)
105C / 120Hz
-10C / 100kHz 105C / 10kHz ~ 200kHz
In case of low profile type, 6 will be put at 12th digit of type numbering system.
V(Code)
160
2C 8 x 11.5 8 x 11.5 10 x 12.5 10 x 12.5 10 x 15 12.5 x 20 12.5 x 25 16 x 25 16 x 35.5 19 30 50 57 90 140 175 220 330
200
2D 8 x 11.5 8 x 11.5 10 x 12.5 10 x 15 10 x 20 12.5 x 25 16 x 25 16 x 25 18 x 40 19 30 50 60 95 145 180 220 345
250
2E 8 x 11.5 10 x 12.5 10 x 15 10 x 15 12.5 x 20 16 x 25 16 x 25 16 x 31.5 18 x 40 19 32 52 60 98 150 180 225 345
315
2F 8 x 11.5 10 x 12.5 10 x 15 10 x 20 12.5 x 20 16 x 25 16 x 31.5 18 x 35.5 19 32 52 65 98 150 185 235
350
2V 10 x 12.5 10 x 15 10 x 20 10 x 20 12.5 x 25 16 x 25 16 x 35.5 18 x 40 21 34 54 65 100 150 190 240
400
2G 10 x 12.5 10 x 15 10 x 20 12.5 x 20 12.5 x 25 16 x 31.5 18 x 35.5 17 28 47 55 85 130 170
450
2W 10 x 15 10 x 20 12.5 x 20 12.5 x 25 16 x 25 16 x 35.5 18 x 40 17 28 48 55 90 135 170
Cap.(F)
Code
1 2.2 3.3 4.7 10 22 33 47 100
010 2R2 3R3 4R7 100 220 330 470 101
Case size D x L (mm)
Rated Ripple (mArms) at 105C 120Hz
CAT.8100V-1


▲Up To Search▲   

 
Price & Availability of UPM1E471MPD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X