Part Number Hot Search : 
MG1401A BU508D XTL1011 MMU0102 382503 D2495 F103Z TDA2616
Product Description
Full Text Search
 

To Download UKL1E471MDD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
KL
Low Leakage Current
series
Standard low leakage current series. Adapted to the RoHS directive (2002/95/EC).
VR
Low Leakage Current
KL
Specifications
Item Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Leakage Current Performance Characteristics
- 40 ~ +85C ( 6.3 ~ 100V 0.1 ~ 10000F
- 40 ~ +105C product also available upon request, but product rated at up to 50V less than or equal to 10 x 12.5 Lmm)
20% (M), 10% (K) at 120Hz 20C After 1 minute's (for case size 10 x 12.5 or smaller) or 2 minute's (for case size 10 x 16 or larger) application of rated voltage, leakage current is not more than 0.002CV or 0.2 (A) whichever is greater.
Rated voltage (V) ~10 x 12.5 10 x 16 ~
tan
tan (MAX.)
6.3 0.18 0.21
10 0.15 0.17
16 0.12 0.14
25 0.08 0.12
35 0.08 0.12
50 0.08 0.10
63 0.07 0.08
100 0.07 0.08
120Hz, 20C
For capacitance of more than 1000F, add 0.02 for every increace of 1000F. Rated voltage (V) Impedance ratio Z- 25C / Z+20C ZT / Z20 (MAX.) Z- 40C / Z+20C
stability at Low Temperature
6.3 3 (4) 5 (8)
10 2 (3) 4 (6)
16 2 3 (4)
25 1.5 2 (4)
35 1.5 2 (3)
50 1.5 2 (3)
63 1.5 2 (3)
100 1.5 2 (3)
120Hz Values in ( ) applicable to 10 x 16 or larger case size.
Endurance
After 2000 hours' application of rated voltage at 85C, or 1000 hours' at 105C, capacitors meet the characteristics requirements listed at right.
Capacitance change tan Leakage current
Within 15% of initial value (6.3V : Within 20%) 150% or less of initial specified value Initial specified value or less
Shelf Life Marking
After storing the capacitors under no load at 85C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20C, they will meet the specified value for endurance characteristics listed above. Printed with white color letter on black sleeve.
Radial Lead Type
Sleeve (P.E.T.)
d
Type numbering system (Example : 10V 47F)
1 2 3 4 5 6 7 8 9 10 11 12 13 14
UK L 1 A 4 7 0 MDD ANA
D+0.5MAX. P 0.5
2 Configuration 1 Capacitance tolerance (M : 20%, K : 10%) Rated Capacitance (47F) Rated voltage (10V) Series name Type
Pressure relief vent
(6.3up )
L+
MAX.
15 MIN
4 MIN
(mm)
(~ 10 x 12.5) 1.0 (10 x 16 ~) 1.5
D P d
2 In case 105C unit is required 1 Configuration D 5 6.3 8 * 10 12.5 ~ 18
Pb-free leadwire Pb-free PET sleeve
5 2.0 0.5
6.3 2.5 0.5
8 3.5 0.6
10 5.0 0.6
12.5 5.0 0.6
16 7.5 0.8
18 7.5 0.8
DD ED PD HD
* Please refer to page 21 about the end seal configulation.
Frequency coefficient of rated ripple current
Cap.(F) Frequency
50Hz 0.75 0.80 0.85
120Hz 1.00 1.00 1.00
300Hz 1.35 1.23 1.10
1kHz 1.57 1.34 1.13
10kHz ~ 2.00 1.50 1.15
~ 68 100 ~ 680 1000 ~ 10000
Please refer to page 21, 22, 23 about the formed or taped product spec. Please refer to page 3 for the minimum order quantity.
Dimension table in next page.
CAT.8100V-1
ALUMINUM ELECTROLYTIC CAPACITORS
KL
Cap.(F)
series
Dimensions
V Code
6.3 0J
10 1A
16 1C
25 1E 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 6.3 x 11 6.3 x 11 8 x 11.5 8 x 11.5 10 x 12.5 10 x 16 10 x 20 12.5 x 20 12.5 x 25 16 x 25 16 x 31.5 16 x 35.5 18 x 40 45 55 70 85 100 140 170 230 280 370 400 490 660 810 1010 1270 1440 1720
4.7 6.8 10 15 22 33 47 68 100 150 220 330 470 680 1000 1500 2200 3300 4700 6800 10000
4R7 6R8 100 150 220 330 470 680 101 151 221 331 471 681 102 152 222 332 472 682 103
10 x 12.5 10 x 16 10 x 20 12.5 x 25 12.5 x 25 16 x 25 16 x 31.5 18 x 35.5 18 x 40
390 480 650 910 1060 1270 1500 1760 1900
5 x 11 6.3 x 11 6.3 x 11 8 x 11.5 8 x 11.5 10 x 12.5 10 x 16 10 x 20 12.5 x 20 12.5 x 25 16 x 25 16 x 31.5 16 x 35.5 18 x 35.5
110 150 180 250 310 400 530 600 810 1020 1200 1420 1650 1890
5 x 11 5 x 11 5 x 11 5 x 11 6.3 x 11 6.3 x 11 8 x 11.5 8 x 11.5 10 x 12.5 10 x 16 10 x 20 12.5 x 20 12.5 x 25 16 x 25 16 x 25 16 x 35.5 18 x 35.5
55 70 85 100 140 160 230 280 370 420 550 730 910 1150 1300 1550 1820
V Cap.(F) Code
35 1V
50 1H 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 6.3 x 11 6.3 x 11 8 x 11.5 8 x 11.5 10 x 12.5 10 x 16 10 x 20 12.5 x 20 12.5 x 20 16 x 25 16 x 25 16 x 31.5 18 x 40 1.1 1.6 2.3 3.5 5.0 7.3 10.7 16 23 40 45 55 70 95 110 165 190 250 320 420 490 600 760 910 1140 1480
63 1J
100 2A 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 6.3 x 11 8 x 11.5 8 x 11.5 10 x 12.5 10 x 16 10 x 20 10 x 20 12.5 x 20 12.5 x 25 16 x 25 16 x 31.5 18 x 35.5 2.1 3.2 4.7 7.0 10.1 14.5 19 23 28 45 50 65 90 110 136 180 220 290 370 470 580 730 910
0.1 0.15 0.22 0.33 0.47 0.68 1 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 100 150 220 330 470 680 1000 1500 2200
0R1 R15 R22 R33 R47 R68 010 1R5 2R2 3R3 4R7 6R8 100 150 220 330 470 680 101 151 221 331 471 681 102 152 222
5 x 11 6.3 x 11 6.3 x 11 8 x 11.5 8 x 11.5 10 x 12.5 10 x 16 10 x 20 12.5 x 20 12.5 x 25 16 x 25 16 x 25 16 x 35.5 18 x 35.5
85 110 140 190 230 300 400 440 550 680 840 1100 1390 1580
5 x 11 6.3 x 11 6.3 x 11 8 x 11.5 8 x 11.5 10 x 12.5 10 x 16 10 x 20 12.5 x 20 12.5 x 20 12.5 x 25 16 x 25 16 x 31.5 18 x 35.5
59 75 100 115 170 200 270 330 450 550 710 850 1050 1330
Case size D x L (mm)
Rated ripple
Rated Ripple (mArms) at 85C 120Hz Rated Ripple (mA rms) of 105C product : 70 percent value of rated ripple of 85C product at 105C 120Hz
CAT.8100V-1


▲Up To Search▲   

 
Price & Availability of UKL1E471MDD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X