Part Number Hot Search : 
ON1111 68710H VCS1625 Q4840 SDA803AS 1GT101DC P89C52BN 1N5236
Product Description
Full Text Search
 

To Download UHV1E151MED Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
HV
High Ripple Low Impedance
series
Approved by Reliability Center for Electronic Component, Japan-Certification No. RCJ-03-23C
Lower impedance at high frequency range. Smaller case size and high ripple current. Adapted to the RoHS directive (2002/95/EC).
HD
Smaller
HV
Specifications
ltem Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Leakage Current
Performance Characteristics
- 40 ~ +105C 6.3 ~ 35V 47 ~ 8200F 20% at 120Hz, 20C After 2 minutes' application of rated voltage, leakage current is not more than 0.01CV or 3 (A), whichever is greater.
Rated voltage (V) 6.3 0.21 10 0.18 16 0.15 25 0.13 35 0.11 120Hz 20C
tan
tan (MAX.)
For capacitance of more than 1000F, add 0.02 for every increase of 1000F. Rated voltage (V)
Stability at Low Temperature
6.3 2 3
10 2 3
16 2 3
25 2 3
35 2 3
120Hz
Impedance ratio ZT / Z20 (MAX.)
Z-25C / Z+20C Z-40C / Z+20C
< After an application of D.C. bias voltage plus the rated ripple current for 6000 hours ( D = 6.3 : 5000 hours) at 105C the peak voltage shall not exceed the rated D.C. voltage, capacitors meet the characteristic requirements listed below.
Endurance
Capacitance change tan Leakage current
Marking
Within 25% of initial value (6.3V 10V : 30%) 200% or less of initial specified value lnitial specified value or less
Printed with white color letter on black sleeve.
Radial Lead Type
Sleeve (P.E.T.) +0.5 MAX.
fd
Type numbering system (Example : 25V 150F)
UHV 1 E 1 5 1 M ED
P 0.5
1 2 3 4 5 6 7 8 9 10 11 12 Size code Configuration Capacitance tolerance ( 20%) Rated Capacitance (150mF) Rated voltage (25V) Series name Type
(f6.3up)
Pressure relief vent
fD
L+ MAX.
15MIN
4MIN
(L < 20) 1.5 (L 20) 2.0
fD
P
In case L > 25 for the f12.5 dia. unit, lead dia. f d = 0.8mm.
* Please refer to page 21 about the end seal configulation.
fd
(mm) 5 6.3 8 10 12.5 16 2.0 2.5 3.5 5.0 5.0 7.5 0.5 0.5 0.6 0.6 0.6 0.8
Configuration Pb-free leadwire fD Pb-free PET sleeve 5 DD 6.3 ED 8 a 10 PD 12.5 a 16 HD
Please refer to page 21, 22, 23 about the formed or taped product spec. Please refer to page 3 for the minimum order quantity.
Dimension table in next page.
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
HVseri
Cap.(F) 100 150 220 330 470 680 820 1000 1200 1500 1800 2200 2700 3300 3900 4700 5600 6800 8200
es
Standard ratings
V (Code)
6.3 (0J)
Case size D x L (mm)
10 (1A)
Case size D x L (mm)
16 (1C)
Case size D x L (mm)
Impedance () MAX. Rated ripple
(mArms) 20C / 100kHz -10C / 100kHz 105C / 100kHz
Impedance () MAX. Rated ripple
(mArms) 20C / 100kHz -10C / 100kHz 105C / 100kHz
Impedance () MAX. Rated ripple
(mArms) 20C / 100kHz -10C / 100kHz 105C / 100kHz
Item Code
101 151 221 331 471 681 821 102 122 152 182 222 272 332 392 472 562 682 822
V (Code)
5 x 11 5 x 11 5 x 11 6.3 x 11 6.3 x 11 8 x 11.5 8 x 11.5 10 x 12.5 10 x 12.5 8 x 15 8 x 20 10 x 16 10 x 20 10 x 25 12.5 x 20 12.5 x 20 12.5 x 25 12.5 x 31.5 12.5 x 35.5 16 x 20 16 x 25
0.23 0.10 0.10 0.059 0.059 0.043 0.046 0.030 0.030 0.031 0.019 0.019 0.017 0.016 0.014 0.012 0.014 0.011 0.012
0.76 0.33 0.33 0.181 0.181 0.133 0.143 0.095 0.095 0.105 0.057 0.057 0.051 0.041 0.036 0.031 0.036 0.029 0.033
360 450 550 830 990 1360 1330 1650 1815 1550 1930 2160 2475 2725 3190 3795 3575 3925 3990
0.23 0.10 0.10 0.059 0.059 0.043 0.043 0.046 0.030 0.030 0.031 0.019 0.017 0.016 0.016 0.014 0.012 0.014 0.011 0.012
0.76 0.33 0.33 0.181 0.181 0.133 0.133 0.143 0.095 0.095 0.105 0.057 0.051 0.041 0.041 0.036 0.031 0.036 0.029 0.033
360 450 550 820 990 1250 1360 1330 1650 1815 1550 2160 2475 2450 2725 3190 3795 3575 3925 3990
6.3 x 11 6.3 x 11 8 x 11.5 8 x 11.5 10 x 12.5 8 x 15 10 x 16 10 x 16 8 x 20 10 x 20 10 x 20 10 x 25 12.5 x 20 12.5 x 25 12.5 x 31.5 16 x 20 12.5 x 35.5 16 x 25
0.23 0.10 0.10 0.059 0.059 0.043 0.043 0.046 0.031 0.030 0.019 0.017 0.016 0.016 0.014 0.012 0.011 0.014 0.012
0.76 0.33 0.33 0.181 0.181 0.133 0.133 0.143 0.105 0.095 0.057 0.051 0.041 0.041 0.036 0.031 0.029 0.036 0.033
360 460 550 900 990 1250 1360 1330 1550 1815 2160 2475 2500 2725 3190 3795 3925 3575 3990
6.3 x 11 6.3 x 11 8 x 11.5 8 x 11.5 10 x 12.5 10 x 12.5 8 x 15 10 x 16 10 x 16 8 x 20 10 x 20 10 x 25 12.5 x 20 12.5 x 20 12.5 x 25 12.5 x 31.5 16 x 20 12.5 x 35.5 16 x 25
25 (1E)
Case size D x L (mm)
35 (1V)
Case size D x L (mm)
Impedance () MAX. Rated ripple
(mArms) 20C / 100kHz -10C / 100kHz 105C / 100kHz
Impedance () MAX. Rated ripple
(mArms) 20C / 100kHz -10C / 100kHz 105C / 100kHz
Item
: In this case, 6 will be put at 12th digit of type numbering system.
Cap.(F) 47 68 100 150 220 270 330 390 470 560 680 820 1000 1200 1500 1800 2200 2700 3300
Code
470 680 101 151 221 271 331 391 471 561 681 821 102 122 152 182 222 272 332 5 x 11 6.3 x 11 6.3 x 11 8 x 11.5 8 x 11.5 8 x 11.5 8 x 15 10 x 12.5 8 x 20 10 x 16 10 x 20 10 x 25 12.5 x 20 12.5 x 20 12.5 x 25 12.5 x 31.5 16 x 20 12.5 x 35.5 16 x 25
5 x 11
0.23 0.10 0.10 0.059 0.059 0.046 0.043 0.031 0.030 0.019 0.017 0.016 0.016 0.014 0.012 0.014 0.011 0.012
0.76 0.33 0.33 0.181 0.181 0.143 0.133 0.105 0.095 0.057 0.051 0.041 0.041 0.036 0.031 0.036 0.029 0.033
360 450 550 820 990 1330 1360 1550 1815 2160 2475 2725 2920 3190 3795 3575 3925 3990
0.23 0.10 0.10 0.059 0.059 0.059 0.046 0.043 0.031 0.030 0.019 0.017 0.016 0.016 0.014 0.012 0.014 0.011 0.012
0.76 0.33 0.33 0.181 0.181 0.181 0.143 0.133 0.105 0.095 0.057 0.051 0.041 0.041 0.036 0.031 0.036 0.029 0.033
360 450 550 810 900 990 1330 1360 1550 1815 2160 2475 2180 2725 3190 3795 3575 3925 3990
6.3 x 11 6.3 x 11 8 x 11.5 8 x 11.5 8 x 15 10 x 12.5 8 x 20 10 x 16 10 x 20 10 x 25 12.5 x 20 12.5 x 20 12.5 x 25 12.5 x 31.5 16 x 20 12.5 x 35.5 16 x 25
Frequency coefficient of rated ripple current
Cap. (F) Frequency
120Hz
0.40 0.50 0.60 0.75 0.85
1kHz
0.75 0.85 0.87 0.90 0.95
10kHz
0.90 0.94 0.95 0.95 0.98
100kHz
1.00 1.00 1.00 1.00 1.00
47 220 680 2200 4700
~ ~ ~ ~ ~
150 560 1800 3900 8200
CAT.8100V


▲Up To Search▲   

 
Price & Availability of UHV1E151MED

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X