Part Number Hot Search : 
TB0258A 3F3P6 BPW20 FR120 1N6325E3 2F8718DS 019071 2N2905AL
Product Description
Full Text Search
 

To Download UHE1E122 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
HE
Miniature Sized, Low Impedance,High Reliability
series
Approved by Reliability Center for Electronic Component, Japan-Certification No. RCJ-03-23C
Low impedance and high reliability withstanding 4000 hours to 10000 hours. Adapted to the RoHS directive (2002/95/EC).
HE
Specifications
ltem
Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Leakage Current
Long Life
HD
Performance Characteristics
- 40 ~ +105C 6.3 ~ 100V 0.47 ~ 18000F 20% at 120Hz, 20C After 2 minutes' application of rated voltage, leakage current is not more than 0.01CV or 3 (A), whichever is greater.
Rated voltage (V) 6.3 0.22 10 0.19 16 0.16 25 0.14 35 0.12 50 0.10 63 0.09 100 0.08
120Hz 20C
tan
tan (MAX.)
For capacitance of more than 1000F, add 0.02 for every increase of 1000F.
Rated voltage (V)
Stability at Low Temperature
6.3 4 8
10 3 6
16 2 4
25 2 3
35 2 3
50 2 3
63 2 3
100 2 3
120Hz
Impedance ratio ZT / Z20 (MAX.)
Z-25C / Z+20C Z-40C / Z+20C
After an application of D.C. bias voltage plus the rated ripple current for stated in the below at 105C the peak voltage shall not exceed the rated D.C. voltage, capacitors shall meet the following requirements.
Case size
Endurance
D < 6.3 = 4000 hours 5000 hours
D = 8 , 10 6000 hours 7000 hours
D > 12.5 = 8000 hours 10000 hours
Rated voltage (V)
6.3 ~ 10WV 16 ~ 100WV
Capacitance change tan Leakage current
Marking
Within 25% of initial value 200% or less of initial specified value lnitial specified value or less
Printed with white color letter on black sleeve.
Radial Lead Type
Sleeve (P.E.T.) +0.5MAX.
d
Type numbering system (Example : 10V 1000F)
UHE 1 A 1 0 2 M PD
4MIN P 0.5
1 2 3 4 5 6 7 8 9 10 11 12 Size code Configuration Capacitance tolerance ( 20%) Rated Capacitance (1000F) Rated voltage (10V) Series name Type
D
Pressurerelief vent (6.3up)
L+ MAX.
D
15MIN
(L < 20) 1.5 (L 20) 2.0
(mm) 5 6.3 8 10 12.5 16 18 P 2.0 2.5 3.5 5.0 5.0 7.5 7.5 d 0.5 0.5 0.6 0.6 0.6 0.8 0.8 In case L > 25 for the 12.5 dia. unit, lead dia. d = 0.8mm
* Please refer to page 21 about the end seal configulation.
Frequency coefficient of rated ripple current
Cap. (F) Frequency
Configuration Pb-free leadwire D Pb-free PET sleeve 5 DD 6.3 ED 8 a 10 PD 12.5 ~ 18 HD
10kHz~ 1.00 1.00 1.00 1.00
50Hz
0.45 0.60 0.65 0.75
120Hz 0.55 0.70 0.75 0.80
300Hz 0.70 0.85 0.90 0.95
1kHz 0.90 0.95 0.98 1.00
0.47 ~ 33 39 ~ 330 390 ~ 1000 1200 ~ 18000
Please refer to page 21, 22, 23 about the formed or taped product spec. Please refer to page 3 for the minimum order quantity.
Dimension table in next page.
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
HE
series
Standard ratings
V (Code)
6.3 (0J)
Case size Impedance (1/2) MAX. Rated ripple (mArms) 20uC / 100kHz 10uC / 100kHz 105uC / 100kHz Case size
10 (1A)
Impedance (1/2) MAX. Rated ripple (mArms) 20uC / 100kHz 0.58 10uC / 100kHz 105uC / 100kHz 2.3 210
Item Cap.(F) Code 101 151 221 331 471
fD L
(mm)
fD L
(mm) 5
100 150 220 330 470 680 820 1000

11
5

11
0.58
2.3
210 6.3 11 0.22 0.87 340
6.3
11
0.22
0.87
340 8 8 11.5 15 12.5 0.13 0.087 0.080 0.52 0.35 0.32 640 840 865
681
8

11.5
0.13
0.52
640 10
821
10
12.5
0.080
0.32
865 8 20 16 0.069 0.060 0.27 0.24 1050 1210
102
8
15
0.087
0.35
840 10
8
20 16
0.069 0.060
0.27 0.24
1050 10 1210 10
1200
122 10
20
0.046
0.18
1400
25 15
0.042 0.049
0.17 0.16
1650 1450
1500 1800
152
10
20
0.046
0.18
1400 12.5
182
12.5
15
0.049
0.16
1450 10 31.5 20 15 0.031 0.035 0.042 0.12 0.12 0.12 1910 1900 1940
2200
222
10
25
0.042
0.17
1650
12.5 16

10
31.5 15 20 25 15 31.5 35.5
0.031 0.042 0.035 0.027 0.043 0.024 0.020
0.12 0.12 0.12 0.089 0.11 0.078 0.065
1910 18 1940 1900 2230 2210 2650 2880
2700 3300 3900 4700
272 16 332 12.5 12.5 392 18 472 12.5 12.5
15
0.043
0.11
2210
12.5 12.5 16 12.5 12.5 16
25 31.5 20 35.5 40 25 20
0.027 0.024 0.027 0.020 0.017 0.021 0.026
0.089 0.078 0.078 0.065 0.056 0.060 0.067
2230 2650 2530 2880 3350 2930 2860
5600
562 16
20
0.027
0.078
2530 18
12.5
40 25 20
0.017 0.021 0.026
0.056 0.060 0.067
3350 16 2930 2860 18 16
31.5
0.017
0.050
3450
6800
682
16 18
25 35.5 31.5 40 35.5
0.019 0.015 0.015 0.013 0.014
0.049 0.044 0.040 0.038 0.038
3140 3610 4170 4080 4220
8200
822
16
31.5
0.017
0.050
3450 18
16
35.5 25 40 31.5 35.5 40
0.015 0.019 0.013 0.015 0.014 0.012
0.044 0.049 0.038 0.040 0.038 0.032
3610 3140 4080
16 18
10000
103 18 16
12000 15000 18000
123 18 153 183 18 18
18 4170 4220 4280
40
0.012
0.032
4280
: In this case, 6 will be put 12th digit type numbering system. : In this case, 3 will be put 12th digit type numbering system.
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
HE
series
Standard ratings
V (Code)
16 (1C)
Case size Impedance (1/2) MAX. Rated ripple (mArms) 20uC / 100kHz 10uC / 100kHz 105uC / 100kHz Case size
25 (1E)
Impedance (1/2) MAX. Rated ripple (mArms) 20uC / 100kHz 0.58 10uC / 100kHz 105uC / 100kHz 2.3 210
Item Cap.(F) Code 470 560 101 121 221
fD L
(mm)
fD L
(mm) 5
47 56 100 120 220 330
11
5

11
0.58
2.3
210 6.3

11
0.22
0.87
340
6.3
11
0.22
0.87
340 8 8 11.5 15 12.5 20 16 20 15 25 31.5 20 15 15 0.13 0.087 0.080 0.069 0.06 0.046 0.049 0.042 0.031 0.035 0.042 0.043 0.52 0.35 0.32 0.27 0.24 0.18 0.16 0.17 0.12 0.12 0.12 0.11 640 840 865 1050 1210 1400 1450 1650 1910 1900 1940 2210
331
8

11.5
0.13
0.52
640 10
8
15 12.5 20 16
0.087 0.080 0.069 0.060
0.35 0.32 0.27 0.24
840 865 1050 1210
8 10 10 12.5 10
470
471 10 8
680 820
681 10 821 10
20
0.046
0.18
1400
10 12.5
1000
102 12.5
15
0.049
0.16
1450 16
1200
122
10 10
25 31.5 20 15
0.042 0.031 0.035 0.042
0.17 0.12 0.12 0.12
1650 1910 1900 1940
18
1500
152
12.5 16
12.5
25
0.027
0.089
2230
12.5
31.5 20 35.5 20 40 25 31.5 25
0.024 0.027 0.020 0.026 0.017 0.021 0.017 0.019
0.078 0.078 0.065 0.067 0.056 0.060 0.050 0.049
2650 2530 2880 2860 3350 2930 3450 3140
1800
182 16 12.5
2200
222 18 12.5

25 15 31.5 20
0.027 0.043 0.024 0.027
0.089 0.11 0.078 0.078
2230 2210 2650 2530
12.5 18 12.5 16 16
2700
272 16
3300
332
12.5
35.5
0.020
0.065
2880 18
12.5
40 25 20 31.5 25 35.5 31.5 40 35.5 40
0.017 0.021 0.026 0.017 0.019 0.015 0.015 0.013 0.014 0.012
0.056 0.060 0.067 0.050 0.049 0.044 0.040 0.038 0.038 0.032
3350 16 2930 2860 3450 3140 3610 18 4170 4080 4220 4280 18 16 18
35.5
0.015
0.044
3610
3900
392
16 16 16
31.5 40 35.5
0.015 0.013 0.014
0.040 0.038 0.038
4170 4080 4220
4700
472 18 16
5600 6800 8200 10000
562 18 682 822 103 16 18 18
40
0.012
0.032
4280
: In this case, 6 will be put 12th digit type numbering system. : In this case, 3 will be put 12th digit type numbering system.
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
HE
series
Standard ratings
V (Code)
35 (1V)
Case size Impedance (1/2) MAX. Rated ripple (mArms) 20uC / 100kHz 10uC / 100kHz 105uC / 100kHz Case size
50 (1H)
Impedance (1/2) MAX. Rated ripple (mArms) 20uC / 100kHz 5.5 4 2.5 2.2 1.9 1.5 0.70 10uC / 100kHz 105uC / 100kHz 22 16 10 8.8 7.6 6 2.8 17 30 43 53 88 100 180
Item Cap.(F) Code R47 010 2R2 3R3 4R7 100 220 330 470 560 101 121 151 181
fD L
(mm)
fD L
(mm) 5 5 5 5 5 5 5
0.47 1 2.2 3.3 4.7 10 22 33 47 56 100 120 150 180 220
11 11 11 11 11 11 11
5
11 11
0.58
2.3
210
6.3
0.22
0.87
340
6.3 8 8
11 11.5 15 12.5 20 16 20 15 25 31.5 20 15 25 15 31.5 35.5 20 40 25 20 31.5 25 35.5 40 31.5 35.5 40
0.30 0.17 0.12 0.12 0.091
1.2 0.68 0.48 0.48 0.36
295 555 730 760 910
8
11.5 15 12.5
0.13
0.52
640
10 8
8 221 10
0.087 0.080
0.35 0.32
840 865 10
0.084
0.34
1050
10
0.060 0.061 0.055 0.043 0.045 0.055 0.034 0.054
0.24 0.20 0.22 0.17 0.15 0.17 0.11 0.15
1220 1260 1440 1690 1660 1690 1950 1930
270 330
271
820
0.069
0.27
1050
12.5 10 10 12.5
331
10 10
16 20 15 25 31.5 20 15
0.060 0.046
0.24 0.18
1210 1400
470
471 12.5
0.049
0.16
1450
16 12.5
560
561
10
0.042
0.17
1650
18
10
0.031 0.035 0.042
0.12 0.12 0.12
1910 1900 1940 12.5 0.025 0.034 0.021 0.025 0.036 0.022 0.026 0.019 0.083 0.10 0.069 0.075 0.097 0.066 0.070 0.057 2510 2210 2920 2555 2490 3010 2740 3150 12.5 0.030 0.10 2310
680
681
12.5 16
820
821
16 12.5
25 15 31.5 20 35.5 40 25 20 31.5 25 35.5 31.5 40 35.5 40
0.027 0.043
0.089 0.11
2230 2210
12.5 16 18
1000
102
18
12.5
0.024 0.027 0.020 0.017 0.021 0.026 0.017 0.019 0.015 0.015 0.013 0.014 0.012
0.078 0.078 0.065 0.056 0.060 0.067 0.050 0.049 0.044 0.040 0.038 0.038 0.032
2650 2530 2880 3350 2930 2860 3450 3140 3610 4170 4080 4220 4280
16 18 16
1200 1500
122
16 12.5 12.5
152
1800
182
16 18 16
16
0.016
0.048
3710
18
0.021
0.057
3635
2200
222
18 16
18
0.017
0.046
3680
2700
272
18 16
18
0.014
0.038
3800
3300 3900
332
18 18
392
: In this case, 6 will be put 12th digit type numbering system. : In this case, 3 will be put 12th digit type numbering system.
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
HE
series
Standard ratings
V (Code) Case size Item Cap.(F) Code 6R8 150 270 330 390 470 560 680 8 8 6.3 5
63 (1J)
Impedance (1/2) MAX. Rated ripple (mArms) 20uC / 100kHz 10uC / 100kHz 105uC / 100kHz Case size
100 (2A)
Impedance (1/2) MAX. Rated ripple (mArms) 20uC / 100kHz 2.3 1.2 0.63 10uC / 100kHz 105uC / 100kHz 9.3 5.0 2.8 62 126 260
fD L
(mm)
fD L
(mm) 5
6.8 15 27 33 39 47 56 68 82 100 120 150 180

11 11 11.5

11
2.3
9.3
62
6.3 8
11
1.2
5.0
126 8 10 15 12.5 20 16 20 15 25 31.5 20 15 25 15 31.5 20 0.45 0.43 0.33 0.31 0.21 0.23 0.20 0.15 0.16 0.14 0.12 0.12 0.10 0.091 2.1 1.8 1.6 1.5 0.94 1.1 0.84 0.71 0.64 0.66 0.45 0.50 0.42 0.38 335 325 408 400 518 527 595 740 765 895 875 1030 1010 1130

11.5
0.63
2.8
260
8 10
15 12.5
0.45 0.43
2.1 1.8
335 325
10 12.5 10
820 10 101 8 121 10 151 10 181 12.5
20 16
0.33 0.31
1.6 1.5
408 400
10 12.5 16
20 15
0.21 0.23
0.94 1.1
518 527
12.5 18 12.5
220
221
10
25
0.20
0.84
595 16
10
31.5 20 15
0.15 0.16 0.14
0.71 0.64 0.66
740 12.5 765 895 16
35.5
0.083
0.35
1140
270
271
12.5 16
25
0.073 0.071 0.080 0.054 0.057 0.045 0.047
0.27 0.30 0.30 0.20 0.21 0.17 0.17
1350 1280 1300 1650 1560 1900 1720
12.5 40 25 0.12 0.45 875 18 16 15 0.12 0.50 1030 18 20 31.5 25 35.5 31.5
330
331
12.5
390
391
18
12.5
31.5 20 35.5 25 40 20 31.5 25 35.5 31.5 40 35.5 40
0.10 0.091 0.083 0.073 0.071 0.080 0.054 0.057 0.045 0.047 0.040 0.040 0.036
0.42 0.38 0.35 0.27 0.30 0.30 0.20 0.21 0.17 0.17 0.15 0.15 0.13
1010 1130 1140
16 18
470
471 16 12.5
560
561 16 12.5
16 1350 1280 18 1300 1650 18 1560 1900 1720 2130 1890 2470
40
0.040
0.15
2130
680
681 18 16
35.5
0.040
0.15
1890
820
821 18 16
40
0.036
0.13
2470
1000
102 18 16
1200 1500
122 18 152 18
: In this case, 6 will be put 12th digit type numbering system. : In this case, 3 will be put 12th digit type numbering system.
CAT.8100V


▲Up To Search▲   

 
Price & Availability of UHE1E122

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X