Part Number Hot Search : 
82152C APL8108 121206 2SC318 68MHZ SMV1129 74HC04B1 0FFI02
Product Description
Full Text Search
 

To Download UFW1E331MPD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
FW
Standard, For Audio Equipment
series
Adapted to the RoHS directive (2002/95/EC).
KW
High Sound Quality
FG
High Grade
FW
Specifications
Item Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Leakage Current Performance Characteristics
- 40 ~ +85C 6.3 ~ 100V 0.1 ~ 33000F 20% at 120Hz, 20C After 1 minute's application of rated voltage, leakage current is not more than 0.03 CV or 4 (A) , whichever is greater. After 2 minutes' application of rated voltage, leakage current is not more than 0.01 CV or 3 (A) , whichever is greater.
Rated voltage (V) tan (MAX.)
tan
6.3 0.28
10 0.24
16 0.20
25 0.16
35 0.14
50 0.12
63 0.10
100 0.08
Measurement frequency : 120Hz, Temperature : 20C
For capacitance of more than 1000F, add 0.02 for every increase of 1000F. Measurement frequency : 120Hz
Stability at Low Temperature
Rated voltage (V) Z- 25C / Z+20C Impedance ratio ZT / Z20 (MAX.) Z- 40C / Z+20C
6.3 5 12
10 4 10
16 3 8
25 2 5
35 2 4
50 2 3
63 2 3
100 2 3
Endurance
After 2000 hours' application of voltage at 85C, capacitors meet the characteristic requirements listed at right.
Capacitance change tan Leakage current
Within 20% of initial value 200% or less of initial specified value Initial specified value or less
Shelf Life Marking
After sroring the capacitors under no load at 85C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20C, they will meet the specified value for endurance characteristics listed above. Printed with black color letter on Gold sleeve.
Radial Lead Type
Sleeve (P.E.T.)
Type numbering system (Example : 10V 1000F)
Bd
U FW 1 A 1 0 2 M PD
P 0.5
1 2 3 4 5 6 7 8 9 10 11 Configuration Capacitance tolerance (20%) Rated Capacitance (1000F) Rated voltage (10V) Series name Type Configuration Pb-free leadwire BD Pb-free PET sleeve 5 DD ED 6.3 8 a10 PD 12.5 ~ 18 HD 20 ~ 25 RD
BD+
Pressure relief vent (B 6.3up)
MAX.
L+
MAX.
15MIN
4MIN
(mm)
BD
P
5 2.0 0.5 0.5
6.3 2.5 0.5 0.5
8 3.5 0.6 0.5
10 5.0 0.6 0.5
12.5 5.0 0.6 0.5
16 7.5 0.8 0.5
18 7.5 0.8 0.5
20 10 1.0 0.5
22 10 1.0 1.0
25 12.5 1.0 1.0
Bd
(BD < 20) 1.5 (BD 20) 2.0
* Please refer to page 21 about the end seal configulation.
Please refer to page 21, 22, 23 about the formed or taped product spec. Please refer to page 3 for the minimum order quantity.
Dimension table in next page.
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
FW
Cap.(F)
series
Dimensions
V Code
6.3 0J
10 1A
16 1C
25 1E
35 1V
50 1H
5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 1.1 2.4 3.5 5.0 10 23 35 40 65 95 120 150 250 410 570
63 1J
100 2A
5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 2.1 4.7 7.0 10 21 30 40 45 75 120 160 210 350 600 750 1000 1370 2400 2900
0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 100 220 330 470 1000 2200 3300 4700 6800 10000 15000 22000 33000
0R1 R22 R33 R47 010 2R2 3R3 4R7 100 220 330 470 101 221 331 471 102 222 332 472 682 103 153 223 333 6.3 x 11 6.3 x 11 8 x 11.5 10 x 20 10 x 20 12.5 x 20 12.5 x 25 16 x 25 265 310 530 980 5 x 11 6.3 x 11 6.3 x 11 6.3 x 11 10 x 12.5 10 x 20 145 230 270 330 630 5 x 11 6.3 x 11 8 x 11.5 8 x 11.5 10 x 16 155 250 360 420 770 5 x 11 6.3 x 11 8 x 11.5 10 x 12.5 10 x 12.5 10 x 20 115 185 320 420 530 5 x 11 5 x 11 6.3 x 11 10 x 12.5 10 x 12.5 10 x 16 105 120 200 370 470
5 x 11 5 x 11 6.3 x 11 6.3 x 11 10 x 12.5 10 x 16 10 x 20
70 100 140 165 300
6.3 x 11 6.3 x 11 8 x 11.5 10 x 12.5 10 x 20
5 x 11 6.3 x 11 8 x 11.5 10 x 12.5 10 x 16
470 12.5 x 25 650 12.5 x 25 880 1300 16 x 25 18 x 40 22 x 50 25 x 50
630 12.5 x 20 1100 12.5 x 25 1800
760 12.5 x 20 1300 16 x 25
950 12.5 x 20 1550 1950 16 x 25
1050 12.5 x 20 1420 12.5 x 25 1800 2150 16 x 25
1250 12.5 x 25 1700 2100 16 x 25
16 x 35.5 2090 18 x 35.5 2360 20 x 40 22 x 50 25 x 50 2900 3500 4000
18 x 35.5 2200 20 x 40 22 x 50 25 x 50 2700 3400 3500
1170 12.5 x 20 1350 12.5 x 25 1600 2000 16 x 25
16 x 35.5 2220 18 x 35.5 2490 20 x 40 22 x 50 25 x 50 3000 3700 4300
16 x 31.5 2360 18 x 35.5 2590 20 x 40 22 x 50 25 x 50 3000 3800 4500
16 x 35.5 2500 18 x 35.5 2640 20 x 40 22 x 50 25 x 50 3400 4200 4800
16 x 35.5 2500 18 x 35.5 2720 20 x 40 22 x 50 3700 4500
16 x 35.5 2550 18 x 40 22 x 50 3200 3900
Case size D x L (mm) Rated ripple Rated Ripple (mArms) at 85C 120Hz
Frequency coefficient of rated ripple current
Cap.(F) Frequency
50Hz 0.75 0.80 0.85
120Hz 1.00 1.00 1.00
300Hz 1.35 1.23 1.10
1kHz 1.57 1.34 1.13
10kHz ~ 2.00 1.50 1.15
~ 47 100 ~ 470 1000 ~ 33000
CAT.8100V


▲Up To Search▲   

 
Price & Availability of UFW1E331MPD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X