Part Number Hot Search : 
SMBJ120A PSXT90 GP20A AS23XX SMBJ120A VT6102 ZN525 6270M
Product Description
Full Text Search
 

To Download UF10004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
UF100 ~ UF1010
ULTRAFAST RECOVERY RECTIFIER
VOLTAGE
FEATURES
50 to 1000 Volts
CURRENT
1.0 Amperes
DO-41
Unit: inch(mm)
* Exceeds environmental standards of MIL-S-19500/228. * Ultra Fast switching for high efficiency. * Pb free product are available : 99% Sn above can meet Rohs environment substance directive request
MECHANICALDATA
1.0(25.4)MIN.
.205(5.2) .160(4.1)
1.0(25.4)MIN.
* Plastic package has Underwriters Laboratory Flammability Classification 94V-O utilizing Flame Retardant Epoxy Molding Compound
.034(.86) .028(.71)
Case: Molded plastic, DO-41 Terminals: Axial leads, solderable per MIL-STD-202G,Method 208 Polarity: Band denotes cathode Mounting Position: Any Weight: 0.012 ounce, 336mg
.107(2.7) .080(2.0)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified. Resistive or inductive load, 60Hz.
PA RA M E TE R M a xi m um R e c ur r e nt P e a k R e ve r s e V o l t a g e M a xi m um R M S V o l t a g e M a xi m um D C B l o c k i ng V o l t a g e M a xi m um A ve r a g e F o r w a r d C ur r e nt . 3 7 5 " ( 9 . 5 m m ) l e a d l e ng t h a t T A = 5 5 OC P e a k F o r w a r d S ur g e C ur r e nt : 8 . 3 m s s i ng l e ha l f s i ne - w a ve s up e r i m p o s e d o n r a t e d l o a d ( J E D E C m e t ho d ) M a xi m um F o r w a r d V o l t a g e a t 1 . 0 A M a xi m um D C R e ve r s e C ur r e nt a t T J = 2 5 OC R a t e d D C B l o c k i ng V o l t a g e T J = 1 0 0 OC Ty p i c a l J u n c t i o n c a p a c i t a n c e ( N o t e 1 ) Ty p i c a l T h e r m a l R e s i s t a n c e ( N o t e 2 ) M a x i m u m R e v e r s e R e c o v e r y Ti m e ( N o t e 3 ) O p e r a t i n g J u n c t i o n a n d S t o r a g e Te m p e r a t u r e R a n g e S YM B O L U F 1 0 0 U F 1 0 1 U F 1 0 2 U F 1 0 4 U F 1 0 6 U F 1 0 8 U F 1 0 1 0 U N I T S V RRM V RMS V DC IAV IFSM VF 1 .0 50 35 50 100 70 100 200 140 200 400 280 400 1 .0 30 600 420 600 800 560 800 1000 700 1000 V V V A A
1 .1
1 0 .0 500 17 60 50 - 5 0 TO + 1 5 0
1 .7
V
IR CJ R J A TRR TJ , T S TG
uA pF
O
C/W ns
O
75
C
NOTES: 1. Measured at 1 MHz and applied reverse voltage of 4.0 VDC. 2. Thermal Resistance from Junction to Ambient and from Junction to lead length 0.375"(9.5mm) P.C.B. mounted. 3. Reverse Recovery Time IF=.5A ,IR=1A , I rr=.25A
STAD-NOV.17.2004
PAGE . 1
RATING AND CHARACTERISTIC CURVES
AVERAGE FORWARD CURRENT, AMPERES
1.2
35
FORWARD SURGE CURRENT,AMPERES
1.0 0.8 0.6 0.4 0.2 0
30 25 20 15 10 5 1
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD .375" LEAD LENGTHS
0
25
50
75
100
125
O
150
1
5
10
50
100 200
1000
AMBIENT TEMPERATURE, C
NO. OF CYCLES AT 60Hz
Fig.1 FORWARD CURRENT DERATING CURVE
Fig.2 PEAK FORWARD SURGE CURRENT
10 400V 50-200V
10
2
FORWARD CURRENT, AMPERES
10
REVERSE CURRENT, uA
1
1.0 600-1000V
T J =125 C
O
10 10 10 10
0
T J =75 OC
-1
0.1
-2
T J =25 C
-3
O
T A =25 C 0.01 0.4
O
10
0.6 0.8 1.0 1.2 1.4 1.6
-4
V RRM =50-400V V RRM =600-1000V
0
20
40
60
80
100
120
FORWARD VOLTAGE, VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
Fig.3 FORWARD CHARACTERISTICS
Fig.4 TYPICAL REVERSE CHARACTERISTICS
100
JUNCTION CAPACITANCE, pF
T J =25 C f=1.0MHz Vsig=50mVp-p
O
10
1 0.1
1.0
10
100
REVERSE VOLTAGE, VOLTS Fig.5 TYPICAL JUNCTION CAPACITANCE
STAD-NOV.17.2004
PAGE . 2


▲Up To Search▲   

 
Price & Availability of UF10004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X