Part Number Hot Search : 
H220M 1608X7 SMC5K10A ESAD25 EL7104 G24064 JAN2N 76132S
Product Description
Full Text Search
 

To Download UCS2V100MHD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
CS
Miniature Sized, High Ripple Current, Long Life
series
High ripple current and Long Life product withstanding load life of 8000 to 10000 hours at +105C. Suited for ballast application. Adapted to the RoHS directive (2002/95/EC).
CA
Smaller
CS
Specifications
Item Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Leakage Current tan Performance Characteristics
- 40 ~ +105C (160 ~ 400V) , - 25 ~ +105C (450V) 160 ~ 450V 6.8 ~ 330F 20% at 120Hz, 20C After 1 minutes' application of rated voltage, leakage current is not more than 0.04CV+100 (A)
Measurement frequency : 120Hz, Temperature : 20C Rated voltage (V) tan (MAX.)
160 0.20
200 0.20
250 0.20
350 0.24
400 0.24
450 0.24
Measurement frequency : 120Hz
Rated voltage (V)
Stability at Low Temperature Impedance ratio ZT / Z20 (MAX.)
Z- 25C / Z+20C Z- 40C / Z+20C
160 3 6
200 3 6
250 3 6
350 5 6
400 5 6
450 6 --
Endurance
After an application of D.C. bias voltage plus the rated ripple current for 10000 hours (8000 hours for D =10) at 105C the peak voltage shall not exceed the rated D.C. voltage, capacitors meet the characteristic requirements listed at right.
Capacitance change tan Leakage current
Within 20% of initial value 200% or less of initial specified value Initial specified value or less
Shelf Life Marking
After storing the capacitors under no load at 105C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20C, they will meet the specified value for endurance characteristics listed above. Printed with white color letter on dark brown sleeve.
Radial Lead Type
Sleeve (P.E.T.)
+0.5MAX.
Bd
Type numbering system (Example : 250V 100F)
U CS 2 E 1 0 1 M HD T
P 0.5
1 2 3 4 5 6 7 8 9 10 11 12
Pressure relief vent
L +1.5MAX.
15 MIN
4 MIN
Size code Configuration Capacitance tolerance (20%) Rated Capacitance (100F) Rated voltage (250V) Series name Type
BD
BD Bd
P
10 12.5 16 18 5.0 5.0 7.5 7.5 0.6 0.6 0.8 0.8
(mm)
Configuration Pb-free leadwire BD Pb-free PET sleeve 10 PD 12.5 ~ 18 HD
* Please refer to page 21 about the end seal configulation.
Please refer to page 21, 22, 23 about the formed or taped product spec. Please refer to page 3 for the minimum order quantity.
Dimension table in next page.
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
CS
Cap
series
Dimensions
V Code
160
2C
200
2D
250
2E 10
350
2V
400
2G 280 350 10 10 12.5
450
2W 280 350 550 760 10 12.5 12.5 16 16 18
6.8 10 15 22 33
6R8 100 150 220 10 10
16 20 20 20 20 25 20 25 25
16 20 20 20 20 25 20 25 25
20 20 25 20 25 20 25 31.5
280 450 600 730 980 980
16 20 20 20 20 20 25 20 20 25 31.5
320
10
16 20
320
10
20 20 20 20 20 20 25 25 31.5
350
10
500
10
500
10
500
12.5
650
12.5
330
10
650
10 20
650
12.5
800
16
900
16
900
47
470
10
750
12.5
20 20 20 20 25 25 35.5
980
12.5
980
16
1080
16 18
1180 1180
18
1200
68 82 100 150 220 330
680
12.5
1180
12.5
1300
16
1300
16 18
1400 1375 1530
18
1470
18
1575
820
12.5 12.5 16
1275 1420 1420 1890 2370 3130
16
1380
16
1380
18
18
1525
101
16
1420
16
1530
18
1575
151 221 331
16 16 18
16 18 18
1890 2365 3220
18 18
1940 3130 Case size
fD
L (mm)
: Rated Ripple (mArms) at 105C 100kHz : In this case, 6 will be put at 12th digit of type numbering system.
Frequency coefficient of rated ripple current
Frequency Coefficient 50Hz 0.40 120Hz 0.50 1kHz 0.80 10kHz 0.90 100kHz ~ 1.00
CAT.8100V


▲Up To Search▲   

 
Price & Availability of UCS2V100MHD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X