Part Number Hot Search : 
TOP246 MMSZ5221 00BGC M3302 00BGC M38K06F4 SXXHN14 ISL240
Product Description
Full Text Search
 

To Download UBX1V330MHL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
BX
High Temperature Range, For +150C Use
series
Laminated case series. Suited for automobile electronics where heavy duty services are indispensable. Adapted to the RoHS directive (2002/95/EC).
BX
High Temperature
BW
Item Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Leakage Current
Performance Characteristics
- 55 ~ +150C (10 ~ 100V), - 40 ~ +150C (160 * 200V), - 25 ~ +150C (350 * 400V), 10 ~ 400V 1 ~ 4700F 20% at 120Hz, 20C
Rated Voltage (V)
10 ~ 100
160 ~ 400 < CV = 1000 : I = 0.1CV+40 (A) max. (1 minute's) CV > 1000 : I = 0.04CV+100 (A) max. (1 minute's)
120Hz 20C
After 1 minute's application of rated voltage, leakage current Leakage current is not more than 0.03CV or 4 (A), whichever is greater.
Rated voltage (V) 10 16 25 35 50 63 80 100 tan (MAX.) 0.20 0.16 0.14 0.12 0.10 0.10 0.08 0.08 For capacitance of more than 1000F, add 0.02 for every increase of 1000F. Rated voltage (V) Z- 25C / Z+20C Z- 40C / Z+20C
tan
160 * 200 350 * 400
0.20 0.24
Stability at Low Temperature
Impedance ratio ZT / Z20 (MAX.)
10 3 4
16 2 4
25 2 4
35 2 4
50 2 4
63 2 4
80 100 160 * 200 350 * 400 2 2 3 6 4 4 6 -
120Hz
Endurance
After an application of D.C. bias voltage plus the rated ripple Capacitance change current for 2000 hours (1000 hours for D =10 and 12.5) at 150C the peak voltage shall not exceed the rated D.C. voltage, Dissipation Factor capacitors meet the characteristics requirements listed at right. Leakage current Black print on the case top.
Within 30% of initial value (10 ~ 100V) Within 20% of initial value (160 ~ 400V) 300% or less of initial specified value (10 ~ 100V) 200% or less of initial specified value(160 ~ 400V) Initial specified value or less
Marking
Radial Lead Type
Type numbering system (Example : 10V 3300F)
Rated Capacitance Rated Voltage Trade mark
nichicon
Laminated case
+0.5 MAX.
Bd
UB X 1 A 3 3 2 MH L
P 0.5
1 2 3 4 5 6 7 8 9 10 11
Series Lot No.
Pressure relief vent
L+1.5MAX.
15MIN
4MIN
Code 10 PL 12.5 ~ 18 HL Configuration Capacitance tolerance (20%) Rated Capacitance (3300F) Rated voltage (10V) Series name Type
BD
3300 BX 10V H9806
BD
BD Bd
P
(mm) 10 12.5 16 18 5.0 5.0 7.5 7.5 0.6 0.6 0.8 0.8
* Please refer to page 21 about the end seal configulation.
Please refer to page 21, 22, 23 about the formed or taped product spec. Please refer to page 3 for the minimum order quantity.
Dimension table in next page.
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
BXseri
Cap. . (F)
es
Dimensions
V (Code)
10 1A
16 1C
25 1E 10 x 12.5 10 x 12.5 10 x 12.5 10 x 12.5 10 x 12.5 10 x 12.5 10 x 12.5 10 x 12.5 250 500 600 800 1000 12.5 x 25 16 x 25 18 x 40 16 x 31.5 10 x 20 10 x 12.5
35 1V 35 50 60 85 175 200 225 250 400 600 800 1000 1300
Rated Ripple
Code
1 2.2 3.3 4.7 10 22 33 47 100 220 330 470 1000 2200 3300 4700
010 2R2 3R3 4R7 100 220 330 470 101 221 331 471 102 222 332 472
V (Code)
12.5 x 25
10 x 20 16 x 31.5 18 x 35.5 18 x 40
10 x 16
10 x 16 300 400 600 1000 1200 1300 50 1H 63 1J 12.5 x 20 16 x 25 18 x 40 18 x 35.5 10 x 20
300 400 600 800 1200 1300
12.5 x 20 12.5 x 25 16 x 25
16 x 31.5
D x L (mm)
Cace Size
Rated Ripple (mA rms) at 150C 100kHz
Cap. . (F)
80 1K 10 x 12.5 420 550 690 690 820 1250 1480 1530 10 x 16 10 x 20 12.5 x 20 12.5 x 25 16 x 31.5 18 x 31.5 10 x 20 10 x 12.5
100 2A 390 510 640 640 760 950 1380 1430
Code
22 33 47 56 68 100 220 330 470 560 680 1000
220 330 470 560 680 101 221 331 471 561 681 102 10 x 12.5 12.5 x 20 12.5 x 25 16 x 25 12.5 x 31.5 16 x 31.5 10 x 20 380 640 770 960 1080 1190 1420 10 x 12.5 10 x 16 10 x 20 430 560 710 1040 1170 1280 1520 1520 10 x 16 10 x 20 12.5 x 20 16 x 25 16 x 31.5 18 x 31.5 10 x 20
12.5 x 25 16 x 25
12.5 x 31.5 16 x 31.5 16 x 35.5
D x L (mm)
Cace Size
Rated Ripple
Frequency coefficient of rated ripple current
V 10 ~ 100
CV Frequency
Rated Ripple (mArms) at 150C 100kHz
10kHz ~ 1.00 1.00
120Hz 0.50 0.67
300Hz 0.64 0.79
1kHz 0.83 0.91
1000 > CV 1000 CV
V (Code)
Cap. . (F)
160 2C 10 x 12.5 110 110 160 230 250 270 290 300 10 x 12.5 10 x 16 12.5 x 20 12.5 x 25 16 x 20 16 x 25 10 x 20
200 2D 83 83 130 170 210 250 270 290 10 x 20 10 x 16
350 2V 77 110 120 130 12.5 x 20 12.5 x 25 12.5 x 25 10 x 20
400 2G 83 88 105 105
Code
4.7 6.8 10 15 22 33 47 56 68 100
4R7 6R8 100 150 220 330 470 560 680 101 10 x 12.5 12.5 x 20 12.5 x 20 12.5 x 25 16 x 20 16 x 25 10 x 16 10 x 12.5
12.5 x 20 12.5 x 25
D x L (mm)
Cace Size
Rated Ripple
Rated Ripple (mArms) at 150C 120Hz
Frequency coefficient of rated ripple current
V
Cap. (F) Frequency
50Hz 0.75 0.80
120Hz 1.00 1.00
300Hz 1.25 1.15
1kHz 1.50 1.30
10kHz 1.75 1.40
100kHz 1.80 1.50
160 ~ 400
4.7 ~ 330 .47 ~ 100
CAT.8100V


▲Up To Search▲   

 
Price & Availability of UBX1V330MHL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X