Part Number Hot Search : 
N5550 ADSX34 OP193GBC 11TL602 HAB13150 P6KE51 B1201UA4 MB152W
Product Description
Full Text Search
 

To Download TG40E60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SanRex(R)
TRIAC
For High Power
TG40E60
IT(RMS) =40A, VDRM=600V
SanRex Triac TG40E60 is specially designed use for high power AC switching application. Thanks to SanRex's new isolated diffusion technology, the Triac TG40E60 features high dv/dt, dv/dt/c and very low on-state voltage. These benefits make this design an extremely reliable and efficient device for use in wide variety of applications. Features * High Power * High Surge Current * Low On-State Voltage * High Commutation Performance * UL registered E76102 Typical Applications * Home Appliances * Water Heaters * Heater Controls * Lighting Controls * Temperature Controls
< Maximum Ratings> Symbol VDRM I T(RMS) I TSM I 2t PGM PG(AV) I GM VG M di/dt Tj T stg VISO Item Repetitive Peak Off-state Voltage R.M.S. On-state Current Surge On-state Current I 2 t (for fusing) Peak Gate Power Dissipation Average Gate Power Dissipation Peak Gate Current Peak Gate Voltage Critical Rate of Rise of On-State Current Operation Junction Temperature Storage Temperature Isolation Breakdown Voltage Mounting Torque (M4) Mass Conditions
T1
T2
Gate
Isolated Fast-on Package
1
Internal schematic diagram
(Tj = 25C unless otherwise noted) Ratings Unit 600 40 420 730 10 1 3 10 IG =100mA, VD=1/2VDRM, diG/dt=1A/s 50 -40 to +125 -40 to +150 2500 1.5 23 V A A A2 s W W A V A/Fs C C V N*m g
T C = 64C One cycle, 60Hz, Peak, non-repetitive Value for one cycle surge current
R.M.S. , A.C. 1 minute Recommended value 1.0 - 1.4 N*m Typical Value
SanRex 50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 Web : www.sanrex.com
SanRex(R)
TRIAC for High Power
< Electrical Characteristics > Symbol I DRM VTM I GT1+ I GT1I GT3+ I GT3VG T1+ VG T1VG T3+ VG T3VG D dv/dt (dv/dt)c IH Rth(j-c) Item Repetitive Peak Off-state Current Peak On-State Voltage QI QII Gate Trigger Current QIV QIII QI QII Gate Trigger Voltage QIV QIII Non-Trigger Gate Voltage Critical Rate of Rise of Off-State Voltage Critical Rate of Rise of Commutation Voltage Holding Current Thermal Resistance Conditions Tj = 125C, VD = VDRM, I T =60A, Instant measurement VD = 6V, I T =1A
TG40E60
(Tj= 25 C unless otherwise noted) Ratings Unit Min. Typ. Max. 5 mA 1.4 V 50 mA 50 mA mA 50 mA 1.5 V 1.5 V V 1.5 V 0.2 V 500 6 30 Junction to case 1.3 V/Fs V/Fs mA C/W
VD = 6V, I T =1A Tj = 125oC, VD=1/2VDRM o Tj = 125 C, VD=1/2VDRM , Exponential wave Tj =125oC, VD=2/3VDRM, (di/dt)c= 10 A/ms
* Dimensions in millimeters
__________________________________________________________________________________________________ SanRex 50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 Web : www.sanrex.com June 2006 - 3rd ed.


▲Up To Search▲   

 
Price & Availability of TG40E60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X