Part Number Hot Search : 
TLOH16TP 2J473K UF1003E ZJ24B 00402 AD9050 LW010BK 10M20
Product Description
Full Text Search
 

To Download T62M0002A07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 tm
TE CH
T62M0002A
T62M0002A
Features
! ! ! ! !
!
Digital Sound Processor Embedded SRAM
Description
The T62M0002A is an echo/surround effect processor. It is designed for various audio systems including karaoke, television, sound equipment, etc. The chip consists of a built-in pre-amplifier, VCO or Voltage control OSC, Embedded SRAM, A/D and D/A converters as well as delay time control logic. Its built-In reply to SRAM can generate delay time effect and can control the delay time value through the external VCO resistor. The VCO circuit can reduce external components and make it easy to adjust the delay time.
!
Operating voltage: 4.5V ~ 5.5V ADM algorithm Low noise ( -88dB typical) Low distortion rate (0.5% typical) Embedded SRAM Automatic reset function Package type: 16-pin DIP/SOP
Part Number Examples
Part NO. T62M0002A-D T62M0002A-K T62M0002A-DG T62M0002A-KG Package 16-SOP 16-DIP 16-SOP 16-DIP Description 300mil-16-SOP 300mil-16-DIP 300mil-16-SOP lead free 300mil-16-DIP lead free
TM Technology Inc. reserves the right to change products or specifications without notice.
P. 1
Publication Date: MAR. 2007 Revision:B
tm
L P F1 IN
TE CH
T62M0002A
Block Diagram
L P F1 O UT L P F2 O UT L P F2 IN OP2 O UT
4 .7 K O hm L P F2 L P F1 C O MP
OP2 IN
OP1 IN
4 .7 K O hm
OP1 O UT
CC0
CC1
+ +
MOD
+ -
1 /2 VC C
VCC
R EF
A GN D
PIN Configuration
TM Technology Inc. reserves the right to change products or specifications without notice.
+ -
+ -
DEM
AUT O RESET
DI MO MI C LO C K
DO0
DO1
R AM
VC O
D GN D
OS C_O
VCO
T62M0002A
P. 2
Publication Date: MAR. 2007 Revision:B
tm
Pin NO. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
TE CH
T62M0002A
PIN Description
Pin Name VCC REF AGEND DGEND OSC_O VCO CC1 CC2 OP1_OUT OP1_IN OP2_IN OP2_OUT LPF2_IN LPF2_OUT LPF1_OUT LPF1_IN I/O I I I O I I O I O O I Description Analog and positive power supply Analog reference voltage Analog ground Digital ground System oscillator output System oscillator input,system frequency adjustable pin Current control1 Current control2 OP1 output OP1 input OP2 input OP2 output Low pass filter2 input Low pass filter2 output Low pass filter1 output Low pass filter1 input
Function Description
The T62M0002A is an echo/surround effect generator with built-in SRAM. It enaures low distortion as well as low noise for processing audio signal delay. The chip provides two playing modes(echo and surround) and the playing function block diagrams are shown as follows. - Surround Mode Vin LPF1 A/D -Echo Mode Vout Vin LPF1 A/D
Delay
D/A
LPF2
Vout
Delay
D/A
LPF2
TM Technology Inc. reserves the right to change products or specifications without notice.
P. 3
Publication Date: MAR. 2007 Revision:B
tm
Ta=25C Symbol VCC ICC GV VOMAX THD No
TE CH
T62M0002A
Electrical Characteristics
Parameter Operating Voltage Operating Current Voltage Gain Maximum Output Voltage Total Harmonic Distortion Output Noise Voltage Test Conditions VDD Conditions 5V 5V RL=47K 5V 5V 5V THD=10% 30KHz L.P.F. DIN Audio Min. 4.5 1.0 Typ. 5.0 15 0.5 1.6 0.5 -88 Max. 5.5 30 2.5 1.5 -80 Unit V mA dB Vrms % dbV
Absolute Maximum Ratings
Supply Voltage .......................................................... -0.3V to 6V Input Voltage ............................................................ Vss-0.3V to VDD+0.3V
to 125C Operating Temperature .................................... -20C to 70C
Storage Temperature .................................................... -50C
Note: These are stress ratings only. Stresses exceeding the range specified under "Absolute Maximum Ratings" may cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
TM Technology Inc. reserves the right to change products or specifications without notice.
P. 4
Publication Date: MAR. 2007 Revision:B
tm
VCC
TE CH
T62M0002A
Application Circuits
C15
Echo Mode
U2 C20 0.1uF C21 100uF C22 4.7uF 1 2 3 4 5 R20 R22 20K C29 0.33uF 6 7 8 C30 0.33uF VCC REF AGND DGND OSC_O VCO CC1 CC0 LPF1-IN LPF1-OUT LPF2-OUT LPF2-IN OP2-OUT OP2-IN OP1-IN OP1-OUT T62M0002A 16 15 14 13 12 11 10 9 C26 0.1uF C25 560pF C18 560pF
INPUT R11 R10 20k C16 4.7uF 100K
4700pF
R12 10k R14 18k
C17 1uF R13 2.7k R15 5.6K C23 1uF 3 C24 C19 1uF OUPUT
R16 20K R19 10K
0.01uF R18 3K 2 R17 R21 18K C27 4700pF 1
C1 4700pF INPUT R3 R1 10k R4 18k R5 2.7k R6 18K C7 1uF OUPUT R2 20k C2 4.7uF 100K R7 10K C9 0.01uF R9 20K C12 0.1uF C11 4700pF
50K
Radj
C28 0.1uF
AGND
DGND
Surround Mode
VCC U1 C4 0.1uF C5 100uF C6 4.7uF 1 2 3 4 5 R8 6 7 8 C13 0.33uF C14 0.33uF VCC REF AGND DGND OSC_O VCO CC1 CC0 LPF1-IN LPF1-OUT LPF2-OUT LPF2-IN OP2-OUT OP2-IN OP1-IN OP1-OUT T62M0002A 16 15 14 13 12 11 10 9 C10 0.1uF C8 560pF C3 560pF
Radj
AGND
DGND
Note:"Radj" Value con set delay time. R/delay time Reference on Resistance / Delay Time Table.
TM Technology Inc. reserves the right to change products or specifications without notice.
P. 5
Publication Date: MAR. 2007 Revision:B
tm
FCK Radj TD THD+N % FCK Radj TD THD+N % FCK Radj TD THD+N % FCK Radj
TE CH
T62M0002A
Resistance / Delay Time Table .
2.0M 53.40k 264ms 1.29% 2.5M 41.97k 226ms 0.95% 3.0M 33.41k 174ms 0.73% 3.5M 28.18k 150ms 0.57% 4.0M 24.00k 130ms 0.48% 4.5M 20.90k 117ms 0.41% 5.0M 18.20k 106ms 0.37% 5.5M 16.00k 95.2ms 0.33%
6.0M 14.50k 89ms 0.29%
6.5M 12.90k 80.8ms 0.28%
7.0M 11.60k 74.8ms 0.25%
7.5M 10.70k 70.4ms 0.24%
8.0M 9.72k 65.2ms 0.22%
8.5M 9.07k 62.4ms 0.22%
9.0M 8.07k 57.6ms 0.21%
10M 6.98k 52.4ms 0.18%
11M 5.99k 47.6ms 0.17% 19M 2.16k
12M 5.30k 44.2ms 0.15% 20M 1.89k
13M 4.52k 40.2ms 0.14% 21M 1.69k
14M 4.02k 37.6ms 0.14% 22M 1.49k
15M 3.48k 35.0ms 0.14%
16M 3.08k 33.0ms 0.14%
17M 2.64k 30.8ms 0.14%
18M 2.30k 29.0ms 0.14%
TD 27.8ms 26.2ms 25.0ms 24.0ms THD+N 0.14% 0.14% 0.14% 0.14% % Note :This Table is for Surround Mode. R= Extend Resister for adjust FCK & TD. FCK= Oscillate output Frequency for Pin 5 .(Unit : MHZ) TD=Delay Time for output. THD=Total Harmonic Distortion. (TDH+N Ratio %)
5m s 2 .0 VP P
2 VD C
5ns
1HZ
Pulse Clock Waveform for input Pin
TM Technology Inc. reserves the right to change products or specifications without notice. P. 6 Publication Date: MAR. 2007 Revision:B
tm
TE CH
T62M0002A
16-SOP Unit:mm
10.0 +-0.2
IC Package
T62M0002A
1.27
0.11 0.4 +-0.1
2.54 +-0.1
7.5 +-0.2 10.2 +-0.3
0.15 +-0.1 0.3 min.
T62M0002A
16-DIP Unit:mm
TM Technology Inc. reserves the right to change products or specifications without notice.
P. 7
Publication Date: MAR. 2007 Revision:B


▲Up To Search▲   

 
Price & Availability of T62M0002A07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X