Part Number Hot Search : 
H20N120 VHC574DT LT1776 1N14HU TDA8442 575T20CC 2SB1254 NTE7100
Product Description
Full Text Search
 

To Download SQXO2SM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SQXO2SM OSCILLATOR
10 kHz to 2 MHz*
TM
Surface Mount Low Power Crystal Oscillator
DESCRIPTION
The SQXO2SM oscillator consists of a CMOS-compatible hybrid circuit, hermetically sealed in a standard 24-pin ceramic leadless chip carrier. Precision tuning of the oscillator allows for very tight calibration tolerance and eliminates the need for a trimming capacitor, a major source of long-term frequency drift. The specifications and characteristics of the SQXO2SM vary with frequency. The characteristics of the 32.768 kHz model are presented in this data sheet.
M O2SkHz SQX.768 32
*Consult factory for other frequencies.
PACKAGE DIMENSIONS FEATURES
Low power consumption Low aging TTL and CMOS compatible Full military testing available Various voltage options available High shock resistance Standard 24-pin ceramic LCC
C B F E D D
C G
16
APPLICATIONS
Industrial, Computer & Communications General purpose clock oscillator Data Logger Remote sensor Liquid level sensing Medical test and diagnostics Military Portable field communication Military high speed modem Flight recorder
PIN CONNECTIONS
A
DIM A B C D E F G
inches 0.410 MAX. 0.080 MAX. 0.300 MAX. 0.050 TYP. 0.085 TYP. 0.050 TYP. 0.025 TYP.
mm 10.16 MAX. 2.03 MAX. 7.62 MAX. 1.27 TYP. 2.16 TYP. 1.27 TYP. 0.64 TYP.
Pin 23,24 5,6 13,14
Connection Ground VDD Output
10143 - Rev E
S
YS
All Others NC
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
IS O
TEM
CERTIFIC
AT
01
Pb
N IO
90
SPECIFICATIONS: SQXO2SM-32.768KHz
ABSOLUTE MAXIMUM RATINGS
Specifications are typical at 25 C unless otherwise noted. Specifications are subject to change without notice. Supply Voltage (VDD) Calibration Tolerance1
_ 5V + 10% + _ 100 ppm (0.01%) + _ 300 ppm (0.03%) + _ 1000 ppm (0.10% Figure 1
O
Supply Voltage VDD Storage Temperature
-0.3V to 7V -55OC to +125OC
FIGURE 1. TYPICAL SUPPLY CURRENT (mA) @ 5V
Supply Current Tuning Point (T )2 0 Temp. Coefficient (k) Duty Cycle1 Rise/Fall Time Aging, first year Shock, survival Above 600 kHz Below 600 kHz Vibration survival Operating Temperature
3
-0.035 ppm/0C2 40% Min., 60% MAX. 0.2 sec. MAX. 10 ppm MAX.
mA
Figure 2
1.0 .9 .8 .7 .6 .5 .4 .3 .2 .1 10
20
50
100
500
1000
5000
2000
Frequency (kHz)
750 g peak 0.3 ms, 1/2 sine 1,000 g peak 0.3 ms, 1/2 sine 10 g RMS 10-2000 Hz random -10OC to +70OC (Commercial) -40OC to +85OC (Industrial) -55OC to +125OC (Military)
+80 +70 +60 +50 +40 +30 +20 +10 0 -10 -20 10
FIGURE 2. TYPICAL TURNING POINT TEMPERATURE (T ) 0
Maximum Assembly Temperature
2600C for 20 sec
1. Tighter tolerances available 2. Does not include calibration tolerance. Positive variations small compared to negative variations.
T 0 (OC)
20
50 100
500
1000
5000
2000
Frequency (kHz)
PACKAGING Note: Frequency (f) deviation from frequency (fO) @ turning point
SQXO2SM
-Tray Pack (Standard)
temperature (T ): O
2 f-fO = k(T-T ) O fO
HOW TO ORDER SQXO2SM CRYSTAL OSCILLATORS SQXO2 S "S" if special or custom design. Blank if Std. SM3 Blank = SM1 = Gold Plated (Lead Free) SM3 = Solder Dipped SM5 = Solder Dipped (Lead Free) 32.768K Frequency M = MHz , 100 Calibration Tolerance @ 25OC (in ppm) /
I
Operating Temp. Range: C = -10OC to +70OC I = -40OC to +85OC M = -55OC to +125OC S = Customer Specified
10143 - Rev E
S
YS
TEM
CERTIFIC
AT
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
01
Pb
N IO
IS O
90


▲Up To Search▲   

 
Price & Availability of SQXO2SM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X