Part Number Hot Search : 
SK310 6713A D1877 28F160 M54583 2SC425 81600 MB39A1
Product Description
Full Text Search
 

To Download SLSD-71N5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SLSD-71N5
Solderable Planar Photodiode
Features * Visible to IR spectral irradiance range * High reliability * Oxide passivation * Linear short circuit current * Low capacitance, high speed * Protective coating Description The Silonex series of silicon solderable planar photodiodes feature low cost, high reliability, and linear short circuit current over a wide range of illumination. These devices are widely used for light sensing and power generation because of their stability and high efficiency. They are particularly suited to power conversion applications due to their low internal impedance, relatively high shunt impedance, and stability. The photodiodes have a protective coating that protects them from humidity effects. These devices also provide a reliable and inexpensive detector for instrumentation and light beam sensing applications. Absolute Maximum Ratings Storage Temperature Operating Temperature
1.0 10.2
150 nom.
5.1 -BLK (Cathode) 10.2 +RED (Anode) Sensitive Area (93.6 sq.mm.) # 32 AWG Wire Dimensions in mm.
Also available without leads as part number SLCD-61N5
Directional Sensitivity Characteristics
40 50 30 20 10 1.0 0.8 0.6 0.4 0.2 0.0
Half Angle = 60
60
-40C to +105C -40C to +105C
70 80 90 100 1.0
0.8
0.6
0.4
20
40
60
80
100 120
Electrical Characteristics (TA=25C unless otherwise noted) Symbol Parameter Min Typ Max Units Test Conditions 2 ISC Short Circuit Current 2.5 4.0 mA VR=0V, Ee=25mW/cm (1) 2 VOC Open Circuit Voltage 0.40 V Ee=25mw/cm (1) ID Reverse Dark Current 3.3 VR=5V, Ee=0 A CJ Junction Capacitance 2.0 nF VR=0V, Ee=0, f=1MHz Spectral Sensitivity 0.55 A/W =940nm S VBR Reverse Breakdown Voltage 20 V IR=100A Maximum Sensitivity Wavelength 930 nm P Sensitivity Spectral Range 400 1100 nm R Acceptance Half Angle 60 deg (off center-line) 1/2 Notes: (1) Ee = light source @ 2854 K Specifications subject to change without notice
101420 REV 5
5200 St. Patrick St., Montreal Que., H4E 4N9, Canada Tel: 514-768-8000 Fax: 514-768-8889
QF-84
The Old Railway, Princes Street Ulverston, Cumbria, LA12 7NQ, UK Tel: 01 229 581 551 Fax: 01 229 581 554


▲Up To Search▲   

 
Price & Availability of SLSD-71N5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X