Part Number Hot Search : 
4LS37 SMBJ51 1025LB7C K2611B APL1085 K2611B TDA154 AM500
Product Description
Full Text Search
 

To Download SEC8-975-01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet
8W/7W 9xxnm High Power Single Emitter Laser Diode on C-mount SECx-9xx-01
The Bookham SECx-9xx-01 single emitter laser diode series has been designed to provide the high output power, high coupling efficiency and high reliability required for pumping next generation fiber lasers and for other high power laser diode applications. The proprietary E2 front mirror passivation process, developed at our Zurich site, prevents Catastrophic Optical Damage (COD) to the laser diode facet even at extremely high output powers. The single emitter laser diodes are p-side down mounted on a submount that is attached to a C-mount. Features: * 3.6mm x 0.4mm laser diode * 90m wide emitter * Cu C-Mount * 8W/7W operating power (p-side down mounted) * Highly reliable single quantum well MBE structure * Standard wavelength at 915, 940, 960, and 975nm (other available on request) * RoHS compliant
Applications: * Fiber laser pumping * Material processing * Printing * Medical
1
Data Sheet
Characteristics
Parameter CW Output Power SEC8-915-01 SEC8-940-01 SEC8-960-01 SEC7-975-01 Center Wavelength SEC8-915-01 SEC8-940-01 SEC8-960-01 SEC7-975-01
[1]
Symbol
Typical
Unit
Pop915 Pop940 Pop960 Pop975 c915 c940 c960 c975 dc/dTop // - Ith D=P /(Iop-Ith) op H=P /(Vop x Iop ) op Rs Iop915 Iop940 Iop960 Iop975 Vop Top 915 940 960 975
8 8 8 7 4 0.3 8 29 TE 400 1.0 > 50 0.03 8.5 8.5 8.5 7.5 1.9 25 5 10 10 10 10
W
nm
Spectral Width (FWHM) Wavelength Shift with Temperature Beam Divergence (FWHM) Parallel to Junction Perpendicular to Junction Polarization Threshold Current Slope Efficiency Conversion Efficiency Series Resistance Operating Current SEC8-915-01 SEC8-940-01 SEC8-960-01 SEC7-975-01 Operating Voltage Operating Temperature
[1] Reduced wavelength window/extended range available on request (900-1070nm).
nm nm/C deg - mA W/A %
A
V C
Chip Dimensions
Parameter Chip Width Resonator Length Chip Thickness Emitter Width Symbol b l d w Typical 400 3600 150 90 Unit m m m m
2
Data Sheet
Package Dimensions (mm)
3
Data Sheet
RoHS Compliance
Bookham is fully committed to environment protection and sustainable development and has set in place a comprehensive program for removing polluting and hazardous substances from all of its products. The relevant evidence of RoHS compliance is held as part of our controlled documentation for each of our compliant products. RoHS compliance parts are available to order, please refer to the ordering information section for further details.
Ordering Information: SEC8-915-01 SEC8-940-01 SEC8-960-01 SEC8-975-01 8W 915nm Single Emitter Laser Diode on C-mount 8W 940nm Single Emitter Laser Diode on C-mount 8W 960nm Single Emitter Laser Diode on C-mount 7W 975nm Single Emitter Laser Diode on C-mount
Contact Information
Bookham (Switzerland) AG
Binzstrasse 17 8045 Zurich Switzerland * Tel: +41 44 455 8787 * Fax:+41 44 455 8586
EMEA Sales Contact
Gunnar Stolze * Tel: +41 79 635 3777
ASIA Sales Contact
Patrick Lee * Tel: +852 9197 7014
North America Sales Contact
Michael Cutler * Tel: +1 678 763 0777
ISO 9001:2000 Certified
Japan Sales Contact
Japan Laser Corporation * Tel: +813 5285 0861
www.bookham.com highpower@bookham.com
Important Notice Performance figures, data and any illustrative material provided in this data sheet are typical and must be specifically confirmed in writing by Bookham before they become applicable to any particular order or contract. In accordance with the Bookham policy of continuous improvement specifications may change without notice. The publication of information in this data sheet does not imply freedom from patent or other protective rights of Bookham or others. Further details are available from any Bookham sales representative.
DANGER
INVISIBLE LASER RADIATION - AVOID EYE OR SKIN EXPOSURE TO DIRECT OR SCATTERED RADIATION
INVISIBLE LASER RADIATION AVOID EYE OR SKIN EXPOSURE TO DIRECT OR SCATTERED RADIATION CLASS 4 LASER PRODUCT
MAX POWER 8W WAVELENGTH 900 - 1070nm CLASS IV LASER PRODUCT
4
This product complies with 21CFR 1040.10
FM 68159
REFERENCE IEC 60825Edition 1.2
BH13258 Rev 2.0 June 2007 (c)Bookham 2005. Bookham is a registered trademark of Bookham Inc.


▲Up To Search▲   

 
Price & Availability of SEC8-975-01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X