Part Number Hot Search : 
N74ACT 105K63 IRLZ34 1C102 MC145567 AT45DB04 L9803 IR6216
Product Description
Full Text Search
 

To Download SD103AW04 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
SD103AW~SD103CW
SURFACE MOUNT SCHOTTKY BARRIER
VOLTAGE FEATURES
* Low turn-on voltage * Fast switching
.028(0.7) .019(0.5)
.154(3.90) .141(3.60) .110(2.8) .098(2.5)
20 to 40 Volts
CURRENT
0.35 Ampers
SOD-123
Unit: inch (mm)
* PN Junction Guard Ring for Transient and ESD Protection. * Both normal and Pb free product are available : Normal : 80~95% Sn, 5~20% Pb Pb free: 98.5% Sn above
Case: SOD-123, Plastic Terminals: Solderable per MIL-STD-202, Method 208 Approx. Weight: 0.0045 gram
.008(.20)MAX
.005(.12)MAX
.016(.40)MIN
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25OC ambient temperature unless otherwise specified. For capacitive load, derate current by 20%.
P a ra me te r M a r k i ng C o d e M a xi m um R e c ur r e nt P e a k R e ve r s e V o l t a g e M a xi m um R M S V o l t a g e M a xi m um D C B l o c k i ng V o l t a g e M a x i m u m A v e r a g e F o r w a r d C u r r e n t a t Ta = 7 5 O C P e a k F o r w a r d S ur g e C ur r e nt a t 1 0 uS M a x i m u m In s t a n t a n e o u s F o r w a r d V o l t a g e M a xi m um R e ve r s e C ur r e nt Ty p i c a l J u n c t i o n C a p a c i t a n c e a t V R = 0 V M a xi m um The r m a l R e s i s t a nc e O p e r a t i n g J u n c t i o n a n d S t o r a g e Te m p e r a t u r e R a n g e V RRM V RM S V DC IAV IFSM VF IR CJ R J A TJ 5 .0 @3 0 V S ym b o l S D 1 0 3 AW S6 40 28 40 SD103BW S7 30 21 30 0 .3 5 2 .0 0 .3 7 @0 .0 2 A 0 .6 0 @0 .2 A 5 .0 @2 0 V 50 300 -5 5 to +1 2 5
O
SD103CW S8 20 14 20
.053(1.35) .037(0.95)
MECHANICAL DATA
.071(1.8) .055(1.4)
U ni t s
V V V A A V
5 .0 @1 0 V
uA pF C/W
O
C
STAD-FEB.23.2004
PAGE . 1
RATING AND CHARACTERISTIC CURVES
1000
, AVERAGE FORWARD CURRENT AMPS
0.8
0.6 0.5 0.4 0.3 0.2 0.1 0 20 30 40 50 60 70 80 90 100 110 120 130
FORAWRD CURRENT, mA
0.7
100
10
1.0 0.2 0.4 0.6 0.8 1.0
AMBIENT TEMPERATURE, C
O
FORWARD VOLTAGE, VOLTS
Fig.1 FORWARD CURRENT DERATING CURVE
Fig.2 TYPICAL FORWARD CHARACTERISTIC
1000
100
REVERSE CURRENT, uAmps
T J =125 OC
CAPACITANCE, pF
T J =25 C
O
100
10
10
T J =75 OC
1.0
1.0
0.1
0
10
20
30
40
0.1
0
10
20
30
40
REVERSE VOLTAGE, Volts
REVERSE VOLTAGE, VOLTS
Fig.3 TYPICAL REVERSE CURRENT
Fig.4 TYPICAL JUNCTION CAPACITANCE
STAD-FEB.23.2004
PAGE . 2


▲Up To Search▲   

 
Price & Availability of SD103AW04

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X