Part Number Hot Search : 
BRY56 PQ05R01 3301D SD112 NSR2N7 2SC3648S H3545 MRF284S
Product Description
Full Text Search
 

To Download SD1020YS05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
SD1020YS~SD10150YS
SCHOTTKY BARRIER RECTIFIERS
VOLTAGE FEATURES
* Plastic package has Underwriters Laboratory Flammability Classification 94V-O * For surface mounted applications * Built-in strain relief * Low power loss, High efficiency * High surge capacity
0.040(1.0)
.02(0.5) .032(0.8) .012(0.3) .071(1.8) .051(1.3) .264(6.7) .248(6.3) .098(2.5) .082(2.1) .024(0.6) .016(0.4)
20 to 150 Volts
CURRENT
10.0 Amperes
TO-252 / DPAK
Unit : inch (mm)
* For use in low voltage high frequency inverters, free wheeling, and polarity protection applications * Pb free product are available : 99% Sn above can meet Rohs environment substance directive request
MECHANICALDATA
Case: TO-252 molded plastic Terminals: Solder plated, solderable per MIL-STD-202G,Method 208 Polarity: As marking Standard packaging: 16mm tape (EIA-481) Weight: 0.015 ounces, 0.4grams.
.09 .09 (2.3) (2.3)
MAXIMUM RATINGS AND DELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
PAR AME T E R M a xi m um R e c ur r e nt P e a k R e ve r s e V o l t a g e M a xi m um R M S V o l t a g e M a xi m um D C B l o c k i ng V o l t a g e M a xi m um A ve r a g e F o r w a r d R e c t i f i e d C ur r e nt . 3 7 5 " ( 9 . 5 m m ) l e a d l e n g t h a t Tc = 1 0 0 O C P e a k F o r w a r d S ur g e C ur r e nt : 8 . 3 m s s i ng l e ha l f s i ne w a ve s up e r i m p o s e d o n r a t e d l o a d ( J E D E C m e t ho d ) M a x i m u m In s t a n t a n e o u s F o r w a r d V o l t a g e a t 1 0 A p e r le g M a x i m u m D C R e v e r s e C u r r e n t TA = 2 5 O C a t R a t e d D C B l o c k i ng V o l t a g e T A = 1 0 0 OC M a xi m um The r m a l R e s i s t a nc e O p e r a t i n g J u n c t i o n Te m p e r a t u r e R a n g e S t o r a g e Te m p e r a t u r e R a n g e
S YM B OL S D 1 0 2 0 YS S D 1 0 3 0 YS S D 1 0 4 0 YS S D 1 0 5 0 YS S D 1 0 6 0 YS S D 1 0 8 0 YS S D 1 0 1 0 0 YS S D 1 0 1 5 0 YS U N IT S VRRM VRMS VDC IAV IFSM VF IR RJ C RJ A TJ TSTG 0 .5 5 20 14 20 30 21 30 40 28 40 50 35 50 1 0 .0 100 0 .7 5 0 .2 20 3 .0 80 -5 0 to +1 2 5 -5 0 to +1 5 0
O
60 42 60
.225(5.7) .209(5.3)
.106(2.7) .090(2.3)
.063(1.6) .047(1.2)
* Low profile package
.216(5.5) .200(5.1)
80 56 80
100 70 100
150 105 150
V V V A A
0 .8 5
0 .9 2
V mA
C/W
O
C C
O
REV.0-MAR19.2005
PAGE . 1
RATING AND CHARACTERISTIC CURVES
AVERAGE FORWARD CURRENT
25.0 20.0 15.0 10.0 5.0 0 0
PEAK FORWARDSURGE CURRENT, AMPERES
120 100 80 60 40 20
50
100
150
0
1
10
NO. OF CYCLE AT 60HZ
100
CASE TEMPERATURE, OC
Fig.1- FORWARD CURRENT DERATING CURVE
Fig.2-MAXIMUMNON-REPETITIVEPEAK FORWARD SURGE CURRENT
FORWARD CURRENT, AMPERES
10
0
V RRM =20-40V V RRM =50-100V
100
REVERSE CURRENT, mA
10
-1
T J =100 C
O
50-60V
10
20-40V
10
-2
1.0
80-100V
10
-3
T J =25 C
O
0
20
40
60
80
100
0.1
0.2
0.4
0.6
0.8
1.0
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
FORWARD VOLTAGE, VOLTS
Fig.4- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTIC
Fig.3- TYPICAL REVERSE CHARACTERISTICS
REV.0-MAR19.2005
PAGE . 2


▲Up To Search▲   

 
Price & Availability of SD1020YS05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X