Part Number Hot Search : 
MAX9321 SP8481JS SK10100C G510220 MP6KE36A 300N0 3G3FV EUA6204A
Product Description
Full Text Search
 

To Download SD1020S05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
SD1020S~SD10150S
SCHOTTKY BARRIER RECTIFIERS
VOLTAGE FEATURES
* Plastic package has Underwriters Laboratory Flammability Classification 94V-O * For surface mounted applications * Built-in strain relief * Low power loss, High efficiency * High surge capacity
0.040(1.0)
.02(0.5) .032(0.8) .012(0.3) .071(1.8) .051(1.3) .264(6.7) .248(6.3) .098(2.5) .082(2.1) .024(0.6) .016(0.4)
20 to 150 Volts
CURRENT
10.0 Amperes
TO-252 / DPAK
Unit : inch (mm)
* For use in low voltage high frequency inverters, free wheeling, and polarity protection applications * Pb free product are available : 99% Sn above can meet Rohs environment substance directive request
MECHANICALDATA
Case: TO-252 molded plastic Terminals: Solder plated, solderable per MIL-STD-202G,Method 208 Polarity: As marking Standard packaging: 16mm tape (EIA-481) Weight: 0.015 ounces, 0.4grams.
.09 .09 (2.3) (2.3)
MAXIMUM RATINGS AND DELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
PARAMETER Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375"(9.5mm) lead length at Tc =100OC Peak Forward Surge Current : 8.3ms single half sine-wave superimposed on rated load(JEDEC method) Maximum Instantaneous Forward Voltage at 10.0A Maximum DC Reverse Current TA=25OC at Rated DC Blocking Voltage TA=100OC Maximum Thermal Resistance Operating Junction Temperature Range Storage Temperature Range
SYMBOL SD1020S SD1030S SD1040S VRRM VRMS VDC IAV IFSM VF IR RJC RJA TJ TSTG 0.55 20 14 20 30 21 30 40 28 40
S D 1050S 50 35 50
S D 1060S 60 42 60 10.0 100
.225(5.7) .209(5.3)
.106(2.7) .090(2.3)
.063(1.6) .047(1.2)
* Low profile package
.216(5.5) .200(5.1)
S D 1080S 80 56 80
S D 10100S 100 70 100
SD10150S UNITS 150 105 150 V V V A A
0.75 0.2 20 3.0 80 -50 to +125 -50 to +150
0.85
0.92
V mA
O
C/W
O
C C
O
REV.0-MAR.19.2005
PAGE . 1
RATING AND CHARACTERISTIC CURVES
AVERAGE FORWARD CURRENT
25.0 20.0 15.0 10.0 5.0 0 0
PEAK FORWARDSURGE CURRENT, AMPERES
120 100 80 60 40 20
50
100
150
0
1
10
NO. OF CYCLE AT 60HZ
100
CASE TEMPERATURE, OC
Fig.1- FORWARD CURRENT DERATING CURVE
Fig.2-MAXIMUMNON-REPETITIVEPEAK FORWARD SURGE CURRENT
FORWARD CURRENT, AMPERES
10
0
V RRM =20-40V V RRM =50-100V
100
REVERSE CURRENT, mA
10
-1
T J =100 C
O
50-60V
10
20-40V
10
-2
1.0
80-100V
10
-3
T J =25 C
O
0
20
40
60
80
100
0.1
0.2
0.4
0.6
0.8
1.0
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
FORWARD VOLTAGE, VOLTS
Fig.4- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTIC
Fig.3- TYPICAL REVERSE CHARACTERISTICS
REV.0-MAR.19.2005
PAGE . 2


▲Up To Search▲   

 
Price & Availability of SD1020S05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X