Part Number Hot Search : 
1205S LB11990W BR204 SM140 20120 1205S TC358 HD6417
Product Description
Full Text Search
 

To Download SC4808CMSTRT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 High Performance Dual Ended PWM Controller
POWER MANAGEMENT Description
The SC4808C is a dual-ended, high frequency, integrated PWM controller, optimized for isolated applications that require minimum space. It can be configured for current or voltage mode operation with required control circuitry where secondary side error amplifier is used. Some of the key features are high frequency operation of 1 MHz that allows the use of smaller components thus saving cost and valuable board space. An internal ramp on the Current Sense pin allows Internal Slope Compensation programmed by an external resistor. Other features include programmable frequency up to 1MHz, Pulse by Pulse current and Line Monitoring Input with Hysteresis to reduce stress on the power components. A unique oscillator is used to synchronize two SC4808C's to work out of phase. This minimizes the input and output ripple thus reducing noise on the output line and reducing stress and size of input/output filter components. The dual outputs can be configured in Push-Pull, Half Bridge and Full Bridge format with programmable dead time between two outputs depending on the size of the timing components. The SC4808C also features a turn on threshold of 8V and is available in MSOP-10 package.
SC4808C
Features
120A starting current Pulse by pulse current limit Programmable operation up to 1MHz Internal soft start Programmable line undervoltage lockout Over current shutdown Dual output drive stages on push-pull configuration Programmable internal slope compensation Programmable mode of operation (peak current mode or voltage mode) External frequency synchronization Bi-phase mode of operation -40 to 105 C operating temperature MSOP-10 lead free package. This product is fully WEEE and RoHS compliant
Applications
Telecom equipment and power supplies Networking power supplies Industrial power supplies Push-pull converter Half bridge converter Full bridge converter Isolated VRM's
Typical Application Circuit
Vo Vin Gnd_Out
RSENSE
Gnd_In
OUTA OUTB CS VCC
SYNC
RC REF
SYNC
FB
LUVLO GND
SC4808
Revision: July 13, 2006
1
www.semtech.com
SC4808C
POWER MANAGEMENT Absolute Maximum Ratings
Exceeding the specifications below may result in permanent damage to the device, or device malfunction. Operation outside of the parameters specified in the Electrical Characteristics section is not implied.
Parameter Supply Voltage Supply Current SYNC, RC,CS, LUVLO, REF to GND FB to GND REF Current OUTA/OUTB to GND OUTA/OUTB Source Current (peak) OUTA/OUTB Sink Current (peak) Thermal Resistance Junction Temperature Storage Temperature Range Lead Temperature (Soldering) 10 Sec. ESD Rating (Human Body Model)
Symbol VCC ICC V FB IREF VOUTA/B Isource Isink J A TJ TSTG TLEAD V ESD
Maximum -0.5 to18 20 -0.5 to 7 -0.5 to (VREF+ 0.5) 10 -0.5 to 18 -250 250 136* -40 to 150 -65 to 150 +300 2
Units V mA V V mA V mA mA C/W C C C kV
*Calculated from package in still air, mounted to 3" x 4.5", 4 layer FR4 PCB with thermal vias under the exposed pad as per JESD51 standards.
Electrical Characteristics
Unless specified: VCC = 12V; CL = 100pF; TA = -40C to 105C
Parameter PWM Maximum Duty Cycle Minimum Duty Cycle Current Sense Gain Maximum Input Signal CS to Output Delay Over Current Threshold Internal Slope Compensation Resistor FB to CS Offset Output OUT Low Level OUT High Level Rise Time Fall Time
2006 Semtech Corp.
Test Conditions
Min
Typ
Max
Unit
Fosc = 50kHz, FB = 3.5V, Measured at OUTA or OUTB Fosc = 50kHz, FB = 1.5V, Measured at OUTA or OUTB
48
49
50 0
% %
3 475 525 100 600 700 25 1.30 1.50 1.70 800 575 mV ns mV k V
0 11.0
.50 11.25 25 25
.70 12.00
V V ns ns
2
www.semtech.com
SC4808C
POWER MANAGEMENT Electrical Characteristics (Cont.)
Unless specified: VCC = 12V; CL = 100pF; TA = -40C to 105C
Parameter VCC Under Voltage Lockout Turn-on Turn-off Line Under Voltage Lockout Start Threshold Hysteresis Soft Start Internal Soft Start Ramp Soft Start Duration
Test Conditions
Min
Typ
Max
Unit
7.5 6.5
8 7
8.5 7.5
V V
RTOP = 14k, RBOT = 10k RTOP = 14k, RBOT = 10k
-3%
VREF 5.6% of VREF
+3%
V mV
200 Rcs = 1k (See formula in the Application Information Soft Start section) 12
s/V s
Soft Start Delay Oscillator Oscillator Frequency Oscillator Ramp RC pin to GND capacitance Oscillator Frequency Range Sync/CLOCK Clock SYNC Threshold Sync Frequency Range B an d g ap Reference Voltage Reference Current Overall Startup Current Operating Supply Current VCC Zener Shunt Voltage VCC < start threshold FB = 0V, CS = 0V IDD = 10mA 16 2.970 50 Rosc = 11k, Cosc = 200pF 450
140
s
500 VREF/2 +0.25 22
550
KHz V pF
1000
KHz
1.0 Fosc*1.3
V KHz
3.125 5
3.280
V mA
150 7
A mA V
2006 Semtech Corp.
3
www.semtech.com
SC4808C
POWER MANAGEMENT Pin Configuration
Top View
Ordering Information
Part Number SC4808CMSTRT(1)(2) P ackag e MSOP-10 Top Mark A B 0C
Notes: (1) Only available in tape and reel packaging. A reel contains 2500 devices. (2) Lead free product. This product is fully WEEE and RoHS compliant.
(MSOP-10)
Block Diagram
VCC
CS
Slope Comp.
OVER CURRENT
Peak Current
Enable
S R Q
OUTA OSC
500mv
Q T S Q Q
Disable LUVLO
REF
Bandgap UVLO SOFT START
R
R
OUTB SYNC
2R
LUVLO GND
LUVLO
FB
RC
SYNC
2006 Semtech Corp.
4
www.semtech.com
SC4808C
POWER MANAGEMENT Pin Descriptions
FB: The inverting input to the PWM comparator. Stray inductances and parasitic capacitance should be minimized by utilizing ground planes. REF: Bandgap reference output It should be by passed with a 2.2uF low ESR capacitance, right at the IC pin. CS: Current sense input and internal slope compensation are both provided via the CS pin. The current sense input from a sense resistor is used for the peak current and overcurrent comparators. An internal 1 to 3 feed back voltage divider provides a 3X amplification of the CS signal. This is used for comparison to the external error amplifier signal. If an external resistor is connected from CS to the current sense resistor, the internal current source will provide a programmable slope compensation. The value of the resistor will determine the level of compensation. At higher compensation levels, voltage mode of operation can be achieved. RC: The oscillator programming pin. The oscillator should be referenced to a stable reference voltage for an accurate and stable frequency. Only two components are required to program the oscillator, a resistor (tied to Vref and RC), and a capacitor (tied to the RC and GND). The following formula can be used for a close approximation of the oscillator frequency. LUVLO: Line undervoltage lockout pin. An external resistive divider will program the undervoltage lockout level. The external divider should be referenced to the quiet analog ground. During the LUVLO, the driver outputs are disabled and the softstart is reset. This pin can also function as an Enable/Disable. SYNC: SYNC is a positive edge triggered input with a threshold set to 1.0V. In a single controller operation, SYNC could be grounded or connected to an external synchronization clock within the SYNC frequency range. In the Bi-Phase operation mode SYNC pins could be connected to the Cosc (Timing Capacitors) of the other controller. This will force an out of phase operation. GND: Device power and analog ground. Careful attention should be paid to the layout of the ground planes (see page 16.) OUTA and OUTB: Out of phase gate drive stages. The driver's peak source and sink current drive capability of 100mA, enables the use of an external MOSFET driver or a NPN/PNP transistor buffer. The oscillator RC network programs the oscillator frequency, which is twice the OUTA/OUTB frequency. To insure that the outputs do not overlap, a dead time can be generated between the two outputs by sizing the oscillator timing capacitor. VCC: The supply input for the device. Once VCC has exceeded the UVLO limit, the internal reference, oscillator, drivers and logic are powered up. A low ESR capacitance, should be used for decoupling right at the IC pin to minimize noise problems.
FOSC
where:
1 ROSCCTOT x 0.8
CTOT = COSC + CSC 4808 + CCircuit CSC 4808 22pF
Where the frequency is in Hertz, resistance in ohms, and capacitance in farads. The recommended range of timing resistors is between 10 kOhm and 200kOhm and range of timing capacitors is between 100pF and 1000pF. Timing resistors less than 10 kOhm should be avoided.
2006 Semtech Corp.
5
www.semtech.com
SC4808C
POWER MANAGEMENT Application Information
THEORY OF OPERATION The SC4808C is a versatile double ended, high speed, low power, pulse width modulator that is optimized for applications requiring minimum space. The device contains all of the control and drive circuity required for isolated or non isolated power supplies where an external error amplifier is used. A fixed oscillator frequency (up to 1MHz) can be programmed by an external RC network. The SC4808C is a peak current or voltage mode controller, depending on the amount of slope compensation, programmable with only one external resistor. The cycle by cycle peak current limit prevents core saturation when a transformer is used for isolation while the overcurrent circuitry initiates the softstart cycle. The SC4808C dual output drive stages are arranged in a push-pull configuration. Both outputs switch at half the oscillator frequency using a toggle flip flop. The dead time between the two outputs is programmable depending on the values of the timing capacitor and resistors, thus limiting each output stage duty cycle to less than 50%. The SC4808C also provides flexibility with programmable LUVLO thresholds, with built-in hysteresis. SUPPLY A single supply, VCC is used to provide the bias for the internal reference, oscillator, drivers, and logic circuitry of SC4808C. To ensure proper operation during start up, VCC slew rate of less than 10V/mS is recommended. PWM CONTROLLER SC4808C is a double ended PWM controller that can be used in voltage or current mode applications. The SC4808C provides a 7.5V VCC UVLO, and a 3.125V reference. The oscillator frequency is programmed by a resistor and a capacitor network connected to an external reference provided by the SC4808C. The two outputs, OUTA and OUTB, are 180 degrees out of phase and run at half of the oscillator frequency. An external error amplifier will provide the error signal to the FB pin of the SC4808C. The current sense input and internal slope compensation are both provided via the CS pin. The current sense input from a sense resistor is used for the peak current and overcurrent comparators. An internal 1 to 3 feedback voltage divider provides a 3X amplification of the CS signal. This is used for comparison to the external error amplifier signal. If an external resistor is connected from CS to the current sense resistor, the internal current source will provide a programmable slope compensation. The value of the resistor will determine the level of compensation. At higher compensation levels, voltage mode of operation can be achieved. The error amplifier signal at the FB pin will be used in conjunction with the CS signal to achieve regulation. Two levels of undervoltage lockout are also available. The LUVLO (line under voltage lockout) pin via an external resistive divider will program the undervoltage lockout level. During the LUVLO, the driver outputs are disabled and the softstart is reset. Once VCC has exceeded the UVLO (VCC under voltage lockout) limit, the internal reference, oscillator, drivers and logic are powered up. SYNC is a positive edge triggered input with a threshold set to 1.0V. By connecting an external control signal to the SYNC pin, the internal oscillator frequency will be synchronized to the positive edge of the external control signal. In a single controller operation, SYNC should be grounded or connected to an external synchronization clock within the SYNC frequency range . In the Bi-phase operation mode a very unique oscillator is utilized to allow two SC4808C to be synchronized together and work out of phase. This feature is setup by simple connection of the SYNC input to the RC pin of the other part. The fastest oscillator automatically becomes the master, forcing the two PWMs to operate out of phase. This feature minimizes the input and output ripples, and reduces stress on the capacitors.
2006 Semtech Corp.
6
www.semtech.com
SC4808C
POWER MANAGEMENT Application Information (Cont.)
VCC UNDER VOLTAGE LOCK OUT Depending on the application and the voltages available, the SC4808C can be used to provide the VCC undervoltage lock out function to ensure the converters controlled start up. Before the VCC UVLO has been reached, the internal reference, oscillator, OUTA/OUTB drivers, and logic are disabled. LINE UNDER VOLTAGE LOCK OUT The SC4808C also provides a line undervoltage (LUVLO = Vref) function. The LUVLO pin is programmed via an external resistor divider connected as shown below. The actual start-up voltage can be calculated by using the equation below:
V Startup = V REF x
The oscillator frequency is set by connecting a RC network as shown below.
REF C26 2.2u,16V
VCC
0
R27 15k
U4
5 4 3 2 REF FB CS RC SYNC GND OUTB OUTA VCC LUVLO 6 7 8 9 10
R28 10
C31 200p
1
C33 0.1u,25V 0
SC4808 SYNC
56.2k R23
10k R33
Vin
(R 23
+ R 33 R 33
)
The oscillator has a ramp voltage of about Vref/2. The oscillator frequency is twice the frequency of the OUTA and OUTB gate drive controls.
VCC C26 2.2u,16V
15
R24 10k
REF
R25 18 R26 2.2k R27 15k U4
5 4 3 REF FB CS RC SYNC GND OUTB OUTA VCC LUVLO 6 7 8 9 10
R28 10
C29 82p C31 200p
2 1
C33 0.1u,25V
The oscillator capacitor C31 is charged by a current sourced from the Vref through R27. Once the RC pin reaches about Vref/2, the capacitor is discharged internally by the SC4808C. It should be noted that larger capacitor values will result in a longer dead time during the down slope of the ramp. The following equation can be used as an approximation of the oscillator frequency and the Dead time:
FOSC 1 ROSCCTOT x 0.8
SC4808 SYNC
56.2k R23
10k R33
Vin
where: REFERENCE A 3.125V(SC4808C) reference voltage is available that can be used to source a typical current of 5mA to the external circuitry. The Vref can be used to provide the oscillator RC network with a regulated bias. OSCILLATOR
CTOT = COSC + CSC 4808 + CCircuit CSC 4808 22pF
Tdeadtime COSC x VREF x 0.5 3 10 -3
The recommended range of timing resistors is between 10 kOhm and 200kOhm, range of timing capacitors is between 100pF and 1000pF. Timing resistors less than 10 kOhm should be avoided.
2006 Semtech Corp.
7
www.semtech.com
SC4808C
POWER MANAGEMENT Application Information (Cont.)
SYNC/Bi-Phase operation In noise sensitive applications where synchronization of the oscillator frequency to a reference frequency is required, the SYNC pin can accept the external clock. By connecting an external control signal to the SYNC pin, the internal oscillator frequency will be synchronized to the positive edge of the external control signal. SYNC is a positive edge triggered input with a threshold set to 1.0V (SC4808C). In a single controller operation, SYNC should be grounded or connected to an external synchronization clock within the SYNC frequency range. FEED BACK The error signal from the output of an external error amplifier such as SC431 or SC4431 is applied to the inverting input of the PWM comparator at the FB pin either directly or via an opto coupler for the isolated applications. For best stability, keep the FB trace length as short as possible.
Vref Vout R37 2.2k R34 FB
6 3
Vout C35 C36 R35 R36
4
R32
C40 22pF
5 4 5 1
C37
MOCD207 C38 0.1u C39 22n
OUTA (PWM1)
Vref
SC4431
2
R38
OUTB (PWM1)
OUTA (PWM2)
OUTB (PWM2)
REF
REF
Rosc1 5 4 3 2 Cosc1 1 REF FB CS RC SYNC
U1
GND OUTB OUTA VCC LUVLO 6 7 8 9 10
Rosc2 5 4 3 2 Cosc2 1 REF FB CS RC SYNC
U2
GND OUTB OUTA VCC LUVLO 6 7 8 9 10
The signal at the FB pin is then compared to the 3X amplified signal from the current sense/ slope compensation CS pin. Matched out of phase signals are generated to control the OUTA and OUTB gate drives of the two phases. A single ramp signal is used to generate the control signals for both phases, hence achieving a tightly matched per phase operation. Voltages below 1.5V at the FB pin, will produce a 0% duty cycle at the OUTA/OUTB gate drives. This offset is to provide enough head room for the opto coupler used in isolated applications. GATE DRIVERS OUTA and OUTB are out of phase bipolar gate drive output stages, that are supplied from VCC and provide a peak source/sink current of about 100mA. Both stages are capable of driving the logic input of external MOSFET drivers or a NPN/PNP transistor buffer. The output stages switch at half the oscillator frequency. When the voltage on the RC pin is rising, one of the two outputs is high, but during fall time, both outputs are off. This "dead time" between the two outputs, along with a slower output rise and fall time, insures that the two outputs can not be on at the same time. The dead time is programmable and depends upon the timing capacitor.
SC4808
SC4808
In the Bi-phase operation mode a very unique oscillator is utilized to allow two SC4808C's to be synchronized together and work out of phase. This feature is set up by a simple connection of the SYNC input to the RC pin of the other part. The fastest oscillator automatically becomes the master, forcing the two PWMs to operate out of phase. This feature minimizes the input and output ripples, and reduces stress on the capacitors.
2006 Semtech Corp.
8
www.semtech.com
SC4808C
POWER MANAGEMENT Application Information (Cont.)
It should be noted that if high speed/high current drivers such as the SC1301 are used, careful layout guide lines must be followed in order to minimize stray inductance, which might cause negative voltages at the output of the drivers. This negative voltage can be clamped to a reasonable level by placing a small Schottky diode directly at the output of the driver as shown below.
VCC EN SC1301A
3 5 U3
F C26 2.2u,16V
VCC
C23 0.1u
1 4
Gate_B D_B
U4
5 4 3 2 1 REF FB CS RC SYNC GND OUTB OUTA VCC LUVLO 6 7 8
R28 10
2
VCC
9 10
EN SC1301A
C33 0.1u,25V C34 0.1u
3 5 U6
SC4808 SYNC
56.2k R23
10k R33
1
4
Gate_A D_A
Vin
2
OVER CURRENT Two levels of over current protection are provided by the SC4808C. The current information is sensed at the CS pin and compared to a peak current limit level of 525mV. If the 525mV limit is exceeded, the OUTA and OUTB pulse widths and duty cycle is reduced until the CS pin reaches a second threshold of 700mV. At that point, the OUTA and OUTB are disabled, and after a delay of 140s, the internal softstart sequence is started. After the softstart duration, normal operation is achieved, unless the over current condition is still present.
2006 Semtech Corp.
9
www.semtech.com
SC4808C
POWER MANAGEMENT Application Information (Cont.)
SLOPE COMPENSATION (Current or Voltage mode of operation) In applications where a current mode control is used for regulation, the peak inductor current information is used to produce the average output current. If a small perturbation due to changes in supply voltage or noise pick up is generated, instability may occur if the duty cycle is >50%. This phenomenon is graphically shown below. The inductor current and disturbed inductor current are shown for three different duty cycles conditions. The top wave form shows the applications where the duty cycle D is less than 50%. As shown, even if an error is introduced, after only a few cycles the error converges to zero. The second wave form shows the case where D = 50%. Under this condition, even though the error does not completely disappear, it stays constant and is not getting larger. This will be seen as jitter at the inductor voltage. The bottom wave form shows D>50%. As shown, a very small error results in a much larger error only after a few cycles. This will cause instability in the converter and the average output inductor current. The output load will not be able to be kept in regulation.
iL : Small Inductor current perturbation IL : Inductor current
Instability in current mode operation due to Duty cycle >50%
D<50%
I
L
i
L
Note: After afew c ycles the perturbation disappears and stable operation returns.
Time
Error
D=50%
I
L
i
L
i
L
Note: After afew c ycles the perturbation is still pres ent, although this w ill caus e jitter, but there is no instability.
Time
Error
D>50%
I
L
iL
iL
Error
Time
Note: After afew c ycles the perturbation becomes larger, and causes instability.
2006 Semtech Corp.
10
www.semtech.com
SC4808C
POWER MANAGEMENT Application Information (Cont.)
The instability can be corrected by modification of the peak current information slope. One of the methods to alter the peak current information is to add a positive going ramp to the output of the current sensing circuitry. The SC4808C achieves this by using an internal slope compensation circuit. The oscillator ramp is internally buffered and an internal 25kOhm resistor in conjunction with an external resistor at the CS pin will program the level of slope compensation. If the Rslope comp is increased, the internal ramp becomes the dominant signal and more voltage mode of operation is achieved. As it can be calculated from the second formula below, a 100% voltage mode operation can be achieved by choosing Rslope comp to be greater than 6.25kOhm. Also if a 100% current mode of operation is required, Rslope comp is reduced to zero and the contribution from the internal ramp is completely eliminated.
VRamp x
Current Transformer
%Slope _ Comp=
(Rslope _ Comp + Rsense ) (Rslope _ Comp + Rsense ) + Rint ernal
VCS
N = 100
10k R D REF C 2.2u,16V Rsense RSlope Comp Rosc 15k
or
0.2 x (%slope _ Comp) R external Rint ernal * 1 - (0.2 x %slope _ Comp)
6 7
5 4 3
REF FB
25k
GND
Cfilter 82p Cosc 200p
CS 2 1 RC SYNC
SC4808 RSlope Comp value will determine the Mode of operation (Voltage or Current)
The Peak current information is sensed and the result is realistically summed to the buffered oscillator ramp, as shown above. The value of the external resistor Rslope comp will determine the percentage of the slope compensation. As the value for Rslope comp is reduced, the current information becomes more dominant and the mode of operation becomes more current mode. At the same time the slope of the current information is modified to provide the slope compensation.
Next page illustrates how the buffered oscillator ramp is used to modify the sensed inductor current. It should be noted that in order for the slope compensation to be effective, the current sensed signal slope should be at least 50% less steeper than the oscillator positive ramp slope. The slope will include the magnetizing current of the transformer and the inductor output current in isolated applications. In non-isolated applications, the slope will only include the inductor output current.
2006 Semtech Corp.
11
www.semtech.com
SC4808C
POWER MANAGEMENT Application Information (Cont.)
i I
L L
: Sm all Inductor current perturbation : Inductor current : Sensed Mosfet current
I I
Slope Compensation generation from Buffered Oscillator Ramp
D>50%
Note: Below wave form s are not to scale.
Sense CS
: Sum m ation of Isense and slope com pensation, at the CS pin of the SC4808.
I
L
I
Sense
Buffered Oscillator Ramp
ICS
2006 Semtech Corp.
12
www.semtech.com
SC4808C
POWER MANAGEMENT Application Information (Cont.)
Below the benefits from the slope compensation become apparent. The top wave form shows the stable operation before the perturbation. The second wave form shows the perturbation and the instability caused from it if no slope compensation is added to the current information. The last wave form shows the slope compensation and the effect of it. The increase in the slope of the current information results in an early termination of the inductor current, hence a reduction in the amount of error. As the cycle is repeated, the perturbation is reduced and finally eliminated.
i I I I
L
: Small Inductor current perturbation : Inductor current : Sensed Mosfet current
L
Stable current mode operation with Slope Compensation
D>50%
Sense
CS
: Summation of Isense and slope compensation, at the CS pin of the SC4808.
Stable operation ( no perturbation)
Error Signal from Error amplifier
ISense
IL
Note: After a few cycles the perturbation becomes larger, and causes instability.
Instable operation ( with perturbation)
Error Signal from Error amplifier
ISense
I
L
i
L
Stable operation (Slope Compensation Added)
Note: After a few cycles the perturbation disappears and stable operation returns.
Error Signal from Error amplifier
I
CS
I
L
i
L
2006 Semtech Corp.
13
www.semtech.com
SC4808C
POWER MANAGEMENT Application Information (Cont.)
SOFT START During start up of the converter, the discharged output capacitor and the load current have large supply current requirements. To avoid this a soft start scheme is usually implemented where the duty cycle of the regulator is gradually increased from 0% until the soft start duration is elapsed. SC4808C has an internal soft start circuit that limits the duty cycle for a duration approximated by the formula below. Also the soft start circuitry is activated if an over current condition occurs. After an over current condition, OUTA and OUTB are disabled and kept low for a duration of about 140s. After the delay, the OUTA and OUTB are enabled while the soft start limits the duty cycle. If the over current condition persists, the soft start cycle repeats indefinitely. Approximate internal soft start duration can be calculated as below: START UP SEQUENCE Initially during the power up, the SC4808C is in under voltage lock out condition. As the Vcc supply exceeds the UVLO limit of the SC4808C, the internal reference, oscillator, and logic circuitry are powered up. The OUTA and OUTB drivers are not enabled until the line under voltage lock out limit is reached. At that point, once the FB pin is above 1.5V, soft start circuitry starts the output drivers, and gradually increases the duty cycle from 0%. The soft start duration is internally set (see formula in Soft Start section). As the output voltage starts to increase, the error signal from the error amplifier starts to decrease. If isolation is required, the error amplifier output can drive the LED of the opto isolator. The output of the opto is connected in a common emitter configuration with a pull-up resistor to a reference voltage connected to the FB pin of the SC4808C. The voltage level at the FB pin provides the duty cycle necessary to achieve regulation. If an over current condition occurs, the outputs are disabled and after a soft start delay time of about 100s, the softstart sequence mentioned above is repeated.
T SoftStart
(Ramp
SoftStart
)x
R Internal R CS
VREF 2
_ SlopeComp _ to _ GND
+ 1

If longer soft start durations are required, the simple external circuit shown below can be implemented.
REF C26 2.2u,16V
VCC
REF R37 1k
6
R27 15k
U4
5 4 REF FB CS RC SYNC GND OUTB OUTA VCC LUVLO 6 7 8 9 10
R28 10
C40 NA
5
3
56.2K MOCD207 Csoft start C31 200p
2 1
C33 0.1u,25V
SC4808 SYNC
56.2k R23
10k R33
Vin
Approximate soft start duration can be calculated as below:
TSoftStart CSoftStart x R37
2006 Semtech Corp.
14
www.semtech.com
SC4808C
POWER MANAGEMENT Application Information (Cont.)
LAYOUT GUIDELINES Careful attention to layout requirements are necessary for successful implementation of the SC4808C PWM controller. High current switching is present in the application and their effect on ground plane voltage differentials must be understood and minimized. 1). The high power parts of the circuit should be laid out first. A ground plane should be used, the number and position of ground plane interruptions should be such as to not unnecessarily compromise ground plane integrity. Isolated or semi-isolated areas of the ground plane may be deliberately introduced to constrain ground currents to particular areas, such as the input capacitor and FET ground. 2). In the loop formed by the Input Capacitor(s) (Cin), the FET must be kept as small as possible. This loop contains all the high current, fast transition switching. Connections should be as wide and as short as possible to minimize loop inductance. Minimizing this loop area will a) reduce EMI, b) lower ground injection currents, resulting in electrically "cleaner" grounds for the rest of the system and c) minimize source ringing, resulting in more reliable gate switching signals. 3). The connection between FETs and the Transformer should be a wide trace or copper region. It should be as short as practical. Since this connection has fast voltage transitions, keeping this connection short will minimize EMI. 4) The Output Capacitor(s) (Cout) should be located as close to the load as possible. Fast transient load currents are supplied by Cout only, and connections between Cout and the load must be short, wide copper areas to minimize inductance and resistance. 5) The SC4808C is best placed over a quiet ground plane area. Avoid pulse currents in the Cin FET loop flowing in this area. GND should be returned to the ground plane close to the package and close to the ground side of (one of) the VCC supply capacitor(s). Under no circumstances should GND be returned to a ground inside the Cin, Q1, Q2 loop. Avoid making a star connection between the quiet GND planes that the SC4808C will be connected to and the noisy high current GND planes connected to the FETs. 6) The feed back connection between the error amplifier and the FB pin should be kept as short as possible The GND connections should be connected to the quiet GND used for the SC4808C. 7) If an Opto isolator is used for isolation, quiet primary and secondary ground planes should be used. The same precautions should be followed for the primary GND plane as mentioned in item 5 mentioned above. For the secondary GND plane, the GND plane method mentioned in item 4 should be followed. 8) All the noise sensitive components such as LUVLO resistive divider, reference by pass capacitor, Vcc bypass capacitor, current sensing circuitry, feedback circuitry, and the oscillator resistor/capacitor network should be connected as close as possible to the SC4808C. The GND return should be connected to the quiet SC4808C GND plane. 9) The connection from the OUTA and OUTB of the SC4808C should be minimized to avoid any stray inductance. If the layout can not be optimized due to constraints, a small Schottky diode may be connected from the OUTA/ B pins to the ground directly at the IC. This will clamp excessive negative voltages at the IC. If drivers are used, the Schottky diodes should be connected directly at the IC from the output of the driver to the driver ground. 10) If the SYNC function is not used, the SYNC pin should be grounded at the SC4808C GND to avoid noise pick up.
2006 Semtech Corp.
15
www.semtech.com
SC4808C
POWER MANAGEMENT Gain & Phase Margin
50
40
Gain Phase
Gain Phase (deg)
225 180 135
30
90 45 0 -45 -90 Phase (deg)
20 Gain (dB)
10
0
-10 -135 -20 -180 -225 100000
-30 10 100 1000 Freq (Hz) 10000
Typical SC4808C Push Pull Converter Gain/Phase plot at Vin = 36V, Vout = 3.3V, Iout = 10A, Fosc = 650kHz
2006 Semtech Corp.
16
www.semtech.com
SC4808C
POWER MANAGEMENT Gain & Phase Margin (Cont.)
50
40
Gain Phase
Gain Phase (deg)
225 180 135
30
90 45 0 -45 -90 Phase (deg)
20 Gain (dB)
10
0
-10 -135 -20 -180 -225 100000
-30 10 100 1000 Freq (Hz) 10000
Typical SC4808C Push Pull Converter Gain/Phase plot at Vin = 48V, Vout = 3.3V, Iout = 10A, Fosc = 650kHz
2006 Semtech Corp.
17
www.semtech.com
SC4808C
POWER MANAGEMENT Gain & Phase Margin (Cont.)
50
40
Gain Phase
Gain Phase (deg)
225 180 135
30
90 45 0 -45 -90 Phase (deg)
20 Gain (dB)
10
0
-10 -135 -20 -180 -225 100000
-30 10 100 1000 Freq (Hz) 10000
Typical SC4808C Push Pull Converter Gain/Phase plot at Vin = 72V, Vout = 3.3V, Iout = 10A, Fosc = 650kHz
2006 Semtech Corp.
18
www.semtech.com
SC4808C
POWER MANAGEMENT Typical Step Load
Vout 500mV/Div
Iout 5A/Div
Cout = 6X22uF (132uF) Ceramic
100us/Div
Typical SC4808C Push Pull Converter Step Load plot at Vin = 48V, Vout = 3.3V, Step = 37% to 75% Iout, Fosc = 650kHz
2006 Semtech Corp.
19
www.semtech.com
SC4808C
CON1
9
Vout+
MBRB2535CTL
1
PA0500
2 6T 4 9 3 1T 10
4 3
R1
GRM55DR72E105KW01 GRM55DR72E105KW01 R3
1
P8208T
8 6T 1T 8 7
T2
10
R2
PG0006.102T
D1
1
Murata GRM32DR60J226KA01
L1
2
8
Sense+
0
2.2n C1 10 R5 2.2n C3
CON2
Vin+
20k C11
B
R4 250 FZT853 Q1 C C13 VCC 1u,100V
5 1 4T 6
C4 MBRB2535CTL
1 4 3
C5 0.9uH
C6
C7
C8
C9
C2
C10
22u,6.3V 22u,6.3V 22u,6.3V 22u,6.3V 22u,6.3V 22u,6.3V
0.1u
0.1u
7
Trim
C12
ON/OFF
C E A
2
1u,100V 1u,100V R8 0 1N5819HW M1 1N5819HW 2.2 D6
1 2 L2 LQH43MN102K011 2
N = 100
SUD19N20-90
1 1 4 3 3 3
SUD19N20-90
16.2 R31
D2 T1
0
R7
R6 TBD
6
Sense-
0
D4
D3 1N5819HW M2
2
VCC = 15V
2.2 R9
2
1
3
Vin4
3input_half_brick GRM32DR61C106KA01 VCC G_B G_A
1
ZM4743A 10u,16V
C14 .1u,16V D5
C15
R10
U7 CBRHD-02
5
Vout-
5output_half_brick
C16 10u,16V GRM32DR61C106KA01
R11 TBD
VCC
SC1301A
U2 CMOSH-3
4
G_B
R12 56.2k LS4448
1
35
R13 10k C19 2.2u,16V
REF J1 D9 R18 10
2
VCC J2
C17 0.1u D7
C18 22nF R15 0
D8 R14 15 R16 1k
5 REF FB CS RC SYNC LUVLO 10 VCC 9 OUTA 8 OUTB 7 GND 4 3 6
R17 15k
U1
CMOSH-3
1
T3
6
D10 CMOSH-3 1u,16V C20
D11 CMOSH-3 Sync Drive Supply
C21
2
VCC
35
82p 82p C23 0.1u,25V JP1 J3 SYNC 10k R21 10nF C25
1
C22
SC1301A
U3 D14
1 4
G_A
3
4
PE-68386
CMOSH-3
0
R19 0
D13 CMOSH-3
D12 CMOSH-3 Sync Drive Supply
R20 D15
2
2.2k CMOSH-3
5 1 4
R22 37.4k U6
8 1
C26 0.1u REF R24 1k
6 3
C27 22n
U4
REF
SC4431
7 2
Vref
R23 18.2k
C34 .1uF
R32 56.2k FMMT718 Q2
2
C28 NA
5
4
Sync Drive Supply R26 MOCD207 2.2k
5 1
C35 2.2uF 16V
100pF C29 C30 1nF
R27
R25 11.5k
15k
R28 25.5k
4
C31 470pF R29 100
C
C32 0.1u
C33 22n
U5
SC4431
D16 1N5819HW
A 2
Vref
R30 15k
POWER MANAGEMENT Evaluation Board Schematics
Note:
For output power > 30W, adequate air flow should be provided to avoid over dissipation.
SEMTECH CORPORATION
Title Size
SC4808 Push Pull 3.3V 50W non Synchronous Document Number SC4808EVB__non_sync Date: Monday, October 07, 2002
Rev 1.1
2006 Semtech Corp.
Sheet
1
of
1
20
SC4808
C24 0.1u
www.semtech.com
SC4808C
POWER MANAGEMENT Evaluation Board Bill of Materials
SC4808 Push Pull 3.3V 50W non Synchronous SC4808EVB__non_sync Revision: 1.1 Bill Of Materials Item
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65
October 7,2002 Reference
13:35:18 Part
5output_half_brick 3input_half_brick 2.2n 0.1u 22u,6.3V 1u,100V .1u,16V 10u,16V 22nF 2.2u,16V 1u,16V 82p 0.1u,25V 10nF 22n NA 100pF 1nF 470pF .1uF 2.2uF 16V MBRB2535CTL 1N5819HW ZM4743A CMOSH-3 LS4448 short REF Vcc SYNC 0.9uH LQH43MN102K011 SUD19N20-90 FZT853 FMMT718 0 10 20k 250 TBD 0 2.2 56.2k 10k 15 1k 15k 10 2.2k 10k 37.4k 18.2k 11.5k 25.5k 100 16.2 56.2k PA0500 P8208T PE-68386 SC4808 SC1301A SC4431 MOCD207 CBRHD-02
Quantity
1 1 2 6 6 3 1 2 1 1 1 2 1 1 2 1 1 1 1 1 1 2 4 1 8 1 1 1 1 1 1 1 2 1 1 4 2 1 1 2 1 2 1 1 1 2 3 1 2 1 1 1 1 1 1 1 1 1 1 1 1 2 2 1 1
Manufacturer #
Foot Print
CON\5OUTPUT_HALF_BRICK CON\3INPUT_HALF_BRICK SM/C_1206 SM/C_0805 SM/C_1210_GRM SM/C_2220 SM/C_0805 SM/C_1210_GRM SM/C_1206 SM/C_1206 SM/C_1210_GRM SM/C_0805 SM/C_1206 SM/C_0805 SM/C_0805 SM/C_0805 SM/C_0805 SM/C_0805 SM/C_0805 SM/C_0805 SM/C_0805 DIODE_D2PAK SOD123 SMB/DO214 SOD523 SM/DO213AC VIA\2P ED5052 ED5052 ED5052 PG0006 SDIP0302 DPAKFET SM/SOT223_BCEC SM/R_0805 SM/R_1206 SM/R_1206 SM/R_1210_MCR SM/R_0805 SM/R_1206 SM/R_0805 SM/R_1206 SM/R_0805 SM/R_0805 SM/R_0805 SM/R_0805 SM/R_0805 SM/R_0805 SM/R_1206 SM/R_0805 SM/R_0805 SM/R_0805 SM/R_0805 SM/R_0805 SM/R_1206 SM/R_0805 PA0500 P8208T PE-68386 MSOP10 SOT23_5PIN SOT23_5PIN SO-8 CBRHD-02
CON1 CON2 C3,C1 C2,C10,C17,C24,C26,C32 C4,C5,C6,C7,C8,C9 C11,C12,C13 C14 C15,C16 C18 C19 C20 C22,C21 C23 C25 C27,C33 C28 C29 C30 C31 C34 C35 D2,D1 D3,D5,D6,D16 D4 D7,D9,D10,D11,D12,D13, D14,D15 D8 JP1 J1 J2 J3 L1 L2 M1,M2 Q1 Q2 R1,R7,R15,R19 R5,R2 R3 R4 R6,R11 R8 R9,R10 R12 R13 R14 R16,R24 R17,R27,R30 R18 R26,R20 R21 R22 R23 R25 R28 R29 R31 R32 T1 T2 T3 U1 U2,U3 U4,U5 U6 U7
GRM32DR60J226KA01 GRM55DR72E105KW01 GRM32DR61C106KA01
GRM32RR71H105KA011
CMOSH-3 (Central Semiconductor)
LQH43MN102K01L SUD19N20-90
2006 Semtech Corp.
21
www.semtech.com
SC4808C
POWER MANAGEMENT Evaluation Board Gerber Plots
Board Layout Assembly Top
Board Layout Assembly Bottom
Board Layout Top
Board Layout Bottom
2006 Semtech Corp.
22
www.semtech.com
SC4808C
POWER MANAGEMENT Evaluation Board Gerber Plots
Board Layout INNER1
Board Layout INNER2
2006 Semtech Corp.
23
www.semtech.com
SC4808C
POWER MANAGEMENT Outline Drawing - MSOP-10
e A N 2X E/2 PIN 1 INDICATOR ccc C 2X N/2 TIPS 12 B E1 E D
DIM
A A1 A2 b c D E1 E e L L1 N 01 aaa bbb ccc
DIMENSIONS INCHES MILLIMETERS MIN NOM MAX MIN NOM MAX
.043 .000 .006 .030 .037 .007 .011 .003 .009 .114 .118 .122 .114 .118 .122 .193 BSC .020 BSC .016 .024 .032 (.037) 10 8 0 .004 .003 .010 1.10 0.00 0.15 0.75 0.95 0.17 0.27 0.08 0.23 2.90 3.00 3.10 2.90 3.00 3.10 4.90 BSC 0.50 BSC 0.40 0.60 0.80 (.95) 10 0 8 0.10 0.08 0.25
D aaa C SEATING PLANE A2 C A1 bxN bbb C A-B D A GAGE PLANE 0.25 (L1) DETAIL SIDE VIEW SEE DETAIL L H c
01
A
A
NOTES: 1. CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES). 2. DATUMS -A- AND -B- TO BE DETERMINED AT DATUM PLANE -H3. DIMENSIONS "E1" AND "D" DO NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. 4. REFERENCE JEDEC STD MO-187, VARIATION BA.
Land Pattern - MSOP-10
X
DIM
(C) G Z C G P X Y Z
DIMENSIONS INCHES MILLIMETERS
(.161) .098 .020 .011 .063 .224 (4.10) 2.50 0.50 0.30 1.60 5.70
Y P
NOTES: 1. THIS LAND PATTERN IS FOR REFERENCE PURPOSES ONLY. CONSULT YOUR MANUFACTURING GROUP TO ENSURE YOUR COMPANY'S MANUFACTURING GUIDELINES ARE MET.
Contact Information
Semtech Corporation Power Management Products Division 200 Flynn Road, Camarillo, CA 93012 Phone: (805)498-2111 FAX (805)498-3804
2006 Semtech Corp.
24
www.semtech.com


▲Up To Search▲   

 
Price & Availability of SC4808CMSTRT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X