Part Number Hot Search : 
37801 0V10X 5S471K Q0765R M9156C RN47A3 2SC1185 LH5230
Product Description
Full Text Search
 

To Download SC2659SWTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Programmable Synchronous DC/DC Hysteretic Controller with VRM 8.5 VID Range
POWER MANAGEMENT Description
The SC2659 is a synchronous-buck switch-mode controller designed for use in single ended power supply applications where efficiency is the primary concern. The controller is a hysteretic type, with a user selectable hysteresis. The SC2659 is ideal for implementing DC/DC converters needed to power advanced microprocessors such as Pentium(R) llI and Athlon(R), in both single and multiple processor configurations. Inhibit, under-voltage lockout and soft-start functions are included for controlled power-up. SC2659 features include an integrated 5 bit D/A converter, temperature compensated voltage reference, current limit comparator, over-current protection, and an adaptive deadtime circuit to prevent shoot-through of the power MOSFET during switching transitions. Power good signaling, logic compatible shutdown, and over-voltage protection are also provided. The integrated D/A converter provides programmability of output voltage from 1.050V to 1.825V in 25mV increments. The SC2659 high side driver can be configured as either a ground-referenced or as a floating bootstrap driver. The high and low side MOSFET drivers have a peak current rating of 2 amps.
SC2659
Features
Programmable hysteresis 5 bit DAC programmable output (1.050V-1.825V) On-chip power good and OVP functions Designed to meet latest Intel specifications Up to 95% efficiency VIDs pulled up to +3.3V
Applications
Server Systems and Workstations Pentium(R) III Core Supplies AMD Athlon(R) Core Supplies Multiple Microprocessor Supplies Voltage Regulator Modules
Typical Application Circuit
+5V
R1 * R3 * R2 1k
2 DROOP VID0 27
U1 SC2659
1 IOUT PWRGD 28
R9 10k
R10 1k PWRGD
"POWER GOOD"
C6 0.1
R4 1k
INHIB
3 OCP VID1 26
"INHIBIT"
R11 1k C7 0.1
4
VHYST
VID2
25
R5 * C1 0.1 C2 0.001
5
VREFB
VID3
24
L1 0.5uH
R6 20k
6
VSENSE
VID25
23
+
Cin HF Cin Bulk
7
AGND
INHIBIT
22
Vin +5V/12V
8
SOFTST
IOUTLO
21
_
C8 0.033
C3 0.1
+5V
9
N/C
LOSENSE
20
10
LODRV
HISENSE
19
C4 0.01
11
LOHIB
BOOTLO
18
Q1 FDB6035AL R12 1.0
12
DRVGND
HIGHDR
17
13
LOWDR
BOOT
16 +12V
L2 1.0uH C9 1.0 Q2 FDB7030BL R14 1.6 Cout Bulk Cout HF
+
14
DRV
VIN12V
15
1.05 to 1.825V
C5
C10
_
R8 10k
R7 *
*) for the values see specific application circuit somewhere else in the datasheet
Revision: December 10, 2003
1
www.semtech.com
SC2659
POWER MANAGEMENT Absolute Maximum Ratings
Exceeding the specifications below may result in permanent damage to the device, or device malfunction. Operation outside of the parameters specified in the Electrical Characteristics section is not implied.
Parameter VIN12V BOOT to DRVGND BOOT to BOOTLO Digital Inputs AGND to DRVGND LOHIB to AGND LOSENSE to AGND IOTLO to AGND HISENSE to AGND VSENSE to AGND Continuous Power Dissipation, TA = 25 0C Continuous Power Dissipation, TC = 25 0C Operating Junction Temperature Range Lead Temperature (Soldering) 10 Sec. Storage Temperature
Symbol VINMAX
Maximum -0.3 to 14 -0.3 to 25 -0.3 to 15 -0.3 to 7.3 0.5 -0.3 to 14 -0.3 to 14 -0.3 to 14 -0.3 to 14 -0.3 to 5
Units V V V V V V V V V V W W C C C
PD PD TJ TL TSTG
1.2 6.25 0 to +125 300 -65 to 150
DC Electrical Characteristics
Unless specified: 0 < TJ < 125C, VIN = 12V
Parameter Supply Voltage Range Supply Current (Quiescent)
Symbol VIN12V IINq
Conditions
Min 11.4
Typ 12 15
Max 13
Units V mA
INH = 5V, Vin above UVLO threshold during start-up, fsw = 200 kHz, BOOTLO = 0V, C D H = C D L = 50pF INH = OV or Vin below UVLO threshold during start-up, BOOT = 13V, BOOTLO = 0V INH = 5V, VIN above UVLO threshold during start-up, fsw = 200kHz, BOOT = 13V, BOOTLO = 0V, C D H = 50pF
High Side Driver Supply Current (Quiescent)
IBOOTq
2
mA
5
mA
2003 Semtech Corp.
2
www.semtech.com
SC2659
POWER MANAGEMENT DC Electrical Characteristics (Cont.) Unless specified: 0 < T < 125C, VIN = 12V
J
Parameter Reference/Voltage Identification Reference Voltage Accuracy
Symbols
Conditions
Min
Typ
Max
Units
VREF
11.4V < VIN12V< 12.6V, over full VID range (see Output Voltage Table)
-1.2
1.2
%
VID0 - VID25mV High Threshold Voltage VID0 - VID25mV Low Threshold Voltage Pow er Good Undervoltage Threshold Output Saturation Voltage Hysteresis Over Voltage Protection OVP Trip Point Hysteresis Soft Start Charge Current
(1)
VTH(H) VTH(L)
2.25 1
V V
VTH(PWRGD) VSAT VHYS(PWRGD) IO = 5mA
82 0.5 10
88
%VREF V mV
VOVP VHYS(OVP)
12
15 10
20
%VOUT mV
ICHG
VSS = 0.5V, resistance from VREFB pin to AGND = 20k, VREFB = 1.3V Note: ICHG = (IVREFB / 5) V(SS) = 1V
10.4
13
15.6
A
Discharge Current Inhibit Comparator Start Threshold VIN 12V UVLO Start Threshold Hysteresis Hysteretic Comparator Input Offset Voltage Input Bias Current Hysteresis Accuracy Hysteresis Setting
Idischg
1
mA
Vstart(NH)
1
2.0
2.4
V
VstartUVLO VhysUVLO
9.25 1.8
10.25 2.1
11.25 2.4
V V
VosHYSCMP IbiasHYSCMP VHYS ACC VHYS SET
VDROOP pin grounded
5 1 7 60
mV uA mV mV
2003 Semtech Corp.
3
www.semtech.com
SC2659
POWER MANAGEMENT DC Electrical Characteristics (Cont.)
Parameter Droop Compensation Initial Accuracy Overcurrent Protection OCP Trip Point Input Bias Current High-Side VDS Sensing Gain Initial Accuracy IOUT Source IOUT Sink Current VIOUT
AC C
Symbols
Conditions
Min
Typ
Max
Units
VDROOP ACC
VDROOP = 50 mV
8
mV
VOCP IbiasOCP
0.09
0.1
0.11 100
V nA
2 VHISENSE = 12V, VIOUTLO = 11.9V VIOUT = 0.5V, VHISENSE = 12V, VIOUTLO = 11.5V VIOUT =0.05V, VHISENSE = 12V, VIOUTLO = 12V VHISENSE = 11V, RIOUT = 10K VHISENSE = 4.5V, RIOUT = 10k VHISENSE = 3V, RIOUT = 10k VHISENSE = 4.5V (Note 1) VHISENSE = 4.5V (Note 1) (Note 1) 50 65 500 38 0 0 0 2.85 1.8 80 50 3.75 2.0 1.0 6
V/V mV A A V V V V V
IsourceIOUT IsinkIOUT VIOUT(11)
VIOUT Voltage Swing
VIOUT(4.5V) VIOUT(3V)
LOSENSE High Level Input Voltage LOSENSE Low Level Input Voltage Sample/Hold Resistance Buffered Reference VREFB Load Regulation Deadtime Circuit (1) LOHIB High Level Voltage LOHIB Low Level Input Voltage LOWDR High Level Input Voltage LOWDR Low Level Input Voltage Drive Regulator DRV Voltage Load Regulation Short Circuit Current
VihLOSENSE VilLOSENSE RS/H
VldregREFB
10A < IREFB < 500A
2
mV
VihLOHIB VilLOHIB VihLOWDR VilLOWDR
2 1.0 2 1.0
V V V V
VDRV VldregDRV IshortDRV
11.4 < VIN12V < 12.6V, IDRV = 50mA 1mA < IDRV < 50mA
7 100 100
9
V mV mA
2003 Semtech Corp.
4
www.semtech.com
SC2659
POWER MANAGEMENT DC Electrical Characteristics (Cont.)
Parameter High-Side Output Driver Peak Output Current IsrcHIGHDR IsinkHIGHDR Equivalent Output Resistance RsrcHIGHDR RsinkHIGHDR Low -Side Output Driver Peak Output Current IsrcLOWDR IsinkLOWDR Equivalent Output Resistance RsrcLOWDR RsinkLOWDR duty cycle < 2%, tpw < 100us, TJ = 125C VDRV = 6.5V, VLOWDR = 1.5V (src), or VLOWDR = 5V (sink) TJ = 125C VDRV = 6.5V, VLOWDR = 6V TJ = 125C VDRV = 6.5V, VLOWDR = 0.5V 2 A duty cycle < 2%, tpw < 100us, TJ = 125C VBOOT - VBOOTLO = 6.5V, VHIGHDR = 1.5V (src), or VHIGHDR = 5V (sink) TJ = 125C VBOOT - VBOOTLO = 6.5V, VHIGHDR = 6V TJ = 125C VBOOT - VBOOTLO = 6.5V, VHIGHDR = 0.5V 45 5 2 A Symbol Conditions Min Typ Max Units
45 5
AC Electrical Characteristics (Note 1)
Parameter Hysteretic Comparators Propagation Delay Time from VSENSE to HIGHDR or LOWDR (excluding deadtime) Output Drivers HIGHDR rise/fall time LOWDR rise/falltime Overcurrent Protection Comparator Propagation Delay Time Deglitch Time (Includes comparator propagation delay time) tOVPROP tOVDGL 2 1 5 s s trHIGHDR trHIGHDR trLOWDR tfLOWDR CI = 9nF, VBOOT = 6.5v, VBOOTLO = grounded, TJ =125C CI = 9nF, VDRV = 6.5V, TJ =125C 60 60 ns ns tHCPROP 10mV overdrive, 1.3V Vref 1.8V 150 250 ns Symbol Conditions Min Typ Max Units
2003 Semtech Corp.
5
www.semtech.com
SC2659
POWER MANAGEMENT AC Electrical Characteristics (Cont.) (Note 1)
Parameter Overvoltage Protection Comparator Propagation Delay Time Deglitch Time (Includes comparator protection delay time) High-Side Vds Sensing Response Time tVDSRESP VHISENSE = 12V, VIOUTLO pulsed from 12V to 11.9V, 100ns rise and fall times VHISENSE = 4.5V, VIOUTLO pulsed from 4.5V to 4.4V, 100ns rise and fall times VHISENSE = 3V, VIOUTLO pulsed from 3.0V to 2.9V, 100ns rise and fall times Short Circuit Protection Rising Edge Delay Sample/Hold Switch turn-on/turn-off Delay Pow er Good Comparator Propagation Delay Softstart Comparator Propagation Delay Deadtime Driver Non-overlap Time LODRV Propagation Delay TLODRVDLY 400 ns tNOL CLOWDR = 9nF, 10% threshold on LOWDR 30 100 ns tSLST overdrive = 10mV 560 900 ns tPWRGD 1 s tVDSRED tSWXDLY LOSENSE grounded 3V < VHISENSE < 11V VLOSENSE = VHISENSE 300 30 2 s tOVPROP tOVDGL 1 1 3 s s Symbols Conditions Min Typ Max Units
3
s
3
s
500 100
ns ns
Note: (1) Guaranteed, but not tested. (2) This device is ESD sensitive. Use of standard ESD handling precautions is required.
2003 Semtech Corp.
6
www.semtech.com
SC2659
POWER MANAGEMENT Test Circuit
Timing Diagram
Simplified Block Diagram
2003 Semtech Corp.
7
www.semtech.com
SC2659
POWER MANAGEMENT Pin Configuration
Top View
Ordering Information
Device
(1)
P ackag e SO-28
Temp Range (TJ) 0 to 125C
SC2659SWTR S C 2659E V B
Evaluation Board
Note: (1) Only available in tape and reel packaging. A reel contains 1000 devices.
(28-Pin SOIC)
Pin Descriptions
Pin # 1 Pin Name IOUT DROOP 2 3 4 5 6 7 8 9 10 11 12 13 OCP VHYST VREFB VSENSE AGND SOFTST NC LODRV LOHIB DRVGND LOWDR Pin Function Current Out. The output voltage on this pin is proportional to the load current as measured across the high side MOSFET, and is approximately equal to 2 x RDS(ON) x ILOAD. Droop Voltage. This pin is used to set the amount of output voltage set-point droop as a function of load current. The voltage is set by a resistor divider between IOUT and AGND. Over Current Protection. This pin is used to set the trip point for over current protection by a resistor divider between IOUT and AGND. Hysteresis Set Pin. This pin is used to set the amount of hysteresis required by a resistor divider between VREFB and AGND. Buffered Reference Voltage (from VID circuitry). Output Voltage Sense. Small Signal Analog and Digital Ground. Soft Start. Connecting a capacitor from this pin to AGND sets the time delay. Not connected. Low Drive Control. Connecting this pin to +5V enables normal operation. When LOHIB is grounded, this pin can be used to control LOWDR. Low Side Inhibit. This pin is used to eliminate shoot-thru current. Power Ground. Insure output capacitor ground is connected to this pin. Low Side Driver Output. Connect to gate of low side MOSFET.
8 www.semtech.com
2003 Semtech Corp.
SC2659
POWER MANAGEMENT Pin Descriptions (Cont.)
Pin # 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 Pin Name DRV VIN12V BOOT HIGHDR BOOTLO HISENSE LOSENSE IOUTLO INHIBIT VID25 VID3 VID2 VID1 VID0 PWRGD Pin Function Drive Regulator for the MOSFET Drivers. 12V Supply. Connect to 12V power rail. Bootstrap. This pin is used to generate a floating drive for the high side FET driver. High Side Driver Output. Connect to gate of high side MOSFET. Bootstrap Low. In applications where VIN 5V is used as a power source, this pin can be connected to DRVGND. High Current Sense. Connected to the drain of the high side FET,or the input side of a current sense resistor between the input and the high side FET. Low Current Sense. Connected to the source of the high side FET, or the FET side of a current sense resistor between the input and the high side FET. This is the sampling capacitors bottom leg. Voltage on this pin is voltage on the LOSENSE pin when the high side FET is on. Inhibit. If this pin is grounded, the MOSFET drivers are disabled. Usually connected to +5V through a pull-up resistor. Programming Input . Programming Input. Programming Input. Programming Input. Programming Input . Power Good. This open collector logic output is high if the output voltage is within 15% of the set point.
2003 Semtech Corp.
9
www.semtech.com
2003 Semtech Corp.
POWER MANAGEMENT Block Diagram
PWRGD
IOUT
HISENSE IOUTLO
LOSENSE
SOFTST
++ --
50uA G=2 ANALOG BIAS PREREG Vcc
VIN12V
I(VREFB) / 5 FAULT
BANDGAP RISING EDGE DELAY
DRIVE REGULATOR DRV
R + -
Q
-
+
S
SHUTDOWN 1.15VREF 0.85VREF
HIGHDR LOWDR
FILTER
0.85VREF
BOOT
DEGLITCH
UVLO
+ + +
INH
DEGLITCH
HIGHDR
10
VID DAC FILTER
-
+
-
+
BOOTLO
10V +
+
Vcc VREF FILTER
1.15VREF
+ + -
-
VSENSE
-
LOWDR
DRVGND
+
-
+
2V VREF
100mV
OCP
AGND
INHIBIT
VID0 VID2 VID25 VID1 VID3
DROOP VSENSE
VHYST VREFB
LOHIB
LODRV
www.semtech.com
SC2659
SC2659
POWER MANAGEMENT Output Voltage Table
0 = GND, 1 = OPEN
VID25mV (2) 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 VID3 (1) 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0 0 0 0 0 0 VID2 (1) 1 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 VID1 (1) 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 VIDO (1) 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 VDC (V) 1.05 1.075 1.10 1.125 1.15 1.175 1.20 1.225 1.25 1.275 1.30 1.325 1.35 1.375 1.40 1.425 1.45 1.475 1.50 1.525 1.55 1.575 1.60 1.625 1.65 1.675 1.70 1.725 1.75 1.775 1.80 1.825
NOTE: (1) VID (3:0) correspond to legacy VRM 8.4 voltage levels for 1.3V - 1.8V. (2) VID 25mV provides a 25mV increment.
2003 Semtech Corp. 11 www.semtech.com
SC2659
POWER MANAGEMENT Applications Information - Functional Description
Reference/Voltage Identification The reference/voltage identification (VID) section consists of a temperature compensated bandgap reference and a 5-bit voltage selection network. The 5 VID pins are TTL compatable inputs to the VID selection network. They are internally pulled up to +3.3V generated from the +12V supply by a resistor divider, and provide programmability of output voltage from 1.050V to 1.825V in 25mV increments. Refer to the Output Voltage Table for the VID code settings. The output voltage of the VID network, VREF is within 1% of the nominal setting over the full input and output voltage range and junction temperature range. The output of the reference/VID network is indirectly brought out through a buffer to the REFB pin. The voltage on this pin will be within 3mV of VREF. It is not recommended to drive loads with REFB other than setting the hysteresis of the hysteretic comparator, because the current drawn from REFB sets the charging current for the soft start capacitor. Refer to the soft start section for additional information. Hysteretic Comparator The hysteretic comparator regulates the output voltage of the synchronous-buck converter. The hysteresis is set by connecting the center point of a resistor divider from REFB to AGND to the HYST pin. The hysteresis is set by connecting the center point of a resistor divider from REFB to AGND to the HYST pin. The hysteresis of tne comparator will be equal to twice the voltage difference between REFB and HYST, and has a maximum value of 60mV. The maximum propagation delay from the comparator inputs to the driver outputs is 250ns. Low Side Driver The low side driver is designed to drive a low RDS(ON) Nchannel MOSFET, and is rated for 2 amps source and sink. The bias for the low side driver is provided internally from VDRV. High Side Driver The high side driver is designed to drive a low RDS(ON) Nchannel MOSFET, and is rated for 2 amps source and sink current. It can be configured either as a ground referenced driver or as a floating bootstrap driver. When
2003 Semtech Corp.
configured as a floating driver, the bias voltage to the driver is developed from the DRV regulator. The internal bootstrap diode, connected between the DRV and BOOT pins, is a Schottky for improved drive efficiency. The maximum voltage that can be applied between the BOOT pin and ground is 25V. The driver can be referenced to ground by connecting BOOTLO to PGND, and connecting +12V to the BOOT pin. Deadtime Control Deadtime control prevents shoot-through current from flowing through the main power FETs during switching transitions by actively controlling the turn-on times of the FET drivers. The high side driver is not allowed to turn on until the gate drive voltage to the low-side FET is below 2 volts, and the low side driver is not allowed to turn on until the voltage at the junction of the 2 FETs (VPHASE) is below 2 volts. An internal low-pass filter with an 11MHz pole is located between the output of the low-side driver (DL) and the input of the deadtime circuit that controls the high-side driver, to filter out noise that could appear on DL when the high-side driver turns on. Current Sensing Current sensing is achieved by sampling and holding the voltage across the high side FET while it is turned on. The sampling network consists of an internal 50 switch and an external 0.033F hold capacitor. Internal logic controls the turn-on and turn-off of the sample/hold switch such that the switch does not turn on until VPHASE transitions high and turns off when the input to the high side driver goes low. Thus sampling will occur only when the high side FET is conducting current. The voltage at the IO pin equals 2 times the sensed voltage. In applications where a higher accuracy in current sensing is required, a sense resistor can be placed in series with the high side FET and the voltage across the sense resistor can be sampled by the current sensing circuit. Droop Compensation The droop compensation network reduces the load transient overshoot/undershoot at VOUT, relative to VREF. VOUT is programmed to a voltage greater than VREF equal to VREF * (1+R7/R8) (see Typ. App. Circuit, Pg 1) by an external resistor divider from VOUT to the VSENSE pin to reduce the undershoot on VOUT during a low to high load
12 www.semtech.com
SC2659
POWER MANAGEMENT Applications Information - Functional Description (Cont.)
current transient. The overshoot during a high to low load current transient is reduced by subtracting the voltage that is on the DROOP pin from VREF. The voltage on the IO pin is divided down with an external resistor divider, and connected to the DROOP pin. Thus, under loaded conditions, VOUT is regulated to: VOUT = VREF * (1+R7/R8) - IOUT * R2/(R1+R2). Inhibit The inhibit pin is a TTL compatible digital pin that is used to enable the controller. When INH is low, the output drivers are low, the soft start capacitor is discharged, the soft start current source is disabled, and the controller is in a low IQ state. When INH goes high, the short across the soft start capacitor is removed, the soft start current source is enabled, and normal converter operation begins. When the system logic supply is connected to INH, it controls power sequencing by locking out controller operation until the system logic supply exceeds the input threshold voltage of the INH circuit; thus the +12V supply and the system logic supply (either +5V or 3.3V) must be above UVLO thresholds before the controller is allowed to start up. VIN The VIN undervoltage lockout circuit disables the controller while the +12V supply is below the 10V start threshold during power-up. While the controller is disabled, the output drivers will be low, the soft start capacitor will be shorted and the soft start current is disabled and the controller will be in a low IQ state. When VIN exceeds the start threshold, the short across the soft start capacitor is removed, the soft start current source is enabled and normal converter operation begins. There is a 2V hysteresis in the undervoltage lockout circuit for noise immunity. Soft Start The soft start circuit controls the rate at which VOUT powers up. A capacitor is connected between SS and AGND and is charged by an internal current source. The value of the current source is proportional to the reference voltage so the charging rate of CSS is also proportional to the reference voltage. By making the charging current proportional to VREF, the power-up time for VOUT will be independent of VREF. Thus, CSS can remain the same value for all VID settings. The soft start charging current is determined by the following equation: ISS = IREFB/5. Where IREFB is the current flowing out of the REFB pin. It is recommended that no additional loads be connected to REFB, other than the resistor divider for setting the hysteresis voltage. Thus these resistor values will determine the soft start charging current. The maximum current that can be sourced by REFB is 500A. Power Good The power good circuit monitors for an undervoltage condition on VOUT. If VSENSE is 15% (nominal) below VREF, then the power good pin is pulled low. The PWRGD pin is an open drain output. Overvoltage Protection The overvoltage protection circuit monitors VOUT for an overvoltage condition. If VSENSE is 15% above VREF, than a fault latch is set and both output drivers are turned off. The latch will remain set until VIN goes below the undervoltage lockout value. A 1ms deglitch timer is included for noise immunity. Overcurrent Protection The overcurrent protection circuit monitors the current through the high side FET. The overcurrent threshold is adjustable with an external resistor divider between IO and AGND, with the divider voltage connected to the OCP pin. If the voltage on the OCP pin exceeds 100mV, then a fault latch is set and the output drivers are turned off. The latch will remain set until VIN goes below the undervoltage lockout value. A 1ms deglitch timer is included for noise immunity. The OCP circuit is also designed to protect the high side FET against a short-toground fault on the terminal common to both power FETs (VPHASE). Drive Regulator The drive regulator provides drive voltage to the low side driver, and to the high side driver when the high side driver is configured as a floating driver. The minimum drive voltage is 7V. The minimum short circuit current is 100mA.
13 www.semtech.com
2003 Semtech Corp.
+5V
2003 Semtech Corp.
U1 SC2659 PWRGD +12V
PWRGD 28 1 IOUT
R10 10k
R11 1k
"POWER GOOD"
+12V
R1 2k
2 DROOP VID0 27
J0 GND INHIB J1
C9 0.1
R3 4.3k
3 OCP VID1 26
POWER MANAGEMENT Application Circuit
C1
C2
"INHIBIT"
R12 1k C10 0.1
0.001
4 VHYST VID2 25
0.001 J2
R2 1k
5 VREFB VID3 24
R4 1k J3 L1
6 VSENSE VID25 23
R5 150*
C3 0.1 POS/IN
R6 20k J4 0.5uH
C4 0.1
+
Vin +5V/12V
7 AGND INHIBIT
22
C5 0.001
8 SOFTST IOUTLO 21
R13 0
R14,15,16 0
C15-23 1.0
C24-32 820uF 16V
_
C11 0.033 R17 NS C12 22.0 R19 0 GND/IN
+5V 19
C6 0.1
9 N/C LOSENSE 20
14
R18 NS D1 MBRA130L
18 LODRV HISENSE LOHIB BOOTLO DRVGND
2pl.
R7 100
10
C7 0.01 Q1 R20 FDB6035AL 1.0 R24,25 3.3 C33,34
LOWDR BOOT 16
11
12 HIGHDR
17
Q2 R21 FDB6035AL 1.0
13
0.0022
2pl.
L2 1.0uH@40A
POS/OUT
+12V DRV VIN12V 15
C13 1.0 Q3 FDB7030BL
+
R26,27 3.3
2pl.
14
R22 1.6
Q4 FDB7030BL R23 1.6
C37-46 1500uF 6.3V C35,36 0.0022
2pl.
C47-58 10.0 D2(opt) MBRB3030CT
Vout=1.7Vtyp.
C8 2.2 C14 2.2
_
GND/OUT
D(opt) MBRA130L
R9 150
R8 10k C59 1.0
L1 - #T51-26C, 2ts, 18AWG L2 - #77310-A7, 3ts, 4x20AWG
www.semtech.com
SC2659
SC2659
POWER MANAGEMENT Typical Characteristics
VIN = 5V; IOUT = 0A to 40A "Droop" & "Offset" Disabled VOUT = 1.8V
100% 90% 80% 70% 60% 50% 40% 30% 20% 10% 0% 0 5 10 15 20 Current, A 25 30 35 40 3% 2% Regulation 1% 0% -1% -2% -3% 0 5 10 15 20 Current, A 25 30 35 40
Efficiency
VOUT = 1.5V
100% 90% 80% 70% 60% 50% 40% 30% 20% 10% 0% 0 5 10 15 20 Current, A 25 30 35 40 3% 2% Regulation 1% 0% -1% -2% -3% 0 5 10 15 20 Current, A 25 30 35 40
Efficiency
VOUT = 1.1V
100% 90% 80% 70% 60% 50% 40% 30% 20% 10% 0% 0 5 10 15 20 Current, A 25 30 35 40
3% 2% Regulation 1% 0% -1% -2% -3% 0 5 10 15 20 Current, A 25 30 35 40
2003 Semtech Corp.
Efficiency
15
www.semtech.com
SC2659
POWER MANAGEMENT Typical Characteristics (Cont.)
VIN = 12V; IOUT = 0A to 40A "Droop" & "Offset" Disabled VOUT = 1.8V
100% 90% 80% 70% 60% 50% 40% 30% 20% 10% 0% 0 5 10 15 20 Current, A 25 30 35 40 3% 2% Regulation 1% 0% -1% -2% -3% 0 5 10 15 20 Current, A 25 30 35 40
Efficiency
VOUT = 1.5V
100% 90% 80% 70% 60% 50% 40% 30% 20% 10% 0% 0 5 10 15 20 Current, A 25 30 35 40 3% 2% Regulation 1% 0% -1% -2% -3% 0 5 10 15 20 Current, A 25 30 35 40
Efficiency
VOUT = 1.1V
100% 90% 80% 70% 60% 50% 40% 30% 20% 10% 0% 0 5 10 15 20 Current, A 25 30 35 40 3% 2% Regulation 1% 0% -1% -2% -3% 0 5 10 15 20 Current, A 25 30 35 40
Efficiency
2003 Semtech Corp.
16
www.semtech.com
SC2659
POWER MANAGEMENT Evaluation Board Artwork
Top Layer
Bottom Layer
Mid Layer
2003 Semtech Corp.
17
www.semtech.com
SC2659
POWER MANAGEMENT Evaluation Board Artwork (Cont.)
Top Overlay
Bottom Overlay
2003 Semtech Corp.
18
www.semtech.com
SC2659
POWER MANAGEMENT Materials List
Quantity 3 6 1 1 11 2 9 10 12 4 1 1 1 1 2 2 1 4 1 1 1 1 2 1 2 2 4 1 Reference C1,C2,C5 C3,C4,C6,C7,C9,C10 C11 C 12 C13, C15-C23, C59 C8,C14 C 24 - C 32 C 37 - C 46 C 47 - C 58 C 33 - C 36 D1 D2 (optional) L1 L2 Q1,Q2 Q3,Q4 R1 R2,R4,R11,R12 R3 R6 R5 R7 R8,R10 R9 R20,R21 R22,R23 R24,R25,R26,R27 U1 Part/Description 0.001F 0.1F 0.033F 22F 1F 2.2F 820F, 16V 1500F, 6.3V, thru hole 10F .0022F MBRA130L. Schottky MBRB2515L 0.5uH, Toroid 1.0uH, Toroid D2Pak, MOSFET D2Pak, MOSFET 2k 1k 4.3k 20k 150 * 100 10k 150 1 1.6 3.3 SC2659CSW.TR Vendor TDK, Murata, Taiyo-Yuden any any any any any SANYO P/N: 16MV820AX SANYO P/N: 6R3MV1500AX any any ON Semi ON Semi Micrometals P/N: T51-26C, 18 AWG Magnetics, #77310, 3ts, 4 X 20 AWG Fairchild P/N: FDB6035AL Fairchild P/N: FDB7030BL any any any any any any any any any any any Semtech Corp. 805-498-2111
2003 Semtech Corp.
19
www.semtech.com
SC2659
POWER MANAGEMENT Layout Guidelines (See pg. 1)
1. Locate R8 and C2 close to pins 6 and 7. 2. Locate C1 close to pins 5 and 7. 3. Components connected to IOUT, DROOP, OCP, VHYST, VREFB, VSENSE, and SOFTST should be referenced to AGND. 4. The bypass capacitors C5 and C10 should be placed close to the IC and referenced to DRVGND. 5. Locate bootstrap capacitor C13 close to the IC. 6. Place bypass capacitor close to Drain of the top FET and Source of the bottom FET to be effective. 7. Route HISENSE and LOSENSE close to each other to minimize induced differential mode noise. 8. Bypass a high frequency disturbance with ceramic capacitor at the point where HISENSE is connected to Vin. 9. Input bulk capacitors should placed as close as possible to the power FETs because of the very high ripple current flow in this pass. 10. If Schottky diode used in parallel with a synchronous (bottom) FET, to achieve a greater efficiency at lower Vout settings, it needs to be placed next to the aforementioned FET in very close proximity. 11. Since the feedback path relies on the accurate sampling of the output ripple voltage, the best results can be achieved by connecting the AGND to the ground side of the bulk output capacitors. 12. DRVGND pin should be tight to the main ground plane utilizing very low impedance connection, e.g., multiple vias. 13. In order to prevent substrate glitching, a small (0.5A) Schottky diode should be placed in close proximity to the chip with the cathode connected to BOOTLO and anode connected to DRVGND.
Outline Drawing - SO-28
Contact Information
Semtech Corporation Power Management Products Division 200 Flynn Road, Camarillo, CA 93012 Phone: (805)498-2111 FAX (805)498-3804
2003 Semtech Corp.
20
www.semtech.com


▲Up To Search▲   

 
Price & Availability of SC2659SWTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X