Part Number Hot Search : 
02052 002228 BD525 311ST89E 90SB03 0524S 2SB952 67078
Product Description
Full Text Search
 

To Download SB32007 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SB320 ... SB3100
SB320 ... SB3100
Schottky Barrier Rectifiers Schottky-Barrier-Gleichrichter Version 2006-04-18 Nominal current Nennstrom
O 4.50.1
3A 20...100 V ~ DO-201 1g
Repetitive peak reverse voltage Periodische Spitzensperrspannung Plastic case Kunststoffgehause Weight approx. Gewicht ca.
0.5
Type
62.5
7.5
0.1
O 1.20.05
Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert Standard packaging taped in ammo pack Standard Lieferform gegurtet in Ammo-Pack
Dimensions - Mae [mm]
Maximum ratings and Characteristics Type Typ SB320 SB330 SB340 SB350 SB360 SB390 SB3100 Repetitive peak reverse voltage Periodische Spitzensperrspannung VRRM [V] 20 30 40 50 60 90 100 Surge peak reverse voltage Stospitzensperrspannung VRSM [V] 20 30 40 50 60 90 100 TA = 75C f > 15 Hz TA = 25C TA = 25C
Grenz- und Kennwerte Forward voltage Durchlass-Spannung VF [V] 1) < 0.50 < 0.50 < 0.50 < 0.70 < 0.70 < 0.79 < 0.79 IFAV IFRM IFSM i2t 3 A2) 15 A 2) 150 A 110 A2s -50...+150C -50...+175C
Max. average forward rectified current, R-load Dauergrenzstrom in Einwegschaltung mit R-Last Repetitive peak forward current Periodischer Spitzenstrom Peak forward surge current, 50 Hz half sine-wave Stostrom fur eine 50 Hz Sinus-Halbwelle Rating for fusing, t < 10 ms Grenzlastintegral, t < 10 ms Junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur
TS
Tj
1 2
IF = 3 A,Tj = 25C Valid, if leads are kept at ambient temperature at a distance of 10 mm from case Gultig, wenn die Anschlussdrahte in 10 mm Abstand vom Gehause auf Umgebungstemperatur gehalten werden http://www.diotec.com/
(c) Diotec Semiconductor AG
1
SB320 ... SB3100 Characteristics Leakage current Sperrstrom Tj = 25C SB320...360 VR = VRRM SB390...3100 VR = VRRM IR IR RthA RthL Kennwerte < 0.5 mA < 0.6 mA < 25 K/W 1) < 8 K/W
Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft Thermal resistance junction to leads Warmewiderstand Sperrschicht - Anschlussdraht
120 [%] 100
102 [A]
SB320...340
10 80 1
SB350...360
60
40 10 20 IFAV 0 0 TA 50 100 150 [C]
1
-1
SB390...3100
IF 10
-2
Tj = 25C
0
VF
0.4
0.6
[V]
1.0
Rated forward current versus ambient temperature ) Zul. Richtstrom in Abh. von der Umgebungstemp.1)
Forward characteristics (typical values) Durchlasskennlinien (typische Werte)
1
Valid, if leads are kept at ambient temperature at a distance of 10 mm from case Gultig, wenn die Anschlussdrahte in 10 mm Abstand vom Gehause auf Umgebungstemperatur gehalten werden http://www.diotec.com/ (c) Diotec Semiconductor AG
2


▲Up To Search▲   

 
Price & Availability of SB32007

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X