Part Number Hot Search : 
45DB011 TS15P06 M24C08 1620C X9420WP Y100E 80052 MTP20N06
Product Description
Full Text Search
 

To Download SB2020FCT05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
SB2020FCT~SB20200FCT
ISOLATION SCHOTTKY BARRIER RECTIFIERS
VOLTAGE
FEATURES
.112(2.85) .100(2.55) .272(6.9) .248(6.3)
20 to 200 Volts
CURRENT
20 Amperes
ITO-220AB
Unit : inch (mm)
* Plastic package has Underwriters Laboratory Flammability Classification 94V-O. Flame Retardant Epoxy Molding Compound. * Exceeds environmental standards of MIL-S-19500/228 * Low power loss, high efficiency. * Low forwrd voltge, high current capability * For use in low voltage,high frequency inverters free wheeling , and polarlity protection applications. * Pb free product are available : 99% Sn above can meet Rohs environment substance directive request
.406(10.3) .381(9.7) .134(3.4) .118(3.0)
.189(4.8) .165(4.2) .130(3.3) .114(2.9)
.606(15.4) .583(14.8)
* High surge capacity.
MECHANCALDATA
Case: ITO-220AB Molded plastic Terminals: Solder plated, solderable per MIL-STD-750, Method 2026 Polarity: As marked.
.055(1.4) .039(1.0) .035(0.9) .011(0.3) .1 (2.55) .1 (2.55)
.161(4.1)MAX
.543(13.8) .512(13.0)
.055(1.4) .039(1.0)
.114(2.9) .098(2.5)
.032(.8) MAX
AC
Positive CT
Standard packaging: Any Weight: 0.08 ounces, 2.24grams.
AC
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
PA RA M E TE R M a xi m um R e c ur r e nt P e a k R e ve r s e V o l t a g e M a xi m um R M S V o l t a g e M a xi m um D C B l o c k i ng V o l t a g e M a xi m um A ve r a g e F o r w a r d C ur r e nt . 3 7 5 " ( 9 . 5 m m ) l e a d l e ng t h a t T c = 9 0 OC P e a k F o r w a r d S ur g e C ur r e nt : 8 . 3 m s s i ng l e ha l f s i ne w a ve s up e r i m p o s e d o n r a t e d l o a d ( J E D E C m e t ho d ) M a xi m um F o r w a r d V o l t a g e a t 1 0 . 0 A , p e r l e g M a xi m um D C R e ve r s e C ur r e nt T A = 2 5 OC a t R a t e d D C B l o c k i ng V o l t a g e T A = 1 0 0 OC Ty p i c a l T h e r m a l R e s i s t a n c e O p e r a t i n g J u n c t i o n Te m p e r a t u r e R a n g e S t o r a g e Te m p e r a t u r e R a n g e S YM B O L S B 2 0 2 0 C T S B 2 0 3 0 C T S B 2 0 4 0 C T S B 2 0 5 0 C T S B 2 0 6 0 C T S B 2 0 8 0 C T S B 2 0 1 0 0 C T S B 2 0 1 5 0 C T S B 2 0 2 0 0 C T U N I T S VRRM V RMS VDC IAV IFSM VF 0 .5 5 0 .7 5 0 .5 100 2 - 5 0 TO + 1 2 5 - 5 0 TO + 1 5 0
O
20 14 20
30 21 30
40 28 40
50 35 50
60 42 60 2 0 .0 200
80 56 80
100 70 100
150 105 150
200 140 200
V V V A A
0 .8 5
0 .9 2
1
V
IR
mA
RJ C TJ TSTG
C/W
O
C C
O
Note. Both Bonding and Chip structure are available.
REV.1-APR.22.2005
PAGE . 1
RATING AND CHARACTERISTIC CURVES
AVERAGE FORWARD CURRENT, Amps
PEAK FORWARD SURGE CURRENT, Amps
25.0 20.0 15.0 10.0 5.0 0 0
240 210 180 150 120 90 60 30 0 1 2 5 10 20 50 100
8.3ms Single Half Since-Wave JEDEC Method
50
100
O
150
CASE TEMPERATURE, C
NO. OF CYCLE AT 60Hz
Fig.1- FORWARD CURRENT DERATING CURVE
Fig.2- MAXIMUM NON - REPETITIVE SURGE CURRENT
10
INSTANTANEOUS REVERSE CURRENT, mA
40
20,30,40V
TJ=100 C
1.0
O
FORWARD CURRENT, Amps
50,60V 80,100V
10 8 6 4 2 1.0 .8 .6 .4 .2 .1
0.1
TJ=75 C
O
0.01
TJ=25 OC
TJ = 25 C Pulse Width = 300 us 1% Duty Cycle
O
0.001
.3
20 40 60 80 100 120 140
.4
.5
.6
.7
.8
0.9
1.0
PERCENT OF INSTANTANEOUS REVERSE VOLTAGE, %
FORWARD VOLTAGE, VOLTS
Fig.3- TYPICAL REVERSE CHARACTERISTICS
Fig.4- TYPICAL INSTANTANEOUS FORWARD CHRACTERISTICS
REV.1-APR.22.2005
PAGE . 2


▲Up To Search▲   

 
Price & Availability of SB2020FCT05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X