Part Number Hot Search : 
TSDF1250 NTE1708 LF301RW EP8276 68000 CD80C86 KS0105 SFH751
Product Description
Full Text Search
 

To Download SB1020DC05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
SB1020DC~SB10150DC
D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS VOLTAGE
FEATURES
* Plastic package has Underwriters Laboratory Flammability Classification 94V-O. Flame Retardant Epoxy Molding Compound. * Exceeds environmental standards of MIL-S-19500/228 * Low power loss, high efficiency.
.418(10.6) .357(9.1)
.409(10.4) .387(9.80)
20 to 150 Volts
CURRENT
10 Amperes
TO - 2 6 3 / D 2PA K
Unit: inch (mm)
.189(4.8) .137(4.4) .055(1.4) .047(1.2)
* High surge capacity. * For use in low voltage,high frequency inverters free wheeling , and polarlity protection applications. * Pb free product are available : 99% Sn above can meet Rohs environment substance directive request
.110(2.8)
.236(6.0) .197(5.0) .035(0.9)MAX
.335(8.5)
* Low forwrd voltge, high current capability
.378(9.60)
.026(0.7) .011(0.3)
.055(1.4)
MECHANCALDATA
Case: D2PAK Molded plastic Terminals: Solder plated, solderable per MIL-STD-202G, Method 208 Polarity: As marked. Standard packaging: Any Weight: 0.06 ounces, 1.7 grams.
.039(1.0) .108(2.75) .092(2.35)
.108(2.75) .092(2.35)
C
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
PA RA M E TE R M a xi m um R e c ur r e nt P e a k R e ve r s e V o l t a g e M a xi m um R M S V o l t a g e M a xi m um D C B l o c k i ng V o l t a g e M a xi m um A ve r a g e F o r w a r d C ur r e nt . 3 7 5 " ( 9 . 5 m m ) l e a d l e ng t h a t T c = 1 0 0 OC P e a k F o r w a r d S ur g e C ur r e nt : 8 . 3 m s s i ng l e ha l f s i ne w a ve s up e r i m p o s e d o n r a t e d l o a d ( J E D E C m e t ho d ) M a xi m um F o r w a r d V o l t a g e a t 5 . 0 A , p e r l e g M a x i m u m D C R e v e r s e C u r r e n t TA = 2 5 O C a t R a t e d D C B l o c k i n g V o l t a g e TA = 1 0 0 O C Ty p i c a l T h e r m a l R e s i s t a n c e O p e r a t i n g J u n c t i o n a n d S t o r a g e Te m p e r a t u r e R a n g e
S YM B O L S B 1 0 2 0 D C S B 1 0 3 0 D C S B 1 0 4 0 D C S B 1 0 4 5 D C S B 1 0 5 0 D C S B 1 0 6 0 D C S B 1 0 8 0 D C S B 1 0 1 0 0 D C S B 1 0 1 5 0 D C U N I T S VRRM VRMS VDC IAV IFSM VF IR RJ C TJ , T STG 0 .5 5 0 .5 50 3 .0 - 5 0 TO + 1 2 5
O
20 14 20
30 21 30
40 28 40
45 3 1 .5 45
50 35 50 10 150 0 .7 5
60 42 60
80 56 80
100 70 100
150 105 150
V V V A A
0 .8 5
0 .9 2
V mA C/W
O
C
REV.0-MAR.19.2005
PAGE . 1
RATING AND CHARACTERISTIC CURVES
AVERAGE FORWARD CURRENT
10
20.0 15.0 10.0 5.0 0 0
FORWARD CURRENT, AMPERES
25.0
1.0
T A =25 C 0.1 0.2 0.4 0.6 0.8 1.0
O
50
100
150
CASE TEMPERA TURE, OC
FORWARD VOLTAGE, VOLTS
Fig.1- FORWARD CURRENT DERATING CURVE
Fig.2- TYPICAL INSTANTANEOUS FORWARD CHRACTERISTIC
10 2
, PEAK FORWARD SURGE CURRENT AMPERES
240 210 180 150 120 90 60 30 0 1 2 5 10 20 50 100
8.3ms Single Half Since-W ave JEDEC Method
10
1
REVERSE CURRENT, mA
T J =100 C 10 0
O
10
-1
10 -2
T J = 25 OC
10 -3
10 -4
20
40
60
80
100
120
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
NO. OF CYCLE AT 60HZ
Fig.3- TYPICAL REVERSE CHARACTERISTIC
Fig.4- TMAXIMUM NON - REPETITIVE SURGE CURRENT
REV.0-MAR.19.2005
PAGE . 2


▲Up To Search▲   

 
Price & Availability of SB1020DC05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X