Part Number Hot Search : 
D5028UK LHO44 AP432AV 9F020 APR50B10 78S06 DBL157G LUWCN7N
Product Description
Full Text Search
 

To Download RT9644PQV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary
RT9644/A
ACPI Regulator/Controller for Dual Channel DDR Memory Systems
General Description
The RT9644/A is a complete ACPI compliant power solution for DDR and DDR2 memory system with up to 4 DIMMs dual channel systems. This RT9644 includes one synchronous buck controller for DDR/DDR2 VDDQ, one DDR/DDR2 bus terminator VTT (equal to VDDQ/2) regulator with source and sinking ability, three LDO controllers for V GMCH (cascode), and GMCH/CPU terminat ion VTT_GMCH/CPU. The RT9644A includes one synchronous buck controller for DDR/DDR2 VDDQ, one PWM controller for VGMCH (with external MOSFET driver), one DDR/DDR2 bus terminator VTT (equal to VDDQ/2) regulator with source and sinking ability, and two LDO controllers for VTT_GMCH/CPU and VDAC. These parts also provide a reference buffer for DDR/DDR2 input reference voltage generator. When during S0 state, the VIDPGD indicates the GMCH_CPU VTT within spec and operational. The synchronous buck DC-DC PWM is implemented by two N-MOSFETs as upper and lower MOSFETs with voltage mode control. The linear controllers are implemented with one N-MOSFET with suitable capacitance. Each output is monitored by under voltage protection (RT9644 except VGMCHH and RT9644A except VDAC). V DDQ PW M controller and DDR/DDR2 bus terminator regulator have over voltage protection. Moreover, the VDDQ PWM controller has the over current protection by external resister adjustment. Thermal shut down is integrated. All the internal voltage reference is fixed at 0.8V, and users can adjust the resistance divider for desired voltage output.
Features
l
l
l l l l
l
l l
Applications
l
l l l l l
Motherboard, Desktop Servers : Single/Dual channel DDR/DDR2 ACPI compliant Graphic Card : GPU and memory supply IA Equipments Telecomm Equipments DSP, ASIC or embedded processor and IO supplies High Power DC-DC Regulators
l
l
l l
RT9644 Includes Three LDO Controllers, One LDO Regulator and One PWM Controller }One DDR/DDR2 VDDQ with Synchronous Buck PWM }One DDR/DDR2 Bus Terminator VTT Regulator Source/Sink 3A }Two Cascode LDO Controllers for GMCH Core }One LDO Controller for GMCH/CPU Bus Terminator VTT_GMCH/CPU RT9644A Includes Two LDO Controllers, One LDO Regulator and Two PWM Controllers }One DDR/DDR2 VDDQ with Synchronous Buck PWM }One VGMCH with External Richtek MOSFET Driver }One DDR/DDR2 Bus Terminator VTT Regulator Source/Sink 3A }One LDO Controller for VDAC } One LDO Controller for GMCH/CPU Bus Terminator VTT_GMCH/CPU Operating with 5V and 12V Supply Voltage ACPI Compliant Sleep Mode Control Drive All Low Cost N-MOSFETs Voltage Mode PWM Control }250kHz Fixed Frequency Oscillator (RT9644A : Two PWM controllers with phase shift 90o) }Simple Voltage Mode Loop Control }Fast Transient Response }Over Current Protection Fully Adjustable Output Voltage Down to Compatible with DDR2 Integrated DDR/DDR2 Reference Buffer Integrated VIDPGD to Indicated V TT_GMCH/CPU Operational All Regulator Outputs Monitored by Under Voltage Protection DDR/DDR2 VDDQ and Bus Terminator VTT Also Integrated Over Voltage Protection Integrated Thermal Shut Down RoHS Compliant and 100% Lead (Pb)-Free
DS9644/A-01 August 2007
www.richtek.com 1
RT9644/A
Ordering Information
RT9644/A
Preliminary
Note : Package Type QV : VQFN-28L 6x6 (V-Type) Operating Temperature Range P : Pb Free with Commercial Standard G : Green (Halogen Free with Commercial Standard) Two PWM Controller One PWM Controller RichTek Pb-free and Green products are :
}RoHS compliant and compatible with the current requirements of IPC/JEDEC J-STD-020.
}Suitable for use in SnPb or Pb-free soldering processes. }100% matte tin (Sn) plating.
Pin Configurations
(TOP VIEW)
OCSET OCSET
22 21 20 19
UGATE
UGATE
PHASE
PHASE
24
LGATE
LGATE
BOOT
BOOT
GND
GND
S5#
28
27
26
25
24
23
22 21 20 19
28
27
26
25
23
5VSBY S3# P12V GND DDR_VTT DDR_VTT VDDQ
1 2 3 4 5 6 7 8 9 10 11 12 13 14 29
DRIVE4 REFADJ4 DRIVE3 FB3 FB4 COMP FB
S5#
5VSBY S3# P12V GND DDR_VTT DDR_VTT VDDQ
1 2 3 4 5 6 7 8 9 10 11 12 13 14 29
DRIVE3 FB3 PWM4 FB4 COMP4 COMP FB
GND
18 17 16 15
GND
18 17 16 15
DRIVE2
FB2
DRIVE2
VIDPGD
VREF_IN
FB2
VIDPGD
VREF_OUT
DDR_VTTSNS
RT9644 VQFN-28L 6x6
DDR_VTTSNS
RT9644A
www.richtek.com 2
DS9644/A-01 August 2007
VREF_OUT
VREF_IN
VDDQ
VDDQ
Preliminary Typical Application Circuit
5VSBY 1 5VSBY BOOT OCSET P12V 25 22
RT9644/A
5VDL
P12V V DDQ Q3 V GMCHH
3 21
RT9644
DRIVE4 UGATE 26 Q1
L1 V DDQ
17 FB4 Q4 19 DRIVE3 20 18 REFADJ4 FB3
PHASE 24 LGATE GND 28 4, 27, Exposed Pad (29) Q2
V GMCH
COMP Q5 V TT_GMCH/CPU 10 DRIVE2 FB
16 15
V DDQ
11 FB2
DDR_VTT 5, 6 DDR_VTTSNS 9 VREF_OUT 13 VREF_IN 14 23 S5#
DDR_VTT V DDQ
V DDQ VIDPGD SLP_S3#
7, 8
VDDQ
V REF
12 VIDPGD 2 S3#
SLP_S5#
5VSBY
P12V
1 5VSBY
3 P12V BOOT 25 22 5VDL
V CC V GMCH Q3 Q4
OCSET Richtek 19 PWM4 MOSFET RT9644A Driver UGATE 17 18
26
Q1
L1 V DDQ
PHASE 24 COMP4 FB4 LGATE 28 Q2
V GMCH Q5 V TT_GMCH/CPU 10 DRIVE2 11 FB2
4, 27, GND Exposed Pad (29)
COMP V CC Q6 VDAC V DDQ VIDPGD SLP_S3# 21 DRIVE3 20 FB3 7, 8 VDDQ 12 VIDPGD 2 S3# FB
16 15
V DDQ
DDR_VTT 5, 6 DDR_VTTSNS 9 VREF_OUT 13 VREF_IN S5# 14 23
DDR_VTT V DDQ V REF
SLP_S5#
DS9644/A-01 August 2007
www.richtek.com 3
RT9644/A
Functional Pin Description
Pin No. RT9644 RT9644A
Preliminary
Pin Name
Pin Function 5VSBY is the main internal power supply. The part works at normal operation mode (Icc_S0) and stand_by mode Icc_S5 (<1mA). The 5VSBY should be locally bypassed using a 0.1F capacitor. This pin accepts the SLP_S3# sleep state signal.
1
1
5VSBY
2
2
S3#
The internal LDO controller and DDR/DDR2 bus terminator VTT_DDR regulator are powered by the P12V. P12V is 3 3 P12V typically connected to the +12V rail of an ATX power supply. The P12V is not necessary in S3, S4, and S5 states. The GND terminals provide the return path for the chip. 4, 27, 4, 27, Large ground currents flow through the Exposed pad of the GND Exposed Pad (29) Exposed Pad (29) QFN package. The exposed pad must be soldered to a large PCB and connected to GND for maximum power dissipation. These two DDR_VTT pins (Pin 5 and 6) should be 5, 6 5, 6 DDR_VTT connected externally together. The pins are the output of DDR/DDR2 bus terminator that active in S0 and S1 states. These two VDDQ pins (Pin 7 and 8) should be connected externally together to the regulated VDDQ output. The pins 7, 8 7, 8 VDDQ are the power rail of DDT_VTT regulator. Large ground currents flow through these VDDQ pins. DDR_VTTSNS is used as the feedback for control of the DDR/DDR2 bus terminator VTT_DDR regulator. Connect 9 9 DDR_VTTSNS this pin to the DDR_VTT outputs (Pin 5 and 6) physical desired portion. This pin provides the gate voltage for the V TT_GMCH/CPU 10 10 DRIVE2 linear regulator. Connect this pin to the gate of an external N-MOSFET transistor. Connect the output of the V TT_GMCH/CPU linear regulator to this pin through a properly sized resistor divider. The voltage 11 11 FB2 at this pin is regulated to 0.8V. This pin is also monitored for under-voltage events. The VIDPGD pin is an open-drain logic output that changes to logic low if the VTT_GMCH/CPU linear regulator is out of 12 12 VIDPGD regulation in S0/S1/S2 state. It should be externally pulled high when VTT_GMCH/CPU is under regulated in S0, S1 and S2 states. VREF_OUT is a buffered version of DDR_VTT and also acts as the reference voltage for the DDR_VTT linear regulator. It is recommended that a typical capacitance of 0.1 F is 13 13 VREF_OUT connected between V DDQ and VREF_OUT and also between VREF_OUT and ground for proper operation. Larger then 0.3F capacitance is not recommended.
To be continued
www.richtek.com 4 DS9644/A-01 August 2007
Preliminary
Pin No. RT9644 RT9644A Pin Name Pin Function
RT9644/A
14
14
VREF_IN
A capacitor, CSS, connected between VREF_IN and ground is required. This capacitor and the parallel combination of the Upper and Lower Divider Impedance (RU//RL), sets the time constant for the start up ramp when transitioning from S3/S4/S5 to S0/S1/S2. The soft start capacitance will determine the V TT_DDR soft start ramp by the above RC time constant. CSS > (CVTT x VDDQ) / [10 x 2 x 1A x (RU//RL)] FB is the error amplifier negative input that needs proper resistance divider connected to V DDQ. The VDDQ synchronous DC-DC buck is simple voltage control mode. It needs a typical Type 2 compensation network from COMP to FB (or Type 3). The reference voltage of the error amplifier is 0.8V m onitored by under and over voltage protection. The COMP is the output to the voltage loop error amplifier. Loop compensation is achieved by connecting an AC network across COMP and FB. In RT9644, the FB4 pin connects the output of the upper V GMCH (VGMCHH) linear regulator to this pin. The voltage at this pin is regulated via the REFADJ4 pin (Pin 20). Generally, the FB4 is connected to V GMCHH, and REFADJ4 = VGMCH. The VGMCHH LDO controller will set the positive input to (VDDQ+REFADJ4)/2 as reference voltage. Then we can have the VGMCHH equal to (VDDQ +VGMCH)/2. In RT9644A, the FB4 is the 2 synchronous DC-DC buck converter error amplifier feedback. There should be the suitable AC compensation RC network. The compensation may be Type 2 even Type 3. The feedback voltage is monitored by the under voltage protection. In RT9644, the FB3 pin connects the output of the lower V GMCH (VGMCH) linear regulator to this pin through a properly sized resistor divider. The voltage at this pin is regulated to 0.8V. This pin is monitored for under-voltage protection. In RT9644A, the pin connects the output of the V DAC linear regulator with proper resister divider. In RT9644, the DRIVE3 pin provides the gate voltage for the lower V GMCH linear regulator pass transistor. Connect this pin to the gate terminal of an external N-MOSFET transistor. In RT9644A, the DRIVE3 pin provides the gate voltage for the V DAC linear regulator pass transistor. Connect this pin to the gate terminal of an external N- MOSFET transistor. This REFADJ4 pin controls the V GMCHH LDO controller reference voltage. To ENSURE that both upper and lower pass transistors dissipate the same power, connecting this REFADJ4 pin to the V GMCH output rail. The DRIVE4 pin provides the gate voltage for the upper V GMCH (VGMCHH) linear regulator. Connect this pin to the gate terminal of an external N-MOSFET transistor.
nd
15
15
FB
16
16
COMP
17
18
FB4
18
20
FB3
19
21
DRIVE3
20
--
REFADJ4
21
--
DRIVE4
To be continued
DS9644/A-01 August 2007 www.richtek.com 5
RT9644/A
Pin No. RT9644 -RT9644A 17 Pin Name COMP4
Preliminary
Pin Function The COMP4 pin provides the compensation AC network for the 2 synchronous DC-DC buck PWM controller. nd The PWM4 pin is the output of the 2 synchronous DC-DC buck converter used for VGMCH. The PWM4 should be connected to suitable RICHTEK MOSFET driver to drive 2 N-MOSFETs.
nd
--
19
PWM4
22
22
OCSET
VDDQ synchronous DC-DC buck converter has over current protection via the ROCSET to decide the over current criteria. Connect a resistor (R OCSET) from this pin to the drain of the upper N-MOSFET. There is an internal 20 A current sink (I OCSET) from the OCSET pin. We can define the OC trip point via ROCSET, IOCSET, and the upper N-MOSFET on-resistance (R DS(ON)) as following equation : IPEAK = (IOCSET x ROCSET) / RDS(ON) This pin accepts the SLP_S5# sleep state signal. For the VDDQ synchronous DC-DC buck converter, connect the PHASE pin to the upper N-MOSFET's source. This pin is used to monitor the voltage drop across the upper N-MOSFET for over-current protection. The PHASE pin is the return path rail for the upper MOSFET deriver (UGATE). For the VDDQ synchronous DC-DC buck converter, the BOOT pin provides as power supply to the upper N-MOSFET driver. A bootstrap circuit is used to create a voltage suitable to drive a logic-level N-MOSFET. For the V DDQ synchronous DC-DC buck converter, connect the UGATE pin to the upper N-MOSFET's gate. This pin provides the PWM-controlled gate drive for the upper N-MOSFET. This pin is also monitored by the adaptive shootthrough protection circuitry to determine when the upper N- MOSFET has turned off. Do not insert any circuitry between this pin and the gate of the upper N-MOSFET, as it may interfere with the internal adaptive shoot-through protection circuitry and render it ineffective. For the VDDQ synchronous DC-DC buck converter, Connect the LGATE pin to the lower N-MOSFET's gate. This pin provides the PWM-controlled gate drive for the lower N-MOSFET. This pin is also monitored by the adaptive shootthrough protection circuitry to determine when the lower N- MOSFET has turned off. Do not insert any circuitry between this pin and the gate of the lower N-MOSFET, as it may interfere with the internal adaptive shoot-through protection circuitry and render it ineffective.
23
23
S5#
24
24
PHASE
25
25
BOOT
26
26
UGATE
28
28
LGATE
www.richtek.com 6
DS9644/A-01 August 2007
Preliminary Function Block Diagram
RT9644
VDDQ RT9644 + + + FB COMP
RT9644/A
+ RAMP@ 250kHz
BOOT + 5VSBY LGATE + 20uA UGATE PHASE
DRIVE4 FB4 REFADJ4 FB3 +
UV
+
OV
OC
OCSET
DRIVE3
FB2 DRIVE2 VIDPGD + +
+
+ Digital & Peripheral Control +
DDR_VTT VDDQ
VREF_IN Fault + Thermal shut_down + -
shut_down
GND
S3# S5# P12V 5VSBY VREE_OUT DDR_VTTSNS
RT9644A
COMP4 RT9644A + + UV FB4 + + FB COMP
PWM4
+ RAMP@ 250kHz shift 90
+ RAMP@ 250kHz
BOOT + 5VSBY LGATE UGATE PHASE
FB3 +
+
OV
OC
+ 20uA
OCSET
DRIVE3
FB2 DRIVE2 VIDPGD + +
+
+ Digital & Peripheral Control +
DDR_VTT VDDQ
VREF_IN Fault + Thermal shut_down + -
shut_down
GND
S3#
S5# P12V 5VSBY VREE_OUT DDR_VTTSNS
DS9644/A-01 August 2007
www.richtek.com 7
RT9644/A
Absolute Maximum Ratings
l l l l l l l
Preliminary
(Note 1)
l
l l l l
Supply Voltage, 5VSBY ------------------------------------------------------------------------------- 7V Supply Voltage, P12V --------------------------------------------------------------------------------- 16V BOOT, VBOOT - VPHASE -------------------------------------------------------------------------------- 7V UGATE Voltage ------------------------------------------------------------------------------------------ VPHASE - 0.3V to VBOOT + 0.3V LGATE Voltage ------------------------------------------------------------------------------------------ GND - 0.3V to 5VSBY + 0.3V Input, Output or I/O Voltage -------------------------------------------------------------------------- GND - 0.3V to 7V Power Dissipation, PD @ TA = 25C VQFN-28L 6x6 ------------------------------------------------------------------------------------------- 2.857W Package Thermal Resistance (Note 4) VQFN-28L 6x6, JA ------------------------------------------------------------------------------------- 35C/W Junction Temperature ---------------------------------------------------------------------------------- 150C Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------- 260C Storage Temperature Range -------------------------------------------------------------------------- -40C to 150C ESD Susceptibility (Note 2) HBM (Human Body Mode) ---------------------------------------------------------------------------- 2kV MM (Machine Mode) ----------------------------------------------------------------------------------- 200V (Note 3)
Recommended Operating Conditions
l l l l
Supply Voltage, 5VSBY ------------------------------------------------------------------------------- 5V 5% Supply Voltage, P12V --------------------------------------------------------------------------------- 12V 10% Junction Temperature Range ------------------------------------------------------------------------- -40C to 125C Ambient Temperature Range ------------------------------------------------------------------------- -40C to 85C
Electrical Characteristics
(5VSBY = 5V, P12V = 12V, TA = 25C, unless otherwise specification)
Parameter 5VSBY Supply Current
Symbol
Test Condition
Min
Typ
Max
Units
ICC_S0 Nominal Supply Current ICC_S5 Power-On Reset Rising 5VSBY POR Threshold Falling 5VSBY POR Threshold Rising P12V POR Threshold Falling P12V POR Threshold Oscillator and Soft-Start PWM Frequency Ramp Amplitude Soft-Start Interval f OSC
S3# & S5# High, UGATE/LGATE Open S5# Low, S3# Don't Care UGATE/LGATE Open
5.5 --
7 700
8 850
mA A
4 3.6 10 8.8
-----
4.35 3.95 10.5 9.75
V V V V
220 -6.5
250 1.5 8.2
280 -9.5
kHz V ms
VOSC
tSS
To be continued
www.richtek.com 8 DS9644/A-01 August 2007
Preliminary
Parameter Reference Voltage Reference Voltage V REF System Accuracy VDDQ PWM Controller Error Amplifier DC Gain Guaranteed By Design Gain-Bandwidth Product GBWP Slew Rate SR Control I/O (S3# and S5#) Low Level Input Threshold High Level Input Threshold PWM Controller Gate Drivers UGATE and LGATE Source IGATE UGATE and LGATE Sink IGATE V TT Regulator Upper Divider Impedance RU Lower Divider Impedance RL VREF_OUT Buffer Source Current IVREF_OUT Maximum VTT Load Current Linear Regulators DC GAIN Guaranteed By Design Gain Bandwidth Product GBWP Slew Rate SR DRIVEn High Output Voltage DRIVEn Low Output Voltage DRIVEn High Output Source Current DRIVEn Low Output Sink Current VIDPGOOD V TT_GMCH/CPU Rising Threshold V TT_GMCH/CPU Falling Threshold Protection OCSET Current Source DDR_VTT Current Limit VDDQ OV Level VDDQ UV Level DDR_VTT OV Level S0/S3 VFB/VREF VFB/VREF IOCS ET By Design S0/S3 S0/S3 18 -3.3 ---S0 S0 0.725 -DRIVEn unloaded DRIVEn unloaded -12 -9.75 ---IVTT_MAX Periodic load applied with 30% duty cycle and 10ms period RU RL ----3 ---2.2 -15 ---2 Symbol Test Condition Min
RT9644/A
Typ Max Units
0.8 -
-2
V %
80 -6
----
dB MHz V/s
---
0.75 --
V V
-0.8 0.8
---
A A
2.5 2.5 ---
--2 3
k k mA A
80 -6 10 0.16 1.2 1.2
----0.4 ---
dB MHz V/s V V mA mA
0.74 0.7
-0.715
V V
20 -115 75 115
22 3.3 ----
A A % % %
VTT/V VREF_IN S0
To be continued
DS9644/A-01 August 2007 www.richtek.com 9
RT9644/A
Parameter DDR_VTT UV Level V GMCH UV Level V TT_GMCH/CPU UV Level Thermal Shutdown Limit Symbol
Preliminary
Test Condition Min ----Typ 85 75 75 140 Max ----Units % % % C
VTT/V VREF_IN S0 VFB4/VREF VFB2/VREF TSD S0 S0 By Design
Note 1. Stresses listed as the above "Absolute Maximum Ratings" may cause permanent damage to the device. These are for stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may remain possibility to affect device reliability. Note 2. Devices are ESD sensitive. Handling precaution is highly recommended. Note 3. The device is not guaranteed to function outside its operating conditions. Note 4. JA is measured in the natural convection at T A = 25C on a low effective thermal conductivity test board of JEDEC 51-3 thermal measurement standard.
www.richtek.com 10
DS9644/A-01 August 2007
Preliminary Application Information
S5#
RT9644/A
Overview The RT9644/A provides complete control, drive, protection and ACPI compliance for a regulator powering DDR memory systems and the GMCH core and GMCH/CPU termination rails. It is primarily designed for computer applications powered from an ATX power supply. A 250kHz Synchronous Buck Regulator with a precision 0.8V reference provides the proper Core voltage to the system memory of the computer. An internal LDO regulator with the ability to both sink and source current and an externally available buffered reference that tracks the VDDQ output by 50% provides the VTT termination voltage. In RT9644, a two-stage LDO controller provides the GMCH core voltage. A third LDO controller is included for the regulation of the GMCH/CPU termination voltage. In RT9644A, a second 250kHz PWM Buck regulator, which requires an external MOSFET driver, provides the GMCH core voltage. This PWM regulator is 90 out of phase with the PWM regulator used for the Memory core. Two additional LDO controllers are included, one for the regulation of the GMCH/CPU termination rail and the second for the DAC. ACPI State Transitions ACPI compliance is realized through the S3# and S5# sleep signals and through monitoring of the 12V ATX bus. Figure 1 and Figure 2 shows how the RT9644 and RT9644A individual regulators are controlled during all state transitions.
S5# S3# P12V VDDQ VGMCHH VGMCH VTT_GMCH/CPU DDR_VTT TSS VIDPGD t0t1 t2t3t4t5t6 t7 t8t9 >3TSS t10 t12 t14 t11 t13 t15
S3# P12V VDDQ VGMCH VTT_GMCH/CPU V DAC DDR_VTT TSS VIDPGD t0t1 t2t3t4t5t6 t7 t8t9 >3TSS t10 t12 t14 t11 t13 t15
Figure 2. Timing diagram for RT9644A S5 to S0 Transition At the onset of a mechanical start, time t0 in Figure 1, the RT9644 receives its bias voltage from the 5V Standby bus (5VSBY). Once the 5VSBY rail has exceeded the POR threshold, the RT9644 will remain in an internal S5 state until both the S3# and S5# signal have transitioned high and the 12V POR threshold has been exceeded by the +12V rail from the ATX, which occurs at time t1. Once all of these conditions are met, the PWM error amplifier will first be reset by internally shorting the COMP pin to the FB pin. This reset lasts for 3-4 soft-start cycles, Then digital soft-start sequence will begin. Each regulator is enabled and soft-started according to a preset sequence. At time t2 the VDDQ rail and the upper VGMCH LDO rail of RT9644 are digitally soft-started. The digital sof t-start f or the PW M regulator is accomplished by clamping the error amplifier reference input to a level proportional to the internal digital soft-start voltage. As the soft-start voltage slews up, the PWM comparator generates PHASE pulses of increasing width that charge the output capacitor(s). This method provides a rapid and controlled rising output voltage. The linear regulators, with the exception of the internal DDR_VTT LDO, are soft-started in a similar manner. The error amplifier reference is clamped to the internal digital soft-start voltage. As the soft-start voltage ramps up, the respective DRIVE pin voltages increase, thus enhancing the N-MOSFETs and charging the output
Figure 1. Timing diagram for RT9644
DS9644/A-01 August 2007 www.richtek.com 11
RT9644/A
capacitors in a controlled manner.
Preliminary
S3 to S0 Transition When S3# transits from LOW to HIGH with S5# held HIGH and after the 12V rail exceeds POR, the RT9644/A will initiate the soft-start sequence. This sequence is very similar to the mechanical start soft-start sequencing. The transition from S3 to S0 is represented in Figure 1 and Figure 2 between times t8 and t14. At time t8, the S3# signal transits to HIGH. This enables the ATX, which brings up the 12V rail. At time t9, the 12V rail has exceeded the POR threshold and the RT9644 enters a reset mode that lasts for 3 soft-start cycles. At time t10, the 3 soft-start cycle reset is ended and the individual regulators are enabled and soft-started in the same sequence as the mechanical cold start sequence, with the exception that the VDDQ regulator is already enabled and in regulation. S0 to S5 Transition When the system transits from active state to shutdown (S0 to S5) state, the RT9644/A IC disables all regulators and forces the VIDPGD pin LOW. This transition is represented on Figure 1 and Figure 2 at time t15. Fault Protection The RT9644/A monitors the VDDQ regulator for under voltage,over-voltage and over-current protection. The internal DDR_VTT LDO regulator is monitored for undervoltageand over-voltage protection. All other regulators are monitored for under-voltage protection. An over-voltage protection on either the VDDQ or DDR_VTT regulator and thermal Shutdown protection will cause an immediate shutdown of all regulators. This can only be cleared by toggling the S5# signal such that the system enters the S5 sleep state and then transitions back to the active, S0, state. If a regulator experiences any other fault condition (an under-voltage or an over-current on VDDQ), all of regulator will be disabled and an internal fault counter will be incremented by 1. At every fault occurrence, the internal fault counter is incremented by 1 and an internal Fault Reset Counter is cleared to zero. The Fault Reset Counter will Count 9 x Tss period. If the Fault Reset Counter reaches 9 x Tss
At time t3, the VDDQ and upper VGMCH LDO output rails are in regulation and the lower VGMCH LDO is soft-started. At time t4, the VGMCH rail is in regulation and the VTT_GMCH/ CPU linear regulator is soft-started. At time t5, the VTT_GMCH/CPU rail is in regulation DDR_VTT internal regulator is soft-started. The DDR_VTT LDO soft-starts in a manner unlike the other regulators. When the DDR_VTT regulator is disabled, the reference is internally shorted to the DDR_VTT output. This allows the termination voltage to float during the S3 sleep state. When the RT9644 enables the DDR_VTT regulator or enters S0 state from a sleep state, this short is released and the internal divide down resistors which set the DDR_VTT voltage to 50% of DDR_VTT will provide a controlled voltage rise on the capacitor that is tied to the VREF_IN pin. The voltage on this capacitor is the reference for the DDR_VTT regulator and the output will track it as it settles to 50% of the VDDQ voltage. The combination of the internal resistors and the VREF_IN capacitor will determine the rise time of the DDR_VTT regulator (see the Functional Pin Description section for proper sizing of the VREF_IN capacitor). At time t6, a full soft-start cycle has passed from the time that the DDR_VTT regulator was enabled. At this time the VIDPGD comparator is enabled. Once enabled if the VTT_GMCH/CPU output is within regulation, the VIDPGD pin will be forced to a high impedance state. S0 to S3 Transition When S3# goes LOW with S5# still HIGH, the RT9644/A will disable all the regulators except for the VDDQ regulator, which is continually supplied by the 5VDUAL rail. VIDPGD will also transition LOW. When VTT is disabled, the internal reference for the VTT regulator is internally shorted to the VTT rail. This allows the VTT rail to float. When floating, the voltage on the VTT rail will depend on the leakage characteristics of the memory and MCH I/O pins. It is important to note that the VTT rail may not bleed down to 0V. Figure 1 shows how the individual regulators are affected by the S3 state at time t7.
www.richtek.com 12
DS9644/A-01 August 2007
Preliminary
period and no other fault occurs, then the Fault Counter is cleared to 0. If a fault occurs prior to the Fault Reset Counter reaching 9 x Tss period, then the Fault Reset Counter is set back to zero. The RT9644/A will immediately shut down when the Fault Counter reaches a count of 4. When attempting to restart a faulted regulator, the RT9644/A will follow the preset start up sequencing. If a regulator is already in regulation, then it will not be affected by the start up sequencing. VDDQ Overcurrent Protection The OCP function monitors output current by using upper MOSFET RDS(ON). The OCP function cycles soft-start function in a hiccup mode. Over-current triggering level can be arbitrarily set by adjusting ROCSET. An Internal 20A current sink makes a voltage drop across ROCSET from VIN. When VPHASE is lower than VOCSET , OCP function initializes soft-start cycles. The OCP funcion will be triggered as inductor current reach : I x R OCSET IL(MAX) = OCSET R DS(ON) To prevent OC form tripping in normal operation, ROCSET must be carefully chosen with : 1. Maximum RDS(ON) at highest junction temperature 2. MInimum IOCSET from specification table 3. IL(MAX) > IOUT(MAX) + IL /2 IL = inductor ripple current Feedback Compensation Figure 3 highlights the voltage-mode control loop for a synchronous buck converter. Figure 4 shows the corresponding Bode plot. The output voltage (VOUT ) is regulated to the reference voltage. The error amplifier EA output (COMP) is compared with the oscillator (OSC) sawtooth wave to provide a pulse-width modulated (PWM) wave with an amplitude of VIN at the PHASE node. The PWM wave is smoothed by the output filter (L and COUT ). The modulator transfer function is the small-signal transfer function of VOUT /COMP. This function is dominated by a DC gain and the output filter (L and COUT ), with a double pole break frequency at FP_LC and a zero at FZ_ESR. The DC gain of the modulator is simply the input voltage (VIN) divided by the peak-to-peak oscillator voltage %VOSC.
DS9644/A-01 August 2007
VOSC OSC PWM Comparator + Driver Driver
RT9644/A
The break frequency FLC and FESR are expressed as Equation (1) and (2) respectively. 1 (1) FP_LC = 2 LCOUT FZ_ESR = 1 2 x ESR x COUT (2)
The compensation network consists of the error amplifier EA and the impedance networks ZIN and ZFB. The goal of the compensation network is to provide a closed loop transfer function with the highest DC gain, the highest 0dB crossing frequency (FC) and adequate phase margin. Typically, FC in range 1/5 to 1/10 of switching frequency is adequate. The higher FC is, the faster dynamic response is. A phase margin in the range of 45 C to 60 C is desirable. The equations below relate the compensation network poles, zeros and gain to the components (R1, R2, R3, C1, C2, and C3) in Figure 4. FZ1 = FZ2 = FP1 = FP2 = 1 2 x R2 x C1 1 2 x (R1 + R3) x C3 1 2 x R2 x C1x C2 C1 + C2 1 2 x R3 x C3
VIN
(3) (4) (5)
(6)
L PHASE COUT ESR
VOUT
ZFB VE/A EA + REF ZIN
C2 C1 COMP EA + REF R2
Z FB C3
ZIN R3 R1
VOUT
FB
Figure 3
www.richtek.com 13
RT9644/A
100 80 60
Gain (dB)
Preliminary
Generally, an inductor that limits the ripple current between 20% and 50% of output current is appropriate. Make sure that the output inductor could handle the maximum output current and would not saturate over the operation temperature range. Output Capacitor Selection
Compensation Gain Closed Loop Gain FLC FESR 10K 100K 1M 10M
FZ1 FZ2
FP1
FP2
Open Loop Error AMP Gain 20LOG (R1/R2)
40 20 0 -20 -40 -60 10 100 1K Modulator Gain 20LOG (VIN/VOSC)
The output capacitors determine the output ripple voltage (%VOUT ) and the initial voltage drop after a high slew rate load transient. The selection of output capacitor depends on the output ripple requirement. The output ripple voltage is described as Equation (8). VOUT = IL x ESR + 1 x 8 f2 VOUT x L x COUT (1 - D) (8)
Frequency (Hz)
Figure 4 Feedback Loop Design Procedure Use these guidelines for locating the poles and zeros of the compensation network: 1. Pick Gain (R2/R1) for desired 0dB crossing frequency (FC). 2. Place 1st zero FZ1 below modulator double pole FLC (~75% FLC). 3. Place 2nd zero FZ2 at modulator double pole FLC. 4. Place 1st pole FP1 at the ESR zero FZ_ESR 5. Place 2nd pole FP2 at half the switching frequency. 6. Check gain against error amplifier' s open-loop gain. 7. Pick RFB for desired output voltage. 8. Estimate phase margin and repeat if necessary. Component Selection Components should be appropriately selected to ensure stable operation, fast transient response, high efficiency, minimum BOM cost and maximum reliability. Output Inductor Selection The selection of output inductor is based on the considerations of efficiency, output power and operating frequency. For a synchronous buck converter, the ripple current of inductor (%IL) can be calculated as follows : IL = (VIN - VOUT ) x VOUT VIN x fOSC x L (7)
OSC
For electrolytic capacitor application, typically 90 to 95% of the output voltage ripple is contributed by the ESR of output capacitors. Paralleling lower ESR ceramic capacitor with the bulk capacitors could dramatically reduce the equivalent ESR and consequently the ripple voltage. Input Capacitor Selection Use mixed types of input bypass capacitors to control the input voltage ripple and switching voltage spike across the MOSFETs. The buck converter draws pulsewise current from the input capacitor during the on time of upper MOSFET. The RMS value of ripple current flowing through the input capacitor is described as :
IIN(RMS) = IOUT x D x (1 - D)
(9)
The input bulk capacitor must be cable of handling this ripple current. Sometime, for higher efficiency the low ESR capacitor is necessarily. Appropriate high frequency ceramic capacitors physically near the MOSFETs effectively reduce the switching voltage spikes. MOSFET Selection of PWM Buck Converter The sel ection of MOSF ETs i s based upon the considerations of RDS(ON), gate driving requirements, and thermal management requirements. The power loss of upper MOSFET consists of conduction loss and switching loss and is expressed as :
www.richtek.com 14
DS9644/A-01 August 2007
Preliminary
PUPPER = PCOND_UPPER + PSW_UPPER = I2 OUT x RDS(ON) x D + 1 IOUT 2 x VIN x (TRISE + TFALL ) x fOSC where TRISE and TFALL are rising and falling time of VDS of upper MOSFET respectively. RDS(ON) and QG should be simultaneously considered to minimize power loss of upper MOSFET. The power loss of lower MOSFET consists of conduction loss, reverse recovery loss of body diode, and conduction loss of body diode and is expressed as :
PLOWER = PCOND_LOWER + PRR + PDIODE = I2 OUT x RDS(ON) x (1 - D) + QRR x VIN x fOSC + 1 IOUT x VF x TDIODE x fOSC 2
RT9644/A
(10)
inductor, and output capacitor should be as close to each other as possible. This can reduce the radiation of EMI due to the high frequency current loop. If the output capacitors are placed in parallel to reduce the ESR of capacitor, equal sharing ripple current should be considered. Place the input capacitor directly to the drain of high-side MOSFET. The MOSFETs of linear regulator should have wide pad to dissipate the heat. In multilayer PCB, use one layer as power ground and have a separate control signal ground as the reference of the all signal. To avoid the signal ground is effect by noise and have best load regulation, it should be connected to the ground terminal of output. Furthermore, follows below guide lines can get better performance of IC : (1). The IC needs a bypassing ceramic capacitor as a R-C filter to isolate the pulse current from power stage and supply to IC, so the ceramic capacitor should be placed adjacent to the IC. (2). Place the high frequency ceramic decoupling close to the power MOSFETs. (3). The feedback part should be placed as close to IC as possible and keep away from the inductor and all noise sources. (4). The components of bootstraps should be closed to each other and close to MOSFETs. (5).The PCB trace from Ug and Lg of controller to MOSFETs should be as short as possible and can carry 1A peak current. (6). Place all of the components as close to IC as possible. (7).VTT LDO must dissipate heat generated,the pin29 should be connected to the internal ground plane through four vias. Below PCB gerber files are our test board for your reference :
(11)
where TDIODE is the conducting time of lower body diode. Special control scheme is adopted to minimize body diode conducting time. As a result, the RDS(ON) loss dominates the power loss of lower MOSFET. Use MOSFET with adequate RDS(ON) to minimize power loss and satisfy thermal requirements. MOSFET Selection of LDO The main criteria for selection of the LDO pass transistor is package selection for efficient removal of heat. Select a package and heatsink that maintains the junction temperature below the rating with a maximum expected ambient temperature. The power dissipated in the linear regulator is: PD = IOUT(MAX) x (VIN - VOUT ) where IOUT(MAX) is the maximum output current and VOUT is the nominal output voltage of LDO Layout Consideration Layout is very important in high frequency switching converter design. If designed improperly, the PCB could radiate excessive noise and contribute to the converter instability. First, place the PWM power stage components. Mount all the power components and connections in the top layer with wide copper areas. The MOSFETs of Buck,
DS9644/A-01 August 2007
www.richtek.com 15
RT9644/A
Preliminary
Figure 5. Top Layer for RT9644
Figure 6. Bottom Layer for RT9644
Figure 7. Top Layer for RT9644A
Figure 8. Bottom Layer for RT9644A
www.richtek.com 16
DS9644/A-01 August 2007
Preliminary Outline Dimension
D D2 SEE DETAIL A
RT9644/A
1
E
E2
L e A A1 A3 b
1 2 1 2
DETAIL A Pin #1 ID and Tie Bar Mark Options Note : The configuration of the Pin #1 identifier is optional, but must be located within the zone indicated.
Symbol A A1 A3 b D D2 E E2 e L
Dimensions In Millimeters Min 0.800 0.000 0.175 0.230 5.900 3.500 5.900 3.500 0.650 0.500 0.700 Max 1.000 0.050 0.250 0.350 6.100 4.100 6.100 4.100
Dimensions In Inches Min 0.031 0.000 0.007 0.009 0.232 0.138 0.232 0.138 0.026 0.020 0.028 Max 0.039 0.002 0.010 0.014 0.240 0.161 0.240 0.161
V-Type 28L QFN 6x6 Package
Richtek Technology Corporation
Headquarter 5F, No. 20, Taiyuen Street, Chupei City Hsinchu, Taiwan, R.O.C. Tel: (8863)5526789 Fax: (8863)5526611
Richtek Technology Corporation
Taipei Office (Marketing) 8F, No. 137, Lane 235, Paochiao Road, Hsintien City Taipei County, Taiwan, R.O.C. Tel: (8862)89191466 Fax: (8862)89191465 Email: marketing@richtek.com
DS9644/A-01 August 2007
www.richtek.com 17


▲Up To Search▲   

 
Price & Availability of RT9644PQV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X