Part Number Hot Search : 
74LS1 4CTMCQ TC74VHCT LA7629 T52C4V 13T2AJ 2SC3654 1002F
Product Description
Full Text Search
 

To Download RGL1A07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RGL1A ... RGL1M
RGL1A ... RGL1M
Fast Switching Surface Mount Si-Rectifiers Schnelle Si-Gleichrichter fur die Oberflachenmontage Version 2005-11-12 Nominal current - Nennstrom Repetitive peak reverse voltage Periodische Spitzensperrspannung Plastic case MiniMELF Kunststoffgehause MiniMELF Weight approx. - Gewicht ca. Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert Standard packaging taped and reeled Standard Lieferform gegurtet auf Rolle
1.6
1A 50...1000 V DO-213AA 0.04 g
3.5
Dimensions - Mae [mm]
Marking: Kennzeichnung:
Maximum ratings Type Typ RGL1A RGL1B RGL1D RGL1G RGL1J RGL1K RGL1M Repetitive peak reverse voltage Periodische Spitzensperrspannung VRRM [V] 50 100 200 400 600 800 1000 Surge peak reverse voltage Stospitzensperrspannung VRSM [V] 50 100 200 400 600 800 1000 TA = 75C TA = 25C TA = 25C IFAV IFSM i2t Tj TS
0.4
0.4
1. red ring denotes "cathode" and "fast switching rectifier family" 2. colored ring denotes "repetitive peak reverse voltage" (see below) 1. roter Ring kennzeichnet "Kathode" und "schnelle Gleichrichter" 2. farbiger Ring kennzeichnet "Periodische Spitzensperrspannung" (siehe unten)
Grenzwerte 2. Cathode ring 2. Kathodenring gray / grau red / rot orange / orange yellow / gelb green / grun blue / blau violet / violett 1 A 1) 22/25 A 2.5 A2s -50...+175C -50...+175C
Max. average forward rectified current, R-load Dauergrenzstrom in Einwegschaltung mit R-Last Peak forward surge current, 50/60 Hz half sine-wave Stostrom fur eine 50/60 Hz Sinus-Halbwelle Rating for fusing, t < 10 ms Grenzlastintegral, t < 10 ms Junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur
1
Mounted on P.C. board with 25 mm2 copper pads at each terminal Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lotpad) an jedem Anschluss http://www.diotec.com/
(c) Diotec Semiconductor AG
1
RGL1A ... RGL1M Characteristics Forward voltage Durchlass-Spannung Leakage current Sperrstrom Reverse recovery time Sperrverzugszeit Tj = 25C Tj = 25C Tj = 125C IF = 1 A VR = VRRM VR = VRRM VF IR IR trr trr trr RthA RthT Kennwerte < 1.3 V < 5 A < 50 A < 150 ns < 250 ns < 500 ns < 75 K/W 1) < 40 K/W
IF = 0.5 A through/uber RGL1A...G IR = 1 A to IR = 0.25 A RGL1J RGL1K...M
Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft Thermal resistance junction to terminal Warmewiderstand Sperrschicht - Anschluss
120 [%] 100
10 [A] 1
Tj = 125C
80
Tj = 25C
60
10-1
40 10-2 20 IFAV 0 0 TA 50 100 150 [C]
1
IF 10-3 0.4
10a-(0.5a-1.2v)
VF
0.8
1.0
1.2
1.4
[V] 1.8
Rated forward current versus ambient temperature ) Zul. Richtstrom in Abh. von der Umgebungstemp.1)
Forward characteristics (typical values) Durchlasskennlinien (typische Werte)
1
Mounted on P.C. board with 25 mm2 copper pads at each terminal Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lotpad) an jedem Anschluss http://www.diotec.com/ (c) Diotec Semiconductor AG
2


▲Up To Search▲   

 
Price & Availability of RGL1A07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X