Part Number Hot Search : 
M35V6 SD1080 CM312 BAXXCC0T 24VDC MMC4043 H45N03E 1232034
Product Description
Full Text Search
 

To Download PS300R04 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
PS300R~PS3010R
FAST SWITCHING PLASTIC RECTIFIER VOLTAGE
FEATURES
* High current capability. * Plastic package has Underwriters Laboratory Flammability Classification 94V-O utilizing Flame Retardant Epoxy Molding Compound. * Low leakage. * Exceeds environmental standards of MIL-S-19500/228
.375(9.5) 1.0(25.4)MIN.
50 to 1000 Volts
CURRENT
3.0 Amperes
DO-201AD
Unit: inch(mm)
.052(1.3) .048(1.2)
* Both normal and Pb free product are available : Normal : 80~95% Sn, 5~20% Pb Pb free: 98.5% Sn above
.285(7.2)
* Fast switching for high efficiency.
MECHANICALDATA
Case: Molded plastic, DO-201AD Terminals: Axial leads, solderable to MIL-STD-202,Method 208 Polarity: Color Band denotes cathode end Mounting Position: Any Weight: 0.04 ounce, 1.1 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified. Resistive or inductive load, 60Hz.
PA R A M E TE R M a xim um R e curre nt P e a k R e ve rse V o l a g e t M a xim um R M S V o l a g e t M a xim um D C B l cking V o l a g e o t M a xim um A ve ra g e F o rw a rd C urre nt .3 7 5 "(9 .5 m m ) l a d l ng th a t T A = 5 5 O C e e P e a k F o rw a rd S urg e C urre nt : 8 .3 m s sing l ha l sine -w a ve e f sup e rim p o se d o n ra te d l a d (JE D E C m e tho d ) o M a xim um F o rw a rd V o l a g e a t 3 .0 A t M a xim um D C R e ve rse C urre nt a t T A = 2 5 O C R a te d D C B l cking V o l a g e T A = 1 0 0 O C o t M a xim um R e ve rse R e co ve ry Tim e (N o te 1 ) Typ ica l Junctio n ca p a cita nce (N o te 2 ) Typ ica l T he rm a l R e sista nce (N o te 3 ) O p e ra ting Junctio n a nd S to ra g e Te m p e ra ture R a ng e S Y M B O L P S 300R P S 301R V RRM V RM S VDC
A IV
1.0(25.4)MIN.
.210(5.3) .188(4.8)
P S 302R 200 140 200
P S 304R P S 306R P S 308R 400 280 400 3 .0 200 1 .3 5 .0 500 600 420 600 800 560 800
P S 3010R 1000 700 1000
U N IT S V V V A A V
50 35 50
100 70 100
I SM F VF
I R
uA
TR R CJ R JA TJ,T S TG
150 60 22 -5 5 T O + 1 5 0
250
500
ns pF
O
C /W
O
C
NOTES:1. Reverse Recovery Test Conditions: IF=.5A, IR=1A, Irr=.25A 2. Measured at 1 MHz and applied reverse voltage of 4.0 VDC 3. Thermal resistance from junction to ambient and from junction to lead length 0.375"(9.5mm) P.C.B. mounted
STAD-JUL.01.2004
PAGE . 1
RATING AND CHARACTERISTIC CURVES
AVERAGE FORWARD RECTIFIED CURRENT AMPERES
3.0 2.5 2.0 1.5 1.0 0.5 0 0 50 100 150
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD .375" (9.5mm) LEAD LENGTH
10
FORWARD CURRENT, AMPERES
1
0.1
T A =25 C
0.01 0.4 0.6 0.8 1.0 1.2
O
AMBIENT TEMPERATURE, OC
FORWARD VOLTAGE,VOLTS
FIG.1 FORWARD CURRENT DERATING CURVE
FIG.2 TYPICAL FORWARD CHARACTERISTIC
100
PEAK FORWARD SURGE CURRENT, AMPERES
1000 500
CAPACITANCE,pF
10
100 50
T J =25 OC
T= 25 O C J
10 1 5 10 50 100
1
1
10
100
REVERSE VOLTAGE, VOLTS
NO. OF CYCLES AT 60Hz
FIG.3 TYPICAL JUNCTION CAPACITANCE
FIG.4 PEAK FORWARD SURGE CURRENT
STAD-JUL.01.2004
PAGE . 2


▲Up To Search▲   

 
Price & Availability of PS300R04

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X