Part Number Hot Search : 
MAC223A6 TMF1500A RT918107 LM4041 MCP4017 LM4041 M3135 95310
Product Description
Full Text Search
 

To Download PS15007 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PS150~PS1510
PLASTIC SILICON RECTIFIER
VOLTAGE FEATURES
1.0(25.4)MIN.
50 to 1000 Volts
CURRENT
1.5 Amperes
DO-15
Unit: inch(mm)
* Plastic package has Underwriters Laboratories Flammability Classification 94V-O utilizing Flame Retardant Epoxy Molding Compound. * Exceeds environmental standards of MIL-S-19500/228 * Low leakage. * In compliance with EU RoHS 2002/95/EC directives
.034(.86) .028(.71)
.300(7.6)
MECHANICALDATA
* Case: Molded plastic, DO-15 * Terminals: Axial leads, solderable to MIL-STD-750,Method 2026 * Polarity: Color Band denotes cathode end * Mounting Position: Any * Weight: 0.015 ounce, 0.4 gram
.230(5.8)
.140(3.6)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified. Resistive or inductive load, 60Hz, Single phase, half wave, For capacitive load, derate current by 20%
PARAMETER Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Current .375"(9.5mm) lead length at TA=60OC Peak Forward Surge Current :8.3ms single half sine-wave superimposed on rated load(JEDEC method) Maximum Forward Voltage at 1.5A Maximum DC Reverse Current TJ=25OC at Rated DC Blocking Voltage TJ=100OC Typical Junction capacitance (Note 1) Typical Thermal Resistance(Note 2) Operating Junction and Storage Temperature Range
SYMBOL VRRM VRMS V DC IF(AV) IFSM VF IR CJ RJA RJL TJ,TSTG
P S 150 50 35 50
P S 151 100 70 100
P S 152 200 140 200
1.0(25.4)MIN.
.104(2.6)
P S 154 P S 156 400 280 400 1.5 50 1.1 5.0 500 25 45 28 600 420 600
PS158 PS1510 UNITS 800 560 800 1000 700 1000 V V V A A V uA pF
O
C/W
O
-55 TO +150
C
NOTES: 1. Measured at 1 MHz and applied reverse voltage of 4.0 VDC 2. Thermal resistance from junction to ambient and from junction to lead length 0.375"(9.5mm) P.C.B. mounted
STAD-FEB.23.2007
PAGE . 1
PS150~PS1510
RATING AND CHARACTERISTIC CURVES
AVERAGEFORWARDRECITIFIED CURRENTAMPERES
2.0
PEAK FORWARD SURGE CURRENT, AMPERES
2.5
50
40
1.5
1.0
30
20
0.5
0
10
0
20
40
60
80
100
120
O
140
160
0
1
2
4
6
8 10
20
40
60 8 0 10 0
AMBIENT TEMPERAURE, C
NO. OF CYCLE AT 60HZ
Fig.1- FORWARD CURRENT DERATING CURVE
Fig.2- MAXIMUM OVERLOAD SURGE CURRENT
10
100
INSTANTANEOUS FORWARD CURRENT AMPERES
CAPACITANCE, pF
T = 25 O C J
1.0
10
TJ = 25 C
0.1
O
1
0 .01 .2
1
.4 .6 .8 1.0 1.2 1.4 1.6
1.8
10
1 00
REVERSE VOLTAGE, VOLTS
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Fig.3- TYPICAL FORWARD CHARACTERISTIC
Fig.4- TYPICAL JUNCTION CAPACITANCE
LEGAL STATEMENT
Copyright PanJit International, Inc 2007
The information presented in this document is believed to be accurate and reliable. The specifications and information herein are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose. Pan Jit products are not authorized for use in life support devices or systems. Pan Jit does not convey any license under its patent rights or rights of others.
STAD-FEB.23.2007
PAGE . 2


▲Up To Search▲   

 
Price & Availability of PS15007

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X