Part Number Hot Search : 
1N5258 SL1710 120CRP EA40QC10 68HC908A WM8944B STN4346 5KP24A
Product Description
Full Text Search
 

To Download PJSR0506 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PJSR05
Low Capacitance TVS and Diode Array
This diode array is configured to protect up to two data transmission lines acting as a line terminator, minimizing overshoot and undershoot conditions due to bus impedance as well as protect against over-voltage events as electrostatic discharges. Additionaly the TVS Device offers overvoltage transient protection between the operating voltage bus and ground plane.
3 4
2
SPECIFICATION FEATURES
Peak Power Dissipation of 350W 8/20s Maximum Capacitance of 5.0pF at 0Vdc 1MHz Line-to-Ground Maximum Leakage Current of 1A @ VRWM Industry Standard SMT Package SOT143 IEC61000-4-2, IEC61000-4-4 and IEC61000-4-5 Full Compliance 100% Tin Matte finish (LEAD-FREE PRODUCT)
VREF 4 I/O2 3
1
2
I/O1
1
GND
APPLICATIONS
USB 2.0 and Firewire Port Protection LAN/WLAN Access Point terminals Video Signal line protection I 2C Bus Protection
SOT143
Marking Code: SL3
SL3
MAXIMUM RATINGS Tj = 25C Unless otherwise noted
Rating Peak Pulse Power (8/20s Waveform) Peak Pulse Current (8/20s Waveform) Operating Junction Temperature Range Storage Temperature Range Soldering Temperature, t max = 10s Symbol P PPM I PP TJ Tstg TL Value 350 17.5 -55 to +125 -55 to +150 260 Units W A C C C
3/24/2006
Page 1
www.panjit.com
PJSR05
ELECTRICAL CHARACTERISTICS
Parameter Reverse Stand-Off Voltage Reverse Breakdown Voltage Reverse Leakage Current Clamping Voltage (8/20s) Clamping Voltage (8/20s) Clamping Voltage (8/20s) Off State Junction Capacitance Symbol VWRM VBR IR Vc Vc Vc Cj I BR = 1mA VR = 5V I pp = 1A I pp = 10A I pp = 17.5A
0 Vdc Bias f = 1MHz Between I/O pins and GND 0 Vdc Bias f = 1MHz Between I/O pins
Tj = 25C unless otherwise noted
Conditions Min Typical Max 5 6.2 1 9.5 12 20 5 3 Units V V A V V V pF pF
TYPICAL CHARACTERISTIC CURVES
Surge Pulse Waveform Definition
Pulse Waveform 110 100 90 80 70 60 50 40 30 20 10 0 0
Non-Repetitive Peak Pulse Power vs Pulse Time 1000 Peak Pulse Power - Ppp (W) 100 10 1 0.1 0.01 1 10 100 1000 Pulse Duration, sec
Percent of Ipp
50% of Ipp @ 20s
Rise time 10-90% - 8s
5
10
15 tim e, sec
20
25
30
Clamping Voltage vs Ipp 8/20s Surge 25 20 Ipp, Amps 15 10 5 0 6 7 8 9 10 11 12 13 14 15 Clamping Voltage, V
C, pF
Off-State Capacitance Line to GND 4 3.5 3 2.5 2 1.5 1 0.5 0 0 1 2 3 4 5
Bias Voltage, Vdc
3/24/2006
Page 2
www.panjit.com
PJSR05
PACKAGE DIMENSIONS - SOT143
(c) Copyright PanJit International, Inc 2006
The information presented in this document is believed to be accurate and reliable. The specifications and information herein are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose. Pan Jit products are not authorized for use in life support devices or systems. Pan Jit does not convey any license under its patent rights or rights of others.
3/24/2006
Page 3
www.panjit.com


▲Up To Search▲   

 
Price & Availability of PJSR0506

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X