Part Number Hot Search : 
MP7686KN ENN8055 SBR10 STF16A60 SSM3K15 00BZXI P4SMA36A 2SA1634
Product Description
Full Text Search
 

To Download PJSOT0505 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PJSOT05, 05C SERIES SINGLE AND DUAL TVS FOR ESD / TRANSIENT PROTECTION
This Single and Dual Transient Protector has been designed to protect Sensitive Equipment against ESD and prevent Latch-Up events. The single unidirectional and the dual used as bi-directional devices protect up to two data lines in a single package giving the advantage of board space savings where this is a premium.
3 1
PRELIMINARY
SPECIFICATION FEATURES
2
Working Peak Reverse Voltage Range - 5 to 24V Maximum Leakage Current of 5A IEC61000-4-2 Compliance 15kV Air, 8kV Contact Discharge Industry Standard SOT23 Package
2
1
Unidirectional
3 2 1
APPLICATIONS
Data Transmission Line Ports Computer Monitor Interface Port Protection Portable Consumer Electronics Instrumentation Equipment
Bi-directional
3
SOT23
MAXIMUM RATINGS
Rating Peak Pulse Power ESD Voltage (HBM) Operating Temperature Range Storage Temperature Range Lead Soldering Temperature (max 10 secs) 8/20s Waveform Symbol Pppm V ESD TJ Tstg TL Value 500 >25 -55 to +150 -55 to +150 260 Units W kV C C C
ELECTRICAL CHARACTERISTICS Tj = 25C
PJSOT05, PJSOT05C (Bi-directional)
Parameter Reverse Stand-Off Voltage Reverse Breakdown Voltage Reverse Leakage Current Clamping Voltage (820s) Maximum Peak Pulse Current Off State Capacitance (Unidirectional) Off State Capacitance (Bi-directional) Symbol V WRM VBR IR Vc I pp Cj Cj I BR = 1mA VR = 5V I pp = 20A 8/20 s Waveform
0 Vdc Bias f = 1MHz 0 Vdc Bias f = 1MHz between pin 1 and 2
Conditions
Min
Typical
Max 5
Units V V
6 5 10 30 550 220
A V A pF pF
5/10/2005
Page
1
www.panjit.com
PJSOT05, 05C SERIES
ELECTRICAL CHARACTERISTICS Tj = 25C
PJSOT12, PJSOT12C (Bi-directional)
Parameter Reverse Stand-Off Voltage Reverse Breakdown Voltage Reverse Leakage Current Clamping Voltage (820s) Maximum Peak Pulse Current Off State Capacitance (Unidirectional) Off State Capacitance (Bi-directional) Symbol VWRM VBR IR Vc I pp Cj Cj I BR = 1mA VR = 12V I pp = 20A 8/20 s Waveform
0 Vdc Bias f = 1MHz 0 Vdc Bias f = 1MHz between pin 1 and 2
Conditions
Min
Typical
Max 12
Units V V
PRELIMINARY
13.3 5 25 24 200 100
A V A pF pF
PJSOT15, PJSOT15C (Bi-directional)
Parameter Reverse Stand-Off Voltage Reverse Breakdown Voltage Reverse Leakage Current Clamping Voltage (8/20s) Maximum Peak Pulse Current Off State Capacitance (Unidirectional) Off State Capacitance (Bi-directional) Symbol VWRM VBR IR Vc I pp Cj Cj I BR = 1mA VR = 15V I pp = 20A 8/20 s Waveform
0 Vdc Bias f = 1MHz 0 Vdc Bias f = 1MHz between pin 1 and 2
Conditions
Min
Typical
Max 15
Units V V
16.7 5 30 20 170 85
A V A pF pF
PJSOT24, PJSOT24C (Bi-directional)
Parameter Reverse Stand-Off Voltage Reverse Breakdown Voltage Reverse Leakage Current Clamping Voltage (8/20s) Maximum Peak Pulse Current Off State Capacitance (Unidirectional) Off State Capacitance (Bi-directional) Symbol VWRM VBR IR Vc I pp Cj Cj I BR = 1mA VR = 24V I pp = 15A 8/20 s Waveform
0 Vdc Bias f = 1MHz 0 Vdc Bias f = 1MHz between pin 1 and 2
Conditions
Min
Typical
Max 24
Units V V
26.7 5 45 18 150 75
A V A pF pF
5/10/2005
Page 2
www.panjit.com
PJSOT05, 05C SERIES
PACKAGE LAYOUT DIMENSIONS AND PAD LAYOUT
PRELIMINARY
5/10/2005 Page 3
www.panjit.com


▲Up To Search▲   

 
Price & Availability of PJSOT0505

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X