Part Number Hot Search : 
321J1U TLWR9900 WS4601E 17FBD1 0150C 40004 62201 TM50D
Product Description
Full Text Search
 

To Download PJSMSO5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PJSMS05
PRELIMINARY
QUAD TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
This Quad TVS/Zener Array has been designed to Protect Sensitive Equipment against Electrostatic Discharge and preventing Latch-Up events, as well to offer a Minimum Insertion Loss in Data Transmission Lines in Communications Ports used in Portable Consumer, Computing and Networking Applications operating at 5Vdc. The integration of 4 TVS in a single package gives ESD and Transient Protection to four data lines, offering a substantial board space reduction.
SPECIFICATION FEATURES
* Maximum Capacitance @ 0Vdc of 200pF * IEC 61000-4-2 ESD 15kV air, 8kV contact Compliance * IEC 61000-4-5 Lightning 24 Amps peak, 8x20sec Waveform * Industry Standard SMT Package SOT23-6 Lead
TVS\ZENER
* Improved Low Leakage Current, Maximum of 5A @ 5Vdc
6
5
4
APPLICATIONS
* SIM Card Port (Mobile Phones) * Personal Digital Assistant (PDA's) * Serial or Parallel Ports in PC's (RS-485, Centronics, RS232C, etc) * Portable Instrumentation * Microprocessor Interface Ports
1 23 SOT23-6L
MAXIMUM RATINGS
Rating Peak Pulse Power (8x20sec Waveform) Peak Pulse Current 8x20sec ESD Voltage (HBM) Operating Temperature Range Storage Temperature Range Symbol P pk Ipp Vesd TL Tstg Value 350 24 >25 -55 to +125 -55 to +150 Units W A kV
O
C C
O
ELECTRICAL CHARACTERISTICS
Parameter Reverse Stand-Off Voltage Reverse Breakdown Voltage Reverse Leakage Current Clamping Voltage Clamping Voltage Off-State Junction Capacitance Symbol VWRM VBR IR Vc Vc Cj IBR = 1mA VRWM = 5V TA = 25OC Ipp = 5A 8 x 20 sec Ipp = 24A 8 x 20 sec Vdc = 0V, f = 1MHz Between I/O Pins and Gnd (Pin 2 or 5) Vdc = 5V, f = 1MHz Between I/O Pins and Gnd (Pin 2 or 5) 6 5 9.5 13 200 Conditions Min. Typical Max. 5 Units Volts Volts A Volts Volts pF
Off-State Junction Capacitance
Cj
110
pF
DATE : DEC.16.2002
PAGE 1
PJSMS05
PJSMS05
8x20 m sec Peak Current, Amps
Capacitance, pF
PRELIMINARY
RATING AND CHARACTERISTIC CURVES
26 24 22 20
110 100 90 80
Percent of Ipp
16 14 12 10 8 6 4 2 0 6 8 10 12 14 16 TA = 25 C
O
70 60 50 40 30 20 10 0 0 Rise time 10-90% - 8 m s
50% of Ipp @ 20 m s
5
10
15
20
25
30
Clamping Voltage, Volts Typical Clamping Voltage vs Ipk 8x20msec
time, m sec Pulse Waveform
220 200 180 160 140 120 100 80 0
1
2
3
4
5
Vdc, Volts Off-State Capacitance vs Biasing Voltage
DATE : DEC.16.2002
PAGE 2
PJSMS05
18
TVS\ZENER
PJSMS05
Input/Output Input/Output
Connector Connector
Interface
PJSMS05 PJSMS05
I/O Data Line 3 I/O Data Line 4
Communication Interface Communication
Circuitry Circuitry
PRELIMINARY
TYPICAL APPLICATION CONFIGURATION
System or Equipment I/O Data Line 1 I/O Data Line 2
DATE : DEC.16.2002
PAGE 3
PJSMS05
TVS\ZENER


▲Up To Search▲   

 
Price & Availability of PJSMSO5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X