Part Number Hot Search : 
S1233 BLF202 PT8406 74HCT13 UF2JA BLF20 70PFT 00M16
Product Description
Full Text Search
 

To Download PJQMS05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PJQMS05 SERIES
QUAD TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
This Quad TVS/Zener Array family have been designed to Protect Sensitive Equipment against ESD and to prevent Latch-Up events in CMOS circuitry operating at 5V, 12V, 15V and 24V. This TVS array offers an integrated solution to protect up to 4 data lines where the board space is a premium.
7
SPECIFICATION FEATURES
350W Power Dissipation (8x20sec Waveform) Low Leakage Current, Maximum of 5A at rated voltage Very Low Clamping Voltage IEC61000-4-2 ESD 20kV air, 15kV Contact Compliance New SMT package QFN 2mm x 2mm (Height 0.75mm) Compatible with the SOT363 footprint.
4 5 6
3 2 1
7
7
4 5
APPLICATIONS
Personal Digital Assistant (PDA) SIM Card Port Protection (Mobile Phone) Portable Instrumentation Mobile Phones and Accessories Memory Card Port Protection
6 3 2 1
QFN 2X2 Bottom View
MAXIMUM RATINGS (Per Device)
Rating Peak Pulse Power (8x20sec Waveform) ESD Voltage (HBM) Operating Temperature Range Storage Temperature Range Symbol P pp V ESD TJ Tstg Value 350 >25 -50 to +125 -50 to +150 Units W kV C C
ELECTRICAL CHARACTERISTICS (Per Device) Tj = 25C
PJQMS05
Parameter Reverse Stand-Off Voltage Reverse Breakdown Voltage Reverse Leakage Current Clamping Voltage (8x20sec) Clamping Voltage (8x20sec) Off State Junction Capacitance Off State Junction Capacitance Symbol VWRM VBR IR Vcl Vcl Cj Cj I BR = 1mA VR = 5V I pp = 5A I pp = 24A
0 Vdc Bias f = 1MHz Between I/O pins and pin 7 5 Vdc Bias f = 1MHz Between I/O pins and pin 7
Conditions
Min
Typical
Max 5
Units V V
6 5 9.8 13 225 125
A V V pF pF
4/19/2005
Page
1
www.panjit.com
PJQMS05 SERIES
ELECTRICAL CHARACTERISTICS (Per Device) Tj = 25C
PJQMS12
Parameter Reverse Stand-Off Voltage Reverse Breakdown Voltage Reverse Leakage Current Clamping Voltage (8x20sec) Clamping Voltage (8x20sec) Off State Junction Capacitance Symbol VWRM VBR IR Vcl Vcl Cj I BR = 1mA VR = 12V I pp = 5A I pp = 15A
0 Vdc Bias f = 1MHz Between I/O pins and pin 7
Conditions
Min
Typical
Max 12
Units V V
13.3 1 20 25 100
A V V pF
PJQMS15
Parameter Reverse Stand-Off Voltage Reverse Breakdown Voltage Reverse Leakage Current Clamping Voltage (8x20sec) Clamping Voltage (8x20sec) Off State Junction Capacitance Symbol VWRM VBR IR Vcl Vcl Cj I BR = 1mA VR = 15V I pp = 5A I pp = 12A
0 Vdc Bias f = 1MHz Between I/O pins and pin 7
Conditions
Min
Typical
Max 15
Units V V
16.7 1 24 29 80
A V V pF
PJQMS24
Parameter Reverse Stand-Off Voltage Reverse Breakdown Voltage Reverse Leakage Current Clamping Voltage (8x20sec) Clamping Voltage (8x20sec) Off State Junction Capacitance Symbol VWRM VBR IR Vcl Vcl Cj I BR = 1mA VR = 24V I pp = 5A I pp = 8A
0 Vdc Bias f = 1MHz Between I/O pins and pin 7
Conditions
Min
Typical
Max 24
Units V V
26.7 1 40 44 60
A V V pF
4/19/2005
Page 2
www.panjit.com
PJQMS05 SERIES
TYPICAL CHARACTERISTICS
TJ = 25C unless otherwise noted
Surge Pulse Waveform Definition
N on-R epetitive Peak Pulse Power vs Pulse Time
Pulse Waveform
Peak Pulse Power - Ppp (W)
110 100 90 80 70 60 50 40 30 20 10 0 0
1000 100 10 1 0.1 0.01 1 10 100 1000 Pulse D uration, sec
Percent of Ipp
50% of Ipp @ 20s
Rise time 10-90% - 8s
5
10
15 tim e, sec
20
25
30
Clamping Voltage vs. Peak current 45 40 35 30 25 20 15 10 5 0 0 5
Off-State Capacitance per Device - 1MHz 200 180 160 140 120 100 80 60 40 20 0 0
Clamping voltage, V
PJS 24 MS PJQMS24
PJQMS05 PJSMS05
PJS 15 MS PJQMS15 PJS 12 MS PJQMS12
PJQMS05 PJS 05 MS
Capacitance, pF
PJQMS12 PJSMS1 2
PJQMS15 PJSMS1 5
PJQMS24 PJSMS24
10
15
20
25
30
1
2
3
4
5
Ipp, A (8/20sec)
Bias, Vdc
4/19/2005
Page 3
www.panjit.com
PJSMS05 SERIES
TYPICAL APPLICATION EXAMPLE AND PACKAGE DIMENSIONS (in mm)
4
7
7
5 6 3
4
5
3
2
1
2
SUGGESTED PAD LAYOUT
6
1
7
I/O Data Line 1 I/O Data Line 2 I/O Data Line 3 I/O Data Line 4
Note: pin 2 and pin 7 could be fused with the pin 7 in order to make ground connection to these pins.
0.35 0.05 mm
2.0 0.05mm
0.25 0.05mm
0.65mm
0.8 0.05 mm
0.75 0.025 mm
0.203 0.025 mm
4/19/2005
Page 4
www.panjit.com
1.550mm Ref.
1.4 0.05mm
2.0 0.05 mm


▲Up To Search▲   

 
Price & Availability of PJQMS05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X