Part Number Hot Search : 
1SMB58 2SC147 00022 BCM5693 0100C SK343 FQD4N20L 0100C
Product Description
Full Text Search
 

To Download PJESD6V8LCQ5G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PJESD5V6LCQ5G Series
5-TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
This 5-TVS array has been designed to Protect Sensitive Equipment against ESD and to prevent Latch-Up events in CMOS circuitry, operating at 3.3V and 5V Systems. This TVS array offers an integrated solution to protect up to 5 data lines where the board space is a premium.
6 5 4
SPECIFICATION FEATURES
15W Power Dissipation (8/20s Waveform) Low Leakage Current, Maximum of 0.5A @ V WRM Very low Off-State Capacitance, Maximum of 10pF at 1MHz 0Vdc IEC61000-4-2 ESD 20kV air, 15kV Contact Compliance 100% Tin plated finish (LEAD FREE) RoHS Compliant New SMT package QFN 1.6mm x 1.6mm; Max Height of 0.75mm Same Footprint compared to the SOT563
1 2 3 6 5 4
1
2
3
APPLICATIONS
Personal Digital Assistant (PDA) MP3 Players Portable Global positioning Systems Port Mobile Phones and Accessories Memory Card Port Protection
1 3
2
QFN 2X2
6 5 4
QFN 1.6x1.6 sq mm Package
MAXIMUM RATINGS (Per Device)
Rating Peak Pulse Power (8/20s Waveform) ESD Voltage (HBM) Operating Temperature Range Storage Temperature Range Symbol P pp V ESD TJ Tstg Value 15 >25 -55 to +150 -55 to +150 Units W kV C V
ELECTRICAL CHARACTERISTICS (Per Device) Tj = 25C
PJESD5V6LCQ5G
Parameter Reverse Stand-Off Voltage Reverse Breakdown Voltage Reverse Leakage Current Clamping Voltage (8/20s) Clamping Voltage (8/20s) Off State Junction Capacitance Off State Junction Capacitance Symbol VWRM VBR IR Vc Vc Cj Cj I BR = 1mA VR = 3.3V I pp = 1 A I pp = 2 A
0 Vdc Bias f = 1MHz Between I/O pins and pin 2 3.3 Vdc Bias f = 1MHz Between I/O pins and pin 2
Conditions
Min
Typical
Max 3.3
Units V V A V V pF pF
5.3
5.6
5.88 0.5 7.0 8.0
9.6 6.2
10 8
10/5/2006
Page
1
www.panjit.com
PJESD5V6LCQ5G Series
ELECTRICAL CHARACTERISTICS (Per Device) Tj = 25C
PJESD6V8LCQ5G
Parameter Reverse Stand-Off Voltage Reverse Breakdown Voltage Reverse Leakage Current Clamping Voltage (8/20s) Clamping Voltage (8/20s) Off State Junction Capacitance Off State Junction Capacitance Symbol VWRM VBR IR Vc Vc Cj Cj I BR = 1mA VR = 5.0V I pp = 1 A I pp = 2 A
0 Vdc Bias f = 1MHz Between I/O pins and pin 2 5 Vdc Bias f = 1MHz Between I/O pins and pin 2
Conditions
Min
Typical
Max 5.0
Units V V A V V pF pF
6.2
6.8
7.2 0.5 9 10
9.1 5.0
10 6
TYPICAL CHARACTERISTICS
25C unless otherwise noted
Surge Pulse Waveform Definition
Pulse Waveform 110 100 90 80 70 60 50 40 30 20 10 0 0
Clamping Voltage vs. Peak current 10
Percent of Ipp
50% of Ipp @ 20s
Clamping voltage, V
9
6V8
8 7 6
5V6
Rise time 10-90% - 8s
5
10
15 time, sec
20
25
30
1
1.2
1.4
1.6
1.8
2
Ipp, A (8/20sec)
Off-State junction Capacitance
0.1000
Typical Leakage Current vs Temperature
12 10 Capacitance, pF
Current, A
8 6 4 2 0 0 1 2
6V8
5V6
0.0100 5V
0.0010 3V
0.0001
3
4
5
25
50
75 Temp,C
100
125
150
Bias Voltage, Vdc
10/5/2006
Page 2
www.panjit.com
PJESD5V6LCQ5G Series
TYPICAL APPLICATION EXAMPLE
I/O Data lines
Ground (Pin 2)
Marking Code Information
Device Marking Code PJESD5V6LCQ5G QE PJESD6V8LCQ5G QG
10/5/2006
Page 3
www.panjit.com
PJESD5V6LCQ5G Series
PACKAGE DIMENSIONS AND SUGGESTED BOND PAD LAYOUT TOP VIEW
1.60 0.05 mm
BOTTOM VIEW
0.50 0.05 mm 0.20 0.05 mm
1.60 0.05 mm
QE
0.20 0.05 mm 1.1 0.05 mm 0.6 0.05 mm
SIDE VIEW
0.203 0.05 mm 0.75 0.05 mm
PREFERRED
0.25 0.05 mm
ALTERNATE
0.25 0.05 mm
0.40 0.05 mm
0.40 0.05 mm
0.90 0.05 mm 0.55 mm 1.0 0.05 mm 0.50 0.05 mm 1.00 0.05 mm
0.50 0.05 mm
(c) Copyright PanJit International, Inc 2006
The information presented in this document is believed to be accurate and reliable. The specifications and information herein are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose. Pan Jit products are not authorized for use in life support devices or systems. Pan Jit does not convey any license under its patent rights or rights of others.
10/5/2006
Page 4
www.panjit.com


▲Up To Search▲   

 
Price & Availability of PJESD6V8LCQ5G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X