Part Number Hot Search : 
SIB912DK AO3438 JANTX 7133H 1212E C6802 DM8203E WKO332
Product Description
Full Text Search
 

To Download PJBZ5223Q Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PJBZ5200Q SERIES
500mW ZENERS IN QFN 1.2x1.5 mm PACKAGE
This new PANJIT Zener family comes in a very small package that only uses 1.8 sq mm PCB area. With a maximum power dissipation rating of 500mW, the PJBZ5200Q Series is an industry first. It's superior power-footprint ratio of 278mW per sq mm, makes it ideal for applications where board space is a premium.
PRELIMINARY
SPECIFICATION FEATURES
Working Peak Reverse Voltage Range - 2.4V to 39V 5% Tolerance (2% Optional) 500mW at minimum pad mounting conditions, Room Temperature Low profile QFN1.2x1.5 sq mm Package Close Compatibility with the SC75 package layout
1 Cathode
1
Anode
APPLICATIONS
Camcorders, MP3 Players, Digital still cameras Handheld/Laptop Computers Portable Instrumentation Electronics
QFN 1.2x1.5 sq mm
1
2
Cathode
3
Dot indicates polarity
Anode
6
5
4
TOP VIEW
MAXIMUM RATINGS Tj = 25C
Rating Power dissipation, minimum pad mounting Thermal resistance Case to Ambient Operating Temperature Range Storage Temperature Range Lead Soldering Temperature (max 10 secs) Symbol Pd R th CA TJ Tstg TL Value 500 180 -55 to 125 -55 to 150 260 Units mW C/W C C C
6/9/2004
Page
1
www.panjit.com
PJBZ5200Q SERIES
ELECTRICAL CHARACTERISTICS Tj = 25C
PRELIMINARY
Nominal Zener Voltage
Max. Zener Impedance ZZT @ IZT ZZK @ IZK 1200 1250 1300 1400 1600 1600 1700 1900 2000 1900 1600 1600 1600 1000 750 500 500 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 700 700 800 mA 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
Part Number
Nom. V PJBZ5221Q PJBZ5222Q PJBZ5223Q PJBZ5224Q PJBZ5225Q PJBZ5226Q PJBZ5227Q PJBZ5228Q PJBZ5229Q PJBZ5230Q PJBZ5231Q PJBZ5232Q PJBZ5233Q PJBZ5234Q PJBZ5235Q PJBZ5236Q PJBZ5237Q PJBZ5238Q PJBZ5239Q PJBZ5240Q PJBZ5241Q PJBZ5242Q PJBZ5243Q PJBZ5244Q PJBZ5245Q PJBZ5246Q PJBZ5247Q PJBZ5248Q PJBZ5249Q PJBZ5250Q PJBZ5251Q PJBZ5252Q PJBZ5253Q PJBZ5254Q PJBZ5255Q PJBZ5256Q PJBZ5257Q PJBZ5258Q PJBZ5259Q 2.40 2.50 2.70 2.80 3.00 3.30 3.60 3.90 4.30 4.70 5.10 5.60 6.00 6.20 6.80 7.50 8.20 8.70 9.10 10.00 11.00 12.00 13.00 14.00 15.00 16.00 17.00 18.00 19.00 20.00 22.00 24.00 25.00 27.00 28.00 30.00 33.00 36.00 39.00
Max. Reverse Leakage Current IR @ VR A 100 100 75 75 50 25 15 10 5.0 5.0 5.0 5.0 5.0 5.0 3.0 3.0 3.0 3.0 3.0 3.0 2.0 1.0 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 V 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 2.0 3.0 3.5 4.0 5.0 6.0 6.5 6.5 7.0 8.0 8.4 9.1 9.9 10.0 11.0 12.0 13.0 14.0 14.0 15.0 17.0 18.0 19.0 21.0 21.0 23.0 25.0 27.0 30.0
VZ @ IZT Min. V 2.28 2.38 2.57 2.66 2.85 3.14 3.42 3.71 4.09 4.47 4.85 5.32 5.70 5.89 6.46 7.13 7.79 8.27 8.65 9.50 10.45 11.40 12.35 13.30 14.25 15.20 16.15 17.10 18.05 19.00 20.90 22.80 23.75 25.65 26.60 28.50 31.35 34.20 37.05 Max. V 2.52 2.63 2.84 2.94 3.15 3.47 3.78 4.10 4.52 4.94 5.36 5.88 6.30 6.51 7.14 7.88 8.61 9.14 9.56 10.50 11.55 12.60 13.65 14.70 15.75 16.80 17.85 18.90 19.95 21.00 23.10 25.20 26.25 28.35 29.40 31.50 34.65 37.80 40.95 30 30 30 30 29 28 24 23 22 19 17 11 7 7 5 6 8 8 10 17 22 30 13 15 16 17 19 21 23 25 29 33 35 41 44 49 58 70 80
mA 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 9.5 9.0 8.5 7.8 7.4 7.0 6.6 6.2 5.6 5.2 5.0 4.6 4.5 4.2 3.8 3.4 3.2
Marking Code
Package
500 mWatts Zener Diodes in the QFN 1.2x1.5 sq mm Height 0.75mm 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 QFN1.2x1.5 QFN1.2x1.5 QFN1.2x1.5 QFN1.2x1.5 QFN1.2x1.5 QFN1.2x1.5 QFN1.2x1.5 QFN1.2x1.5 QFN1.2x1.5 QFN1.2x1.5 QFN1.2x1.5 QFN1.2x1.5 QFN1.2x1.5 QFN1.2x1.5 QFN1.2x1.5 QFN1.2x1.5 QFN1.2x1.5 QFN1.2x1.5 QFN1.2x1.5 QFN1.2x1.5 QFN1.2x1.5 QFN1.2x1.5 QFN1.2x1.5 QFN1.2x1.5 QFN1.2x1.5 QFN1.2x1.5 QFN1.2x1.5 QFN1.2x1.5 QFN1.2x1.5 QFN1.2x1.5 QFN1.2x1.5 QFN1.2x1.5 QFN1.2x1.5 QFN1.2x1.5 QFN1.2x1.5 QFN1.2x1.5 QFN1.2x1.5 QFN1.2x1.5 QFN1.2x1.5
6/9/2004
Page 2
www.panjit.com
PJBZ5200Q SERIES
PACKAGE LAYOUT AND SUGGESTED PAD DIMENSIONS
0.300.05 mm 1.50.05 mm
PRELIMINARY
0.2mm 0.55 mm
0.60.05 mm
1.20.05 mm 0.200.05 mm
0.350.05 mm
0.5 mm
22.04 mm
0.750.025 mm
0.20.025 mm
0.45 mm
0.75 mm
0.30 mm
0.5mm
0.5mm
6/15/2004
Page 3
www.panjit.com


▲Up To Search▲   

 
Price & Availability of PJBZ5223Q

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X