Part Number Hot Search : 
MAX8743 2SC2841 AF4928N SMCJ16 5ETTT SP4491EU MOB81DH M6008
Product Description
Full Text Search
 

To Download PJ12N03D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PJ12N03D
25V N-Channel Enhancement Mode MOSFET
TO-252
FEATURES
* RDS(ON), VGS@10V,IDS@30A=12m * RDS(ON), VGS@4.5V,IDS@30A=22m * Advanced Trench Process Technology * High Density Cell Design For Ultra Low On-Resistance * Specially Designed for DC/DC Converters and Motor Drivers * Fully Characterized Avalanche Voltage and Current * Pb free product : 99% Sn above can meet RoHS environment substance directive request
MECHANICALDATA
* Case: TO-252 Molded Plastic * Terminals : Solderable per MIL-STD-750D,Method 1036.3 * Marking : 12N03D
Drain
Gate
Source
Maximum RATINGS and Thermal Characteristics (TA=25OC unless otherwise noted )
PA RA M E TE R D r a i n- S o ur c e Vo l t a g e G a t e - S o ur c e Vo l t a g e C o nt i nuo us D r a i n C ur r e nt P ul s e d D r a i n C ur r e nt
1)
S ym b o l V DS V GS ID ID M T A = 2 5 OC T A = 7 5 OC PD T J , T S TG E AS RJC RJA
Li mi t 25 +20 30 200 40 23 -5 5 to + 1 5 0 130 3 .2 50
U ni t s V V A A W
O
M a xi m um P o w e r D i s s i p a t i o n O p e r a t i n g J u n c t i o n a n d S t o r a g e Te m p e r a t u r e R a n g e Avalanche Energy with Single Pulse ID=23A, VDD=25V, L=0.5mH Junction-to-Case Thermal Resistance Junction-to Ambient Thermal Resistance(PCB mounted)2
C
mJ
O
C /W C /W
O
Note: 1. Maximum DC current limited by the package 2. Surface mounted on FR4 board, t < 10 sec PAN JIT RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,FUNCTIONS AND RELIABILITY WITHOUT NOTICE
STAD-JUN.19.2006
PAGE . 1
PJ12N03D
ELECTRICALCHARACTERISTICS
P a ra me te r S ta ti c D r a i n- S o ur c e B r e a k d o w n Vo l t a g e G a t e Thr e s ho l d Vo l t a g e D r a i n- S o ur c e O n- S t a t e R e s i s t a nc e D r a i n- S o ur c e O n- S t a t e R e s i s t a nc e Ze r o G a t e Vo l t a g e D r a i n C ur r e nt Gate Body Leakage Forward Transconductance D ynami c V D S = 1 5 V , ID = 1 5 A , V G S = 5 V To t a l G a t e C h a r g e Qg G a t e - S o ur c e C ha r g e G a t e - D r a i n C ha r g e Tu r n - O n D e l a y Ti m e Tu r n - O n R i s e Ti m e Tu r n - O f f D e l a y Ti m e Tu r n - O f f F a l l Ti m e In p u t C a p a c i t a n c e O ut p ut C a p a c i t a nc e R e v e r s e Tr a n s f e r C a p a c i t a n c e S o ur c e - D r a i n D i o d e M a x. D i o d e F o r w a r d C ur r e nt D i o d e F o rwa rd Vo lta g e Is V SD IS = 3 0 A , V G S = 0 V 0 .9 5 30 1 .2 A V Qgs Qgd T d ( o n) t rr t d (o ff) tf C iss C oss C rss V D S = 1 5 V , V GS = 0 V f=1 .0 MHZ VDD=15V , RL=15 ID=1A , VGEN=10V RG=3.6 V D S = 1 5 V , ID = 1 5 A V GS = 1 0 V 2 6 .5 3 .2 4 .5 12.0 10 32 6 .5 1450 260 150 nC 14 12.5 ns 3 7 .5 8 pF 1 4 .0 B V DSS V G S ( t h) R D S ( o n) R D S ( o n) ID S S IG S S g fS V G S = 0 V , ID = 2 5 0 u A V D S = V G S , ID = 2 5 0 u A VGS=4.5V, ID=30A VGS=10V, ID=30A VDS=25V, VGS=0V V GS = + 2 0 V , V D S = 0 V V D S = 1 0 V , ID = 1 5 A 25 1 25 1 7 .0 9.1 3 2 2 .0 m 12.0 1 +100 uA nA S V V S ym b o l Te s t C o n d i t i o n M i n. Ty p . M a x. U ni t s
Switching Test Circuit
VIN
VDD RL VOUT
Gate Charge Test Circuit
VGS
VDD RL
RG
1mA
RG
STAD-JUN.19.2006
PAGE . 2
PJ12N03D
Typical Characteristics Curves (TA=25OC,unless otherwise noted)
ID - Drain-to-Source Current (A)
I D - Drain Source Current (A)
40
V GS =4.0V, 4.5V, 5.0V, 6.0V, 10.0V
40
V DS=10V
30
30
3.5V
20
20
3.0V 2.5V
T J=25 OC
10
10
T J=125 OC
T J=-55 OC
2.5 3 3.5 4 4.5
0 0 1 2 3 4 5
0 1.5 2
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
Fig. 1-TYPICAL FORWARD CHARACTERISTIC FIG.1- Output Characteristic
FIG.2- Transfer Characteristic
70
35
R DS(ON) - On-Resistance (m W )
R DS(ON) - On-Resistance (m W )
ID =30A
60 50 40 30 20 10 0
30 25 20 15 10 5 0
V GS=4.5V V GS=10V
T J=125 OC
T J=25 OC
2 4 6 8 10
0
10
20
30
40
ID - Drain Current (A)
VGS - Gate-to-Source Voltage (V)
FIG.3- On Resistance vs Drain Current
1.8 1.6 1.4 1.2 1 0.8 0.6 -50 -25 0 25 50 75 100 125 150
o
FIG.4- On Resistance vs Gate to Source Voltage
RDS(ON) - On-Resistance(Normalized)
C - Capacitance (pF)
V GS=10V I D=30A
2000 1750 Ciss 1500 1250 1000 750 500 250 Crss 0 0 5 10 15 Coss
V GS=0V f=1MH Z
20
25
T J - Junction Temperature ( C)
VDS - Drain-to-Source Voltage (V)
FIG.5- On Resistance vs Junction Temperature
FIG.6- Capacitance
STAD-JUN.19.2006
PAGE . 3
PJ12N03D
VGS - Gate-to-Source Voltage (V)
10 8 6 4 2 0 0 5 10 15 20 25 30
Vgs
Qg
V DS =15V I D =15A
Vgs(th)
Qg(th)
Qsw
Qgs
Qgd
Qg
Qg - Gate Charge (nC)
Fig.7 - Gate Charge Waveform
Vth - G-S Threshold Voltage (NORMALIZED)
Fig.8 - Gate Charge
33 32 31 30 29 28 27 -50
I D =250uA
BVDSS - Breakdown Voltage (V)
1.2 1.1 1 0.9 0.8 0.7 -50
I D =250uA
-25
0
25
50
75
100
o
125
150
-25
0
25
50
75
100
o
125
150
TJ - Junction Temperature ( C)
TJ - Junction Temperature ( C)
Fig.9 - Threshold Voltage vs Temperature
Fig.10 - Breakdown Voltage vs Junction Temperature
100
IS - Source Current (A)
V GS =0V
10
T J =125 OC
1
T J =-55 OC
T J =25 OC
0.1 0.2 0.4 0.6 0.8 1 1.2 1.4
VSD - Source-to-Drain Voltage (V)
Fig.11 - Source-Drain Diode Forward Voltage
LEGAL STATEMENT
Copyright PanJit International, Inc 2006
The information presented in this document is believed to be accurate and reliable. The specifications and information herein are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose. Pan Jit products are not authorized for use in life support devices or systems. Pan Jit does not convey any license under its patent rights or rights of others.
STAD-JUN.19.2006
PAGE . 4


▲Up To Search▲   

 
Price & Availability of PJ12N03D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X