|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
PI3HDMI413-A 4-Differential Channel, 3:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch based on TMDS Signaling Standard Features * * * * * * * * * * * * * 4-Differential Channel 3:1 Mux/DeMux HDMI 1.1, 1.2, and 1.3 compatible Supports both AC coupled & DC coupled signals Max Data Rate: 4.0 Gbps Crosstalk: -30dB @ 1.65 Gbps Switching speed: 4ns Isolation: -40dB @ 1.65 Gbps ESD: Data bits @ 8kV contact (Typ) Near-Zero Prop Delay: 250ps max. Low bit-to-bit skew Enable/Disable Time: 9ns Bidirectional Packaging (Pb-free & Green): -- 64-pin TSSOP (A64) -- 80-pin BQSOP (B80) Description Pericom Semiconductor's PI3HDMI series of switch circuits are targeted for high-resolution video networks that are based on DVI/HDMI standards, and TMDS signal processing. The PI3HDMI413-A is a 12- to 4-Differential Channel Mux/DeMux Switch. The device multiplexes differential signals to one of three corresponding outputs. The switch is bidirectional and offers little or no attenuation of the high-speed signals at the outputs. It is designed for low bit-to-bit skew and high channel-to-channel noise isolation. The maximum DVI/HDMI data rate of 4.5Gbps provides the resolution required by the next generation HDTV and PC graphics. Because of its passive bidirectional feature, this switch can be used either at the video drivers side or at the receiver side. For PC graphics applications, the device sits at the drivers side to switch between multiple display units such as PC LCD monitor, projector, TV, etc. For consumer video applications, the device sits at the receiver end to switch between the source components such as DVD, D-VHS, STB, etc. Block Diagram 06-0243 1 PS8853A 08/24/06 PI3HDMI413-A 4-Differential Channel, 3:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch based on TMDS Signaling Standard Pin Description (A64) Pin Description (B80) 06-0243 2 PS8853A 08/24/06 PI3HDMI413-A 4-Differential Channel, 3:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch based on TMDS Signaling Standard Pin Description (A64) Pin # 2,8,13,15,16,18,21,26, 31,33,40,53,64 1,3,4,5,14,17,27,28,29, 30,32,34,35,54,63 6,7,19,20 9,10,11,12,22-25,3639,41-52,55-62 Pin Name VDD VSS Sx xBy & Ax Description + Power supply 3.30 - Power supply Select pin, see truth table Differential data signals Pin Description (B80) Pin # Pin Name Description 1,7,13,16,20,21,27,33, 36,40,41,50,60,61,70,80 2,3,6,10,14,15,17,18,19, 22,23,26,30,34,35,37,38 ,39,42-45,51,62-65,71 4,5,24,25 8,9,11,12,28,29,31,32, 46-49, 52-59, 66-69, 72-79 VDD + Power supply 3.30 VSS Sx - Power supply Select pin, see truth table Differential data signals xBy & Ax Truth Table for X=[0,3] S2 0 0 1 1 S1 0 1 0 1 Function Ax = xB1 Ax = xB2 Ax = xB3 Ax = Hi-Z Truth Table for X=[4,7] S4 0 0 1 1 S3 0 1 0 1 Function Ax = xB1 Ax = xB2 Ax = xB3 Ax = Hi-Z Maximum Ratings (Above which useful life may be impaired. For user guidelines, not tested.) Storage Temperature ................................................... -65C to +150C Supply Voltage to VSS Potential......................................-0.5V to +2.5V DC Input Voltage .................................................................. VSS to VDD DC Output Current ...................................................................... 120mA Power Dissipation .......................................................................... 0.5W Note: Stresses greater than those listed under MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. DC Power Supply Characteristics Paramenter VDD VSS Description Positive Power Supply Negative Power Supply Min. 3.0 1.5 Max. 3.6 1.6 Units V V 06-0243 3 PS8853A 08/24/06 PI3HDMI413-A 4-Differential Channel, 3:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch based on TMDS Signaling Standard DC Electrical Characteristics for Switching over Operating Range (TA = -40C to +85C) Paramenter VIH VIL IIH IIL VIK (3) (3) Description Input HIGH Voltage Input LOW Voltage Input HIGH Current Input LOW Current Test Conditions(1) Min. 0.65(VDD-VSS)+VSS -0.5+VSS Typ.(2) Max. 0.35(VDD-VSS)+VSS Units V Guaranteed HIGH level Guaranteed LOW level VDD=Max., VIN=VDD VDD=Max., VIN=VSS Clamp Diode Voltage VDD=Max., IIN=-18mA -0.7+VSS -1.2+VSS 5 5 A Notes: 1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at TA = 25C ambient and maximum loading. 3. VIH + VIL are for SEL input only. Power Supply Characteristics Parameters ICC Description Quiescent Power Supply Current Test Conditions(1) VDD = Max., VIN = VDD or VSS Min. Typ.(2) 500 Max. 600 Units A Notes: 1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at TA = 25C ambient and maximum loading. Dynamic Electrical Characteristics Over the Operating Range (TA= -40 to +85C) Parameter(1) Description Crosstalk OFF Isolation -3dB bandwidth @ 1.65 Gbps 8-bits color/channel Insertion Loss @ 2.0 Gbps 10-bits color/channel @ 2.5 Gbps 12-bits color/channel @ 3.3 Gbps 16-bits color/channel Test Conditions See Fig. 1 for Measurement Setup, @ 1.65Gbps See Fig. 2 for Measurement Setup, @ 1.65 Gbps Min. XTALK OIRR -3dB BW Typ.(2) -30 Max. Units dB -40 2 -.90 -1.05 -1.35 -2.20 dB GHz Notes: 1. Guaranteed by design. 2. Typical values are at TA = 25C ambient and maximum loading. Switching Characteristics (TA= -40 to +85C, VSS=0V, VDD=1.8V 10%) Paramenter tPZH, tPZL tPHZ, tPLZ Description(1) Min. 0.5 0.5 Max. 8.0 4.0 Units nS Line Enable Time - SEL to AN, BN Line Disable Time - SEL to AN, BN Note: 1. For measurement setup, please see "Test Circuit For Electrical Characteristic" on page 6, and "Switching waveforms" on page 7 06-0243 4 PS8853A 08/24/06 PI3HDMI413-A 4-Differential Channel, 3:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch based on TMDS Signaling Standard Fig 1. Crosstalk Setup Fig 2. Off-isolation setup 06-0243 5 PS8853A 08/24/06 PI3HDMI413-A 4-Differential Channel, 3:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch based on TMDS Signaling Standard Fig 3. Crosstalk Fig 4. Off Isolation 06-0243 6 PS8853A 08/24/06 PI3HDMI413-A 4-Differential Channel, 3:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch based on TMDS Signaling Standard Fig 5. Bandwidth Plot 06-0243 7 PS8853A 08/24/06 PI3HDMI413-A 4-Differential Channel, 3:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch based on TMDS Signaling Standard Test Circuit for Electrical Characteristics(1) Notes: 1. CL = Load capacitance: includes jig and probe capacitance. 2. RT = Termination resistance: should be equal to ZOUT of the Pulse Generator 3. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control. Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control. 4. All input impulses are supplied by generators having the following characteristics: PRR MHz, ZO = 50, tR 2.5ns, tF 2.5ns. 5. The outputs are measured one at a time with one transition per measurement. Switch Positions Test tPLZ, tPZL (output on B-side) tPHZ, tPZH (output on B-side) Prop Delay Switch 2 x (VDD - VSS) VSS Open Test Circuit for Dynamic Electrical Characteristics 06-0243 8 PS8853A 08/24/06 PI3HDMI413-A 4-Differential Channel, 3:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch based on TMDS Signaling Standard Switching Waveforms Voltage Waveforms Enable and Disable Times 3.3V PI3HDMI413-A 3.3V Select Line 1.8k-ohm 1.5k-ohm Select Line 1.5V Example of a circuit that needs to be connected to the select lines of our device: 06-0243 9 PS8853A 08/24/06 PI3HDMI413-A 4-Differential Channel, 3:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch based on TMDS Signaling Standard Pericom Semiconductor Corporation 3545 N. 1st Street, San Jose, CA 95134 1-800-435-2335 * www.pericom.com Note: 1. Controlling dimensions in millimeters. 3. Package Outline Exclusive of Mold Flash and Metal Burr 3. Ref: JEDEC MO-154C/BC 06-0243 10 PS8853A 08/24/06 PI3HDMI413-A 4-Differential Channel, 3:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch based on TMDS Signaling Standard REVISION: B DATE: 03/09/05 Pericom Semiconductor Corporation 3545 N. 1st Street, San Jose, CA 95134 1-800-435-2335 * www.pericom.com Notes: 1. Maximum package length and width dimensions do not include mold flash protrusions or gate burrs, which shall not exceed 0.006 inch per side 2. Controlling dimensions in millimeters. 3. Ref: JEDEC MO-153F/EF 4. Package Outline Exclusive of Mold Flash and Metal Burr Ordering Information Ordering Code PI3HDMI413-AAE PI3HDMI413-ABE Package Code A B Package Description Pb-free & Green, 64-pin TSSOP Pb-free & Green, 80-pin BQSOP Notes: * Thermal characteristics can be found on the company web site at www.pericom.com/packaging/ * E = Pb-free & Green * Adding X suffix = Tape/Reel Pericom Semiconductor Corporation * 1-800-435-2336 * www.pericom.com 06-0243 11 PS8853A 08/24/06 |
Price & Availability of PI3HDMI413-ABE |