Part Number Hot Search : 
J170A FAN4272 N4002 MAX5013 DTA114 8W4A2A MS1206L3 1554JPL
Product Description
Full Text Search
 

To Download PG539107 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PG5391~PG5399
GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER VOLTAGE CURRENT 1.5 Amperes 50 to 1000 Volts
FEATURES
1.0(25.4)MIN.
DO-15
Unit: inch(mm)
* Plastic package has Underwriters Laboratories Flammability Classification 94V-O utilizing Flame Retardant Epoxy Molding Compound. * Exceeds environmental standards of MIL-S-19500/228 * Low leakage. * In compliance with EU RoHS 2002/95/EC directives
.034(.86) .028(.71)
.300(7.6)
MECHANICALDATA
* Case: Molded plastic, DO-15 * Terminals: Axial leads, solderable to MIL-STD-750, Method 2026 * Polarity: Color Band denotes cathode end * Mounting Position: Any * Weight: 0.015 ounce, 0.4 gram
.230(5.8)
.140(3.6)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified. Resistive or inductive load, 60Hz, Single phase, half wave, For capacitive load, derate current by 20%
PAR AME T E R M a xi m um R e c ur r e nt P e a k R e ve r s e V o l t a g e M a xi m um R M S V o l t a g e M a xi m um D C B l o c k i ng V o l t a g e M a xi m um A ve r a g e F o r w a r d C ur r e nt . 3 7 5 " ( 9 . 5 m m ) l e a d l e ng t h a t TA = 5 5 OC P e a k F o r w a r d S ur g e C ur r e nt : 8 . 3 m s s i ng l e ha l f s i ne w a ve s up e r i m p o s e d o n r a t e d l o a d ( J E D E C m e t ho d ) M a xi m um F o r w a r d V o l t a g e a t 1 . 5 A M a xi m um D C R e ve r s e C ur r e nt T J = 2 5 OC a t R a t e d D C B l o c k i ng V o l t a g e T J = 1 0 0 OC Ty p i c a l J u n c t i o n c a p a c i t a n c e ( N o t e 1 ) Ty p i c a l T h e r m a l R e s i s t a n c e ( N o t e 2 ) O p e r a t i n g J u n c t i o n a n d S t o r a g e Te m p e r a t u r e R a n g e
S YM B OL P G5 3 9 1 P G5 3 9 2 P G5 3 9 3 P G5 3 9 4 P G5 3 9 5 P G5 3 9 6 P G5 3 9 7 P G5 3 9 8 P G5 3 9 9 U N IT S V RRM V RMS V DC IF ( A V ) IF S M VF IR CJ R J A T J , T S TG 50 35 50 100 70 100 200 140 200 300 210 300 400 280 400 1 .5 50 1 .4 5 .0 500 25 45 - 5 5 TO + 1 5 0
O
1.0(25.4)MIN.
.104(2.6)
500 350 500
600 420 600
800 560 800
1000 700 1000
V V V A A V uA pF C/W
O
C
NOTES: 1. Measured at 1 MHz and applied reverse voltage of 4.0 VDC 2. Thermal resistance from junction to ambient and from junction to lead length 0.375"(9.5mm) P.C.B. mounted
STAD-FEB.23.2007
PAGE . 1
PG5391~PG5399
RATING AND CHARACTERISTIC CURVES
AVERAGEFORWARDRECITIFIED CURRENTAMPERES
2.0
1.5
PEAK FORWARD SURGE CURRENT, AMPERES
2.5
50
40
30
1.0
0.5
20
10
0
0
20
40
60
80
100
120
O
140
160
0
1
2
4
6
8 10
20
40
60 8 0 10 0
AMBIENT TEMPERAURE, C
NO. OF CYCLE AT 60HZ
Fig.1- FORWARD CURRENT DERATING CURVE
Fig.2- MAXIMUM OVERLOAD SURGE CURRENT
10
100
INSTANTANEOUS FORWARD CURRENT AMPERES
CAPACITANCE, pF
T = 25 O C J
1.0
10
TJ = 25OC
0.1
1
0 .01 .2
1
.4 .6 .8 1.0 1.2 1.4 1.6
1.8
10
1 00
REVERSE VOLTAGE, VOLTS
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Fig.3- TYPICAL FORWARD CHARACTERISTIC
Fig.4- TYPICAL JUNCTION CAPACITANCE
LEGAL STATEMENT
Copyright PanJit International, Inc 2007
The information presented in this document is believed to be accurate and reliable. The specifications and information herein are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose. Pan Jit products are not authorized for use in life support devices or systems. Pan Jit does not convey any license under its patent rights or rights of others.
STAD-FEB.23.2007
PAGE . 2


▲Up To Search▲   

 
Price & Availability of PG539107

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X