Part Number Hot Search : 
R1550C TDA817 P86CH Z5237 BOURNS MC30A TA7060 STF8211
Product Description
Full Text Search
 

To Download PG150R04 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
PG150R~PG1510R
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIERS VOLTAGE
FEATURES
1.0(25.4)MIN.
50 to 1000 Volts
CURRENT
1.5 Amperes
DO-15
Unit: inch(mm)
* Plastic package has Underwriters Laboratory Flammability Classification 94V-O utilizing Flame Retardant Epoxy Molding Compound. * Glass passivated junction * Exceeds environmental standards of MIL-S-19500/228 * Fast switching for high efficiency. * Pb free product are available : 99% Sn above can meet Rohs
.034(.86) .028(.71)
.300(7.6)
environment substance directive request
.230(5.8)
MECHANICALDATA
Case: Molded plastic, DO-15 Terminals: Axial leads, solderable to MIL-STD-202G,Method 208 Polarity: Color Band denotes cathode end Mounting Position: Any Weight: 0.015 ounce, 0.4 gram
1.0(25.4)MIN.
.140(3.6) .104(2.6)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified. Resistive or inductive load, 60Hz.
PARAMETER Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Current .375"(9.5mm) lead length at TA=55O C Peak Forward Surge Current : 8.3ms single half sine-wave superimposed on rated load(JEDEC method) Maximum Forward Voltage at 1.5A Maximum DC Reverse Current TA=25O C at Rated DC Blocking Voltage TA=100O C Maximum Reverse Recovery Time (Note 1) Typical Junction capacitance (Note 2) Typical Thermal Resistance (Note 3) Operating Junction and Storage Temperature Range SYMBOL PG150R PG151R PG152R PG154R PG156R PG158R PG1510R VRRM VRMS VDC IAV IFSM VF 50 35 50 100 70 100 200 140 200 400 280 400 1.5 50 1.3 5.0 150 150 35 45 -55 TO +150
O
UNITS V V V A A V
600 420 600
800 560 800
1000 700 1000
IR
uA
TRR CJ RJA TJ,TSTG
250
500
ns pF C/W
O
C
NOTES:1. Reverse Recovery Test Conditions: IF=.5A, I R=1A, Irr=.25A 2. Measured at 1 MHz and applied reverse voltage of 4.0 VDC 3. Thermal resistance from junction to ambient and from junction to lead length 0.375"(9.5mm) P.C.B. mounted
STAD-DEC.16.2004
PAGE . 1
RATING AND CHARACTERISTIC CURVES
10 1
AVERAGE FORWARD RECTIFIED CURRENT AMPERES
3.0
2.5
2.0
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD .375" (9.5mm) LEAD LENGTH
FORWARD CURRENT, AMPERES
10
0
10
-1
1.5
1.0
10
-2
0.5
0 0 50 100 150
10
-3
T A =25 C
O
10
-4
0.4
0.6
0.8
1.0
1.2
AMBIENT TEMPERATURE, O C
FORWARD VOLTAGE,VOLTS
FIG.1 FORWARD CURRENT DERATING CURVE
FIG.2 TYPICAL FORWARD CHARACTERISTICS
100
70
PEAK FORWARD SURGE CURRENT, AMPERES
10 20 40 100
60
50 40 30 20 10
40
CAPACITANCE,pF
20
10
4 2
T=25 C J f=1.0MHz Vsig=50mVp-p
O
1 1 2 4
1
5
10
20
50
100
REVERSE VOLTAGE, VOLTS
NO. OF CYCLES AT 60Hz
FIG.3 TYPICAL JUNCTION CAPACITANCE
FIG.4 MAX NON-REPETITIVE SURGE CURRENT
STAD-DEC.16.2004
PAGE . 2


▲Up To Search▲   

 
Price & Availability of PG150R04

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X