Part Number Hot Search : 
TA0557A 885026 HW300A 1000AM STPS2 1N4744CG 99001 04501
Product Description
Full Text Search
 

To Download PG100RS04 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET PG100RS~PG108RS
GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIERS VOLTAGE
FEATURES
* High current capability.
.025(.64)
50 to 800 Volts
CURRENT
1.0 Amperes
A-405
Unit: inch(mm)
* Low leakage. * Fast switching for high efficiency. * Exceeds environmental standards of MIL-S-19500/228
.205(5.2)
MECHANICALDATA
Case: Molded plastic, A-405 Terminals: Axial leads, solderable per MIL-STD-202,Method 208 Polarity: Band denotes cathode Mounting Position: Any Weight: 0.008 ounce, 0.22 gram
1.0(25.4)MIN.
.160(4.1)
* Both normal and Pb free product are available : Normal : 80~95% Sn, 5~20% Pb Pb free: 98.5% Sn above
1.0(25.4)MIN.
* Plastic package has Underwriters Laboratories Flammability Classification 94V-O utilizing Flame Retardant Epoxy Molding Compound.
.021(.53)
.107(2.7) .080(2.0)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified. Resistive or inductive load, 60Hz.
P A R A M E TE R M a xim um R e curre nt P e a k R e ve rse V o l a g e t M a xim um R M S V o l a g e t M a xim um D C B l cking V o l a g e o t M a xim um A ve ra g e F o rw a rd C urre nt .3 7 5 "(9 .5 m m ) l a d l ng th a t T A = 5 5 O C e e P e a k F o rw a rd S urg e C urre nt : 8 .3 m s sing l ha l sine e f w a ve sup e rim p o se d o n ra te d l a d (JE D E C m e tho d ) o M a xim um F o rw a rd V o l a g e a t 1 .0 A t M a xim um D C R e ve rse C urre nt T A = 2 5 O C a t R a te d D C B l cking V o l a g e T A = 1 0 0 O C o t Typ ica l Junctio n ca p a cita nce (N o te 1 ) M a xim um R e ve rse R e co ve ry Tim e Typ ica l T he rm a l R e sista nce O p e ra ting Junctio n a nd S to ra g e Te m p e ra ture R a ng e
S YM B O L P G 100R S P G 101R S P G 102R S P G 104R S P G 106R S P G 108R S U N I S T V RRM V RM S VDC IV A I SM F VF
R I
50 35 50
100 70 100
200 140 200 1 .0 30 1 .3 5 .0 150 12 150 67
400 280 400
600 420 600
800 560 800
V V V A A V uA pF
CJ TR R R JA TJ,T S TG
250
500
O
ns C /W
O
-5 5 T O + 1 5 0
C
NOTES:1. Reverse Recovery Test Conditions: I F =.5A, I R =1A, I rr =.25A 2. Measured at 1 MHz and applied reverse voltage of 4.0 VDC 3. Thermal resistance from junction to ambient and from junction to lead length 0.375"(9.5mm) P.C.B. mounted
STAD-SEP.12.2004
PAGE . 1
RATING AND CHARACTERISTIC CURVES
PEAK FORWARD SURGE CURRENT , AMPERES
30
8.3ms Single Half Sine-Wave JEDEC Method
AVERAGE FORWARD RECTIFIED CURRENT, AMPERES
3.0 2.5 2.0 1.5 1.0 0.5 0
MAXIMUM AVERAGE CURRENT R AING SINGLEPHASE, HALF-WAVE,60Hz R ESISTIVE OR INDUCTIVELOAD .375"(9m m) LEAD LENGTH
25
20
15
10
5
0
50
100
O
150
0 1 2 6 10 20 40 60 100
AMBIENT TEMPERATURE, C
NUMBER OF CYCLES AT 60Hz
Fig.1 FORWARD CURRENT DERATING CURVE
Fig.2-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
INSTANTANEOUS FORWARD CURRENT, AMPERES
10
100 Tj= 25 C f= 1.0MHz Vsig = 50mVp -p
O
1.0
CAPACITANCE, pF
T = 2 5 OC J
0.1
10
.0 1
1
0.1
.00 1 0.2
1
10
100
0 .4
0.6
0 .8
1 .0
1.2
1 .4
1 .6
REVERSE VOLTAGE, VOLTS
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Fig.3-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
Fig.4 TYPICAL JUNCTION CAPACITANCE
STAD-SEP.12.2004
PAGE . 2


▲Up To Search▲   

 
Price & Availability of PG100RS04

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X