|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
DATA SHEET PG100R~PG1010R GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIERS VOLTAGE FEATURES * High current capability. 1.0(25.4)MIN. 50 to 1000 Volts CURRENT 1.0 Amperes DO-41 Unit: inch(mm) * Plastic package has Underwriters Laboratories Flammability Classification 94V-O utilizing Flame Retardant Epoxy Molding Compound. * Low leakage. * Fast switching for high efficiency. * Exceeds environmental standards of MIL-S-19500/228 .034(.86) .028(.71) MECHANICALDATA 1.0(25.4)MIN. .205(5.2) .160(4.1) * Pb free product are available : 99% Sn can meet Rohs environment substance directive request .107(2.7) .080(2.0) Case: Molded plastic, DO-41 Terminals: Axial leads, solderable per MIL-STD-202G,Method 208 Polarity: Band denotes cathode Mounting Position: Any Weight: 0.012 ounce, 0.3 gram MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25C ambient temperature unless otherwise specified. Resistive or inductive load, 60Hz. PA RA M E TE R M a xi m um R e c ur r e nt P e a k R e ve r s e V o l t a g e M a xi m um R M S V o l t a g e M a xi m um D C B l o c k i ng V o l t a g e M a xi m um A ve r a g e F o r w a r d C ur r e nt . 3 7 5 " ( 9 . 5 m m ) l e a d l e ng t h a t TA = 5 5 OC P e a k F o r w a r d S ur g e C ur r e nt : 8 . 3 m s s i ng l e ha l f s i ne - w a ve s up e r i m p o s e d o n r a t e d l o a d ( J E D E C m e t ho d ) M a xi m um F o r w a r d V o l t a g e a t 1 . 0 A M a xi m um D C R e ve r s e C ur r e nt a t T A = 2 5 OC a t R a t e d D C B l o c k i ng V o l t a g e T A = 1 0 0 OC Ty p i c a l J u n c t i o n c a p a c i t a n c e ( N o t e 1 ) M a x i m u m R e v e r s e R e c o v e r y Ti m e Ty p i c a l T h e r m a l R e s i s t a n c e O p e r a t i n g a n d S t o r a g e Te m p e r a t u r e R a n g e S YM B O L P G 1 0 0 R P G 1 0 1 R V RRM V RMS V DC IAV IFSM VF 50 35 50 100 70 100 P G1 0 2 R 200 140 200 P G1 0 4 R P G1 0 6 R P G1 0 8 R P G1 0 1 0 R 400 280 400 1 30 1 .3 5 150 12 150 67 - 5 0 TO + 1 5 0 250 600 420 600 800 560 800 1000 700 1000 U N IT S V V V A A V A IR CJ trr RJ A TJ , T S TG pF 500 O ns C/W O C NOTES:1. Reverse Recovery Test Conditions: I F =.5A, I R =1A, I rr =.25A 2. Measured at 1 MHz and applied reverse voltage of 4.0 VDC 3. Thermal resistance from junction to ambient and from junction to lead length 0.375"(9.5mm) P.C.B. mounted REV.0-MAR.25.2005 PAGE . 1 RATING AND CHARACTERISTIC CURVES PEAK FORWARD SURGE CURRENT , AMPERES 30 8.3ms Single Half Sine-Wave JEDEC Method AVERAGE FORWARD RECTIFIED CURRENT, AMPERES 3.0 2.5 2.0 1.5 1.0 0.5 0 0 50 100 O MAXIMUM AVERAGE CURRENT R AING SINGLEPHASE, HALF-WAVE,60Hz RESISTIVE OR INDUCTIVELOAD .375"(9mm) LEAD LENGTH 25 20 15 10 5 150 0 1 2 6 10 20 40 60 100 AMBIENT TEMPERATURE, C NUMBER OF CYCLES AT 60Hz Fig.1 FORWARD CURRENT DERATING CURVE Fig.2-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT INSTANTANEOUS FORWARD CURRENT, AMPERES 10 100 Tj= 25 C f= 1.0MHz Vsig = 50mVp -p O 1.0 CAPACITANCE, pF TJ= 25 O C 0.1 10 .01 1 0.1 .001 0.2 1 10 100 0.4 0.6 0.8 1.0 1.2 1.4 1.6 REVERSE VOLTAGE, VOLTS INSTANTANEOUS FORWARD VOLTAGE, VOLTS Fig.3-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS Fig.4 TYPICAL JUNCTION CAPACITANCE REV.0-MAR.25.2005 PAGE . 2 |
Price & Availability of PG100R05 |