Part Number Hot Search : 
SK310 6713A D1877 28F160 M54583 2SC425 81600 MB39A1
Product Description
Full Text Search
 

To Download PDB-C601-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PDB-C601-1 Solderable Silicon Photodiodes
PACKAGE DIMENSIONS[mm] [mm] CHIP DIMENSIONS INCH INCH
.030 [0.76] .021 [0.53] .014 [0.36]
.040 [1.02]
.125 [3.18] .074 [1.88] ACTIVE AREA
CHIP DIMENSIONS INCH [mm]
.022 [0.56] ACTIVE AREA
SOLDERABLE PHOTODIODE
BARE SHIP PACKAGE
FEATURES
DESCRIPTION
* * * *
APPLICATIONS
Optical encoder Position sensor Industrial controls Instrumentation
* Red enhanced The PDB-C601-1 is a silicon red enhanced * Photocondutctive solderable photodiode designed for low capacitance * High quantum efficiency and high speed for photoconductive applications.
ABSOLUTE MAXIMUM RATING (TA)= 23C UNLESS OTHERWISE NOTED
VBR TSTG TO TS Reverse Voltage Storage Temperature Operating Temperature Soldering Temperature* -40 -40 75 +125 +100 +224 V C C C
Responsivity (A/W)
SPECTRAL RESPONSE
0.80 0.70 0.60 0.50 0.40 0.30 0.20 0.10 0.00 250 300 350 400 450 500 550 600 650 700 750 800 850 900 950 1000 1050 1100 Wavelength (nm) 1150
SYMBOL
PARAMETER
MIN
MAX
UNITS
* 1/16 inch from case for 3 seconds max.
ELECTRO-OPTICAL CHARACTERISTICS RATING (TA)= 23C UNLESS OTHERWISE NOTED
SYMBOL ISC ID RSH CJ lrange VBR NEP tr CHARACTERISTIC Short Circuit Current Dark Current Shunt Resistance Junction Capacitance Spectral Application Range Breakdown Voltage Noise Equivalent Power Response Time TEST CONDITIONS H = 100 fc, 2850 K VR = 5 V VR = 10 mV VR = 5 V, f = 1 MHz Spot Scan I = 10 A VR = 0V @ l=Peak RL = 1K,VR = 5V MIN 15 60 350 25 TYP 17 0.5 150 10 50 1x10-14 10 MAX 2 UNITS A nA MW pF nm V W/ Hz nS
1100
**Response time of 10% to 90% is specified at 660nm wavelength light.
Information in this technical datasheet is believed to be correct and reliable. However, no responsibility is assumed for possible inaccuracies or omission. Specifications are subject to change without notice.
www.lasercomponents.com
Issue: 08/06 / V1 / HW / api/si-in/solderable-chips/ PDB-C601-1.pdf
Germany and other countries: LASER COMPONENTS GmbH, Phone: +49 8142 2864 0, Fax: +49 8142 2864 11, info@lasercomponents.com Great Britain: LASER COMPONENTS (UK) Ltd., Phone: +44 1245 491 499, Fax: +44 1245 491 801, info@lasercomponents.co.uk


▲Up To Search▲   

 
Price & Availability of PDB-C601-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X