Part Number Hot Search : 
EVALZ 030514 1210E EH1XA 78M20 M74HC699 CS42L55 C5200
Product Description
Full Text Search
 

To Download MU8-940-01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet
8W 940nm Uncooled Multimode Laser Diode Module MU8-940-01/04
The Bookham new MU8-940-01/04 multimode laser diode module series has been designed to provide the increased power and reliability required for pumping next generation solidstate and fiber lasers, and for direct applications. The module includes a multimode laser diode chip with E2 front mirror passivation that prevents Catastrophic Optical Damage (COD) to the laser diode facet even at very high power levels. The coupling process allows for high output powers that are very stable with both time and temperature. Features: * High output power of 8W * 0.22NA 105m core multimode fiber pigtail (0.15NA upon request) * Hermetically sealed 3-pin and 2-pin packages * Floating anode/cathode * High reliability * Excellent solderability * Standard wavelengths at 940nm * RoHS compliant
Applications: * Fiber laser pumping * Direct applications * Material processing * Printing * Medical
1
Data Sheet
Characteristics
Conditions unless otherwise stated: Parameters at 25C heat sink temperature and use of a thermal interface material rated for a thermal contact resistance of less than 1.3cm2 K/W (0.2in2 K/W). Pigtail fiber with 105m core diameter and 0.22NA.
Parameter CW Output Power Center Wavelength Spectral Width (95% of Power) Threshold Current Slope Efficiency Operating Current Operating Voltage Operating Temperature
Symbol Pop c Ith D=Pop/(Iop-Ith) Iop Vop Top
Typical 8 940 10 6 500 0.95 9.5 1.9 25 5
Unit W nm nm mA W/A A V C
Absolute Ratings
Parameter ESD Storage Temperature Lead Soldering Temperature Lead Soldering Time Operating Case Temperature Relative Humidity Min -40 0 5 Max 500 85 250 10 45 85 Unit V C C Sec C %
Fiber Specification
Parameter Buffer Diameter Cladding Diameter Core Diameter Numeric Aperture Fiber Length Min 230 123 102 Typ 250 125 104 0.22 (0.15) 1.5 Max 270 128 106 Unit m m m m
2
Data Sheet
Package Dimensions (mm)
MU8-940-01 (3-pin package)
MU8-940-04 (2-pin package)
Connection
Pin # 1 2 3 MU8-940-01 Laser Diode Anode (+) Laser Diode Cathode (-) Not Used (can be removed) MU8-940-04 Laser Diode Anode (+) Laser Diode Cathode (-) -
3
Data Sheet
RoHS Compliance
Bookham is fully committed to environment protection and sustainable development and has set in place a comprehensive program for removing polluting and hazardous substances from all of its products. The relevant evidence of RoHS compliance is held as part of our controlled documentation for each of our compliant products. RoHS compliance parts are available to order, please refer to the ordering information section for further details.
Ordering Information: (3-pin housing) MU8-940-01 MU8-940-01 with 0.15NA (2-pin housing) MU8-940-04 MU8-940-04 with 0.15NA 8W 940nm Multimode Laser Diode Module with 0.22NA fiber 8W 940nm Multimode Laser Diode Module with 0.15NA fiber 8W 940nm Multimode Laser Diode Module with 0.22NA fiber 8W 940nm Multimode Laser Diode Module with 0.15NA fiber
Contact Information
Bookham (Switzerland) AG
Binzstrasse 17 8045 Zurich Switzerland * Tel: +41 44 455 8787 * Fax:+41 44 455 8586
EMEA Sales Contact
Gunnar Stolze * Tel: +41 79 635 3777
ASIA Sales Contact
Patrick Lee * Tel: +852 9197 7014
North America Sales Contact
Michael Cutler * Tel: +1 678 763 0777
ISO 9001:2000 Certified
Japan Sales Contact
Japan Laser Corporation * Tel: +813 5285 0861
www.bookham.com highpower@bookham.com
Important Notice Performance figures, data and any illustrative material provided in this data sheet are typical and must be specifically confirmed in writing by Bookham before they become applicable to any particular order or contract. In accordance with the Bookham policy of continuous improvement specifications may change without notice. The publication of information in this data sheet does not imply freedom from patent or other protective rights of Bookham or others. Further details are available from any Bookham sales representative.
INVISIBLE LASER RADIATION - AVOID EYE OR SKIN EXPOSURE TO DIRECT OR SCATTERED RADIATION
INVISIBLE LASER RADIATION AVOID EYE OR SKIN EXPOSURE TO DIRECT OR SCATTERED RADIATION CLASS 4 LASER PRODUCT
MAX POWER 8W WAVELENGTH 930-950nm CLASS IV LASER PRODUCT
T
REFERENCE IEC 60825-Edition 1.2
4
This product complies with 21CFR 1040.10
FM 68159
BH13317 Rev 2.0 June 2007 (c)Bookham 2005. Bookham is a registered trademark of Bookham Inc.


▲Up To Search▲   

 
Price & Availability of MU8-940-01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X