Part Number Hot Search : 
CMZ5344B APL5708R G13JPCF 2664AM ZPD51 74LV161D 91600 40N25
Product Description
Full Text Search
 

To Download MMSZ5232A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMSZ5229A SERIES
SURFACE MOUNT SILICON ZENER DIODES
VOLTAGE
4.3 to 51 Volts
POWER
500 mWatts
SOD-123
Unit: inch (mm)
FEATURES
* Planar Die construction * 500mW Power Dissipation * Ideally Suited for Automated Assembly Processes * Pb free product : 99% Sn above can meet RoHS environment substance request
.028(0.7) .019(0.5)
.154(3.90) .141(3.60) .110(2.8) .098(2.5)
MECHANICAL DATA
* Case: SOD-123, Molded Plastic * Terminals: Solderable per MIL-STD-750, Method 2026 * Polarity: See Diagram Below * Approx. Weight: 0.01grams * Mounting Position: Any
.008(.20)MAX
.005(.12)MAX
.016(.40)MIN
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Parameter Maximum Power Dissipation @TA=25OC (Notes A) Operating Junction and StorageTemperature Range
Symbol
Value 500 -50 to +150
PD TJ
NOTES: A. Mounted on 5.0mm 2(.013mm thick) land areas.
STAD-JAN.13.2006
.053(1.35) .037(0.95)
.071(1.8) .055(1.4)
Units mW
O
C
PAGE . 1
MMSZ5229A SERIES
Nominal Zener Voltage Part Number
No m. V V Z @ IZT M i n. V M a x. V
Max. Zener Impedance
ZZT @ I ZT mA ZZK @ I ZK mA
Max Reverse Leakage Current
IR @ VR A V
Marking C ode D4 D5 E1 E2 E4 E5 F1 F2 F4 F5 H1 H2 H3 H4 H5 J1 J2 J3 J5 K1 K2 K4 K5 M1 M2 M3 M4 M5 N1 N2
P ackag e
MMSZ5229A MMSZ5230A MMSZ5231A MMSZ5232A MMSZ5234A MMSZ5235A MMSZ5236A MMSZ5237A MMSZ5239A MMSZ5240A MMSZ5241A MMSZ5242A MMSZ5243A MMSZ5244A MMSZ5245A MMSZ5246A MMSZ5247A MMSZ5248A MMSZ5250A MMSZ5251A MMSZ5252A MMSZ5254A MMSZ5255A MMSZ5256A MMSZ5257A MMSZ5258A MMSZ5259A MMSZ5260A MMSZ5261A MMSZ5262A
4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 14 15 16 17 18 20 22 24 27 28 30 33 36 39 43 47 51
4.21 4.61 5.00 5.49 6.08 6.66 7.35 8.04 8.92 9.80 10.78 11.76 12.74 13.72 14.70 15.68 16.66 17.64 19.60 21.56 23.52 26.46 27.44 29.40 32.34 35.28 38.22 42.14 46.06 49.98
4.39 4.79 5.20 5.71 6.32 6.94 7.65 8.36 9.28 10.20 11.22 12.24 13.26 14.28 15.30 16.32 17.34 18.36 20.40 22.44 24.48 27.54 28.56 30.60 33.66 36.72 39.78 43.86 47.94 52.02
22 19 17 11 7 5 6 8 10 17 22 30 13 15 16 17 19 21 25 29 33 41 44 49 58 70 80 93 105 125
20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 9.5 9.0 8.5 7.8 7.5 7.0 6.2 5.6 5.2 5.0 4.5 4.2 3.8 3.4 3.2 3.0 2.7 2.5
2000 1900 1600 1600 1000 750 500 500 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 700 700 800 900 1000 1100
0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
5.0 5.0 5.0 5.0 5.0 3.0 3.0 3.0 3.0 3.0 3.0 2.0 1.0 0.5 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1
1.0 2.0 2.0 3.0 4.0 5.0 6.0 6.0 6.5 8.0 8.4 9.1 9.9 10.5 11.0 12.0 13.0 14.0 15.0 17.0 18.0 21.0 21.0 23.0 25.0 27.0 30.0 33.0 36.0 39.0
SOD-123 SOD-123 SOD-123 SOD-123 SOD-123 SOD-123 SOD-123 SOD-123 SOD-123 SOD-123 SOD-123 SOD-123 SOD-123 SOD-123 SOD-123 SOD-123 SOD-123 SOD-123 SOD-123 SOD-123 SOD-123 SOD-123 SOD-123 SOD-123 SOD-123 SOD-123 SOD-123 SOD-123 SOD-123 SOD-123
STAD-JAN.13.2006
PAGE . 2
MMSZ5229A SERIES
TEMPERATURE COEFFICIENT,(mA/ OC)
0.6
100
POWER DISSIPATION, Watts
0.5 0.4 0.3
T A =25 O C
10
0.2 0.1 0
0
25
50
75
O
100
125
150
1 10
100
TEMPERATURE ( C)
NOMINAL ZENER VOLTAGE,VOLTS
Fig.1 STEADY STATE POWER DERATING
Fig.2 TEMPERATURE COEFFICENTS
1000
1000
LEAKAGE CURRENT,uA
100 10 1 0.1 0.01 0.001 0.0001 0.00001 0 10 20 30 40 50 60 70
FORWARD CURRENT,mA
100
+150 C
O
+25 C -55 C
80 90
O
O
10
150OC
75OC
25OC
5C
O
1 0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
NORMAL ZENER VOLTAGE, VOLTS
FORWARD VOLTAGE, VOLTS
Fig.3 TYPICAL LEAKAGE CURRENT
Fig.4 TYPICAL FORWARD VOLTAGE
STAD-JAN.13.2006
PAGE . 3
MMSZ5229A SERIES
MOUNTING PAD LAYOUT
ORDER INFORMATION
* Packing information T/R - 10K per 13" plastic Reel T/R - 3K per 7" plastic Reel
LEGAL STATEMENT
Copyright PanJit International, Inc 2006
The information presented in this document is believed to be accurate and reliable. The specifications and information herein are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose. Pan Jit products are not authorized for use in life support devices or systems. Pan Jit does not convey any license under its patent rights or rights of others.
STAD-JAN.13.2006
PAGE . 4


▲Up To Search▲   

 
Price & Availability of MMSZ5232A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X