Part Number Hot Search : 
CD961B B100WHF UCW1H221 IM43GR ZSM380C FD400R2E SY8835 2100A
Product Description
Full Text Search
 

To Download MMBZ5232A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMBZ5229A SERIES
SURFACE MOUNT SILICON ZENER DIODES
VOLTAGE
4.3 to 51 Volts
POWER
410 mWatts
SOT- 23
Unit: inch (mm)
FEATURES
* Planar Die construction * 410mW Power Dissipation
.056(1.40)
.119(3.00) .110(2.80)
* Ideally Suited for Automated Assembly Processes * Pb free product : 99% Sn above can meet RoHS environment substance diective request
.047(1.20)
.007(.20)MIN
.103(2.60)
.083(2.10) .066(1.70) .006(.15) .002(.05)
MECHANICAL DATA
* Case: SOT-23, Molded Plastic
.044(1.10)
* Terminals: Solderable per MIL-STD-750, Method 2026 * Polarity: See Diagram Below * Approx. Weight: 0.0048 grams * Mounting Position: Any
.006(.15)MAX
.020(.50) .013(.35)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Parameter Maximum Power Dissipation (Notes A) at 25O C Operating Junction and StorageTemperature Range
Symbol
Value 410 -50 to +150
.035(0.90)
Units mW
O
PD TJ
C
NOTES: A. Mounted on 5.0mm 2(.013mm thick) land areas.
STAD-JAN.13.2006
.086(2.20)
PAGE . 1
MMBZ5229A SERIES
Nominal Zener Voltage Part Number
No m. V V Z @ IZT M i n. V M a x. V
Max. Zener Impedance
ZZT @ IZT mA ZZK @ IZK mA
Max Reverse Leakage Current
IR @ VR A V
Marking C ode D4 D5 E1 E2 E4 E5 F1 F2 F4 F5 H1 H2 H3 H4 H5 J1 J2 J3 J5 K1 K2 K4 K5 M1 M2 M3 M4 M5 N1 N2
P ackag e
MMBZ5229A MMBZ5230A MMBZ5231A MMBZ5232A MMBZ5234A MMBZ5235A MMBZ5236A MMBZ5237A MMBZ5239A MMBZ5240A MMBZ5241A MMBZ5242A MMBZ5243A MMBZ5244A MMBZ5245A MMBZ5246A MMBZ5247A MMBZ5248A MMBZ5250A MMBZ5251A MMBZ5252A MMBZ5254A MMBZ5255A MMBZ5256A MMBZ5257A MMBZ5258A MMBZ5259A MMBZ5260A MMBZ5261A MMBZ5262A
4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 14 15 16 17 18 20 22 24 27 28 30 33 36 39 43 47 51
4.21 4.61 5.00 5.49 6.08 6.66 7.35 8.04 8.92 9.80 10.78 11.76 12.74 13.72 14.70 15.68 16.66 17.64 19.60 21.56 23.52 26.46 27.44 29.40 32.34 35.28 38.22 42.14 46.06 49.98
4.39 4.79 5.20 5.71 6.32 6.94 7.65 8.36 9.28 10.20 11.22 12.24 13.26 14.28 15.30 16.32 17.34 18.36 20.40 22.44 24.48 27.54 28.56 30.60 33.66 36.72 39.78 43.86 47.94 52.02
22 19 17 11 7 5 6 8 10 17 22 30 13 15 16 17 19 21 25 29 33 41 44 49 58 70 80 93 105 125
20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 9.5 9.0 8.5 7.8 7.5 7.0 6.2 5.6 5.2 5.0 4.5 4.2 3.8 3.4 3.2 3.0 2.7 2.5
2000 1900 1600 1600 1000 750 500 500 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 700 700 800 900 1000 1100
0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
5.0 5.0 5.0 5.0 5.0 3.0 3.0 3.0 3.0 3.0 3.0 2.0 1.0 0.5 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1
1.0 2.0 2.0 3.0 4.0 5.0 6.0 6.0 6.5 8.0 8.4 9.1 9.9 10.5 11.0 12.0 13.0 14.0 15.0 17.0 18.0 21.0 21.0 23.0 25.0 27.0 30.0 33 36 39
SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23
STAD-JAN.13.2006
PAGE . 2
MMBZ5229A SERIES
TEMPERATURE COEFFICIENT,(mA/ OC)
100
0.6
POWER DISSIPATION, Watts
0.5 0.4 0.3
T A =25 O C
10
0.2 0.1 0
0
25
50
75
O
100
125
150
1 10
100
TEMPERATURE ( C)
NOMINAL ZENER VOLTAGE,VOLTS
Fig.1 STEADY STATE POWER DERATING
Fig.2 TEMPERATURE COEFFICENTS
1000
1000
LEAKAGE CURRENT,uA
10 1 0.1 0.01 0.001 0.0001 0.00001 0 10 20 30 40 50 60 70
FORWARD CURRENT,mA
100
100
+150 C
O
+25 C -55 C
80 90
O
O
10
150OC
O
75 C
25OC
5OC
1 0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
NORMAL ZENER VOLTAGE, VOLTS
FORWARD VOLTAGE, VOLTS
F i g . 3 TYPICAL LEAKAGE CURRENT
Fig.4 TYPICAL FORWARD VOLTAGE
STAD-JAN.13.2006
PAGE . 3
MMBZ5229A SERIES
MOUNTING PAD LAYOUT
ORDER INFORMATION
* Packing information T/R - 12K per 13" plastic Reel T/R - 3K per 7" plastic Reel
LEGAL STATEMENT
Copyright PanJit International, Inc 2006
The information presented in this document is believed to be accurate and reliable. The specifications and information herein are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose. Pan Jit products are not authorized for use in life support devices or systems. Pan Jit does not convey any license under its patent rights or rights of others.
STAD-JAN.13.2006
PAGE . 4


▲Up To Search▲   

 
Price & Availability of MMBZ5232A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X