Part Number Hot Search : 
2N605 DA221M TMMBAT29 BP60190 P7NM50 SFH551 P6KE33C 28120
Product Description
Full Text Search
 

To Download MMBD4148W04 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
MMBD4148W/MMBD4448W/BAS16W
SURFACE MOUNT SWITCHING DIODES
VOLTAGE FEATURES
* Fast switching Speed. * Electrically ldentical to Standerd JEDEC * High Conductance * Surface Mount Package ldeally Suited for Automatic lnsertion. * Both normal and Pb free product are available : Normal : 80~95% Sn, 5~20% Pb Pb free: 98.5% Sn above
.004(.10)MIN.
100 Volts
POWER
200mWatts
SOT-323
Unit: inch (mm)
.087(2.2) .070(1.8) .054(1.35) .045(1.15)
.056(1.40) .047(1.20)
.006(.15) .002(.05)
MECHANICAL DATA
.004(.10)MAX.
Case: SOT-323 plastic case. Terminals : Solderable per MIL-STD-202,Method 208 Standard packaging: 8mm tape Weight: approximately 0.0052 g
.016(.40) .078(.20)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TJ =25C unless otherwise noted)
PA R A M E TE R M ar i g C ode kn R ever e Volage s t P eak R ever e Volage s t R M S Volage t M axi um D C B l cki g Volage m on t M axi um A ver ge For ar C urentatTa=25O C m a wd r P eak For ar S ur e C urent 1. us wd g r ,0 P ow erD i si aton D er t A bove 25O C spi ae S YM B O L M M B D 4148W A2 M M B D 4448W A3 75 100 50 75 150 2 4 200 0. 15@ 0. 01A 7 0 0. 55@ 0. 1A 8 0 1. @ 0. 5A 0 0 1. 5@ 0. 5A 2 1 0. 25@ 20V 0 2. @ 75V 5 1. 5 4. 0 0. 2 /0. 05A 7 0 1. /0. A 0 1 2 B A S 16W A6 V V V V mA A mW UNI S T
VR VRM VRM S VD C I AV I FSM PTO T VF
M axi um For ar Volage m wd t
.044(1.1) .035(0.9)
.087(2.2) .078(2.0)
0. 55 /0. 1A 8 0
V
M axi um D C R ever e C urentatR at d D C B l cki g Volage m s r e on t TJ= 25O C Juncton C apaciance(N ot s1) i t e M axi um R ever e R ecover ( ot s2) m s yN e M axi um Ther alR esi t nce m m sa S t r ge Tem per t r R ange oa aue
I R CJ TRR RJA TJ
2. @ 75V 5 4. 0 4. 0 640 - 5 t +150 5o
1. @ 75V 0 2. 0 6. 0
O
uA pF ns C /W
O
C
NOTE: 1. CJ at VR=0, f=1MHZ 2.From IF=10mA to IR=1mA, VR=6Volts, RL=100
STAD-JUL.30.2004
PAGE . 1
1000
10
TJ =125 OC
FORWARD CURRENT, mA
100
REVERSE CURRENT, u A
1.0
10
0.1
TJ =75 OC
1
0.01
TJ =25 OC
0.001
0.1 0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
20
40
60
80
100
FORWARD VOLTAGE, Volts
REVERSE VOLTAGE, Volts
FIG. 1-TYPICAL FORWARD CHARACTERISTIC
FIG. 2-TYPICAL REVERSE CHARACTERISTICS
P D, POWER DISSIPATION (mW)
500
400
300
200
100
0
50
100
150
200
AMBIENT TEMPERATURE( OC) FIG. 3 POWER DERATING CURVE
STAD-JUL.30.2004
PAGE . 2


▲Up To Search▲   

 
Price & Availability of MMBD4148W04

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X