Part Number Hot Search : 
LM2931 AAT3697 PRMA4 NLAS6234 31304 5216165 4738A 0E0DE
Product Description
Full Text Search
 

To Download ML12034P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ML12034 2.0 GHz Dual Modulus Prescaler
MECL PLL COMPONENTS /32/33, /64/65 DUAL MODULUS PRESCALER SEMICONDUCTOR TECHNICAL DATA
Legacy Device: Motorola MC12034A
The ML12034 can be used with CMOS synthesizers requiring positive edges to trigger internal counters such as Motorola's MC145xxx series or Lansdale's ML145xxx series in a PLL to provide tuning signals up to 2.0 GHz in programmable frequency steps. A Divide Ratio Control (SW) permits selection of a 32/33 or 64/65 divide ratio as desired. The Modulus Control (MC) selects the proper divide number after SW has been biased to select the desired divide ratio. * * * * * 2.0 GHz Toggle Frequency Supply Voltage 4.5 to 5.5 V ML12034 for Positive Edge Triggered Synthesizers 12mA Maximum, -40 to 85C, VCC = 5.5 Vdc Modulus Control Input is Compatible with Standard CMOS and TTL * Low-Supply Current 8.5 mA Typical * Operating Temperature Range TA = -40 to 85C
Note: Lansdale lead free (Pb) product, as it becomes available, will be identified by a part number prefix change from ML to MLE.
Page 1 of 5
www.lansdale.com
Issue A
ML12034
LANSDALE Semiconductor, Inc.
Page 2 of 5
www.lansdale.com
Issue A
ML12034
LANSDALE Semiconductor, Inc.
Page 3 of 5
www.lansdale.com
Issue A
ML12034
LANSDALE Semiconductor, Inc.
Figure 7. Generic block diagram showing prescaler connection to PLL device
Prescaler
Fout Fin
PLL ML145146 ML145158 ML145159
ML12034
MC in MC
VCO
Loop Filter
Figure 7 shows a generic block diagram of connecting a prescaler to a PLL device that supports dual modulus control. Application note AN535 decribes using a twomodulus prescaler technique.By using prescaler higher frequencies can be achieve than by a single CMOS PLL device.
Page 4 of 5
www.lansdale.com
Issue A
ML12034
LANSDALE Semiconductor, Inc.
(ML12034-5P)
P DIP 8 = PP PLASTIC PACKAGE (ML12034PP) CASE 626-04
Lansdale Semiconductor reserves the right to make changes without further notice to any products herein to improve reliability, function or design. Lansdale does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others. "Typical" parameters which may be provided in Lansdale data sheets and/or specifications can vary in different applications, and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by the customer's technical experts. Lansdale Semiconductor is a registered trademark of Lansdale Semiconductor, Inc.
Page 5 of 5
www.lansdale.com
Issue A


▲Up To Search▲   

 
Price & Availability of ML12034P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X