|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
D 8 Channel Mux/Demux with low-loss express; 100GHz Channels Bookham offers a high performance 8 channel multiplexer or demultiplexer solution for 100 GHz channels. This product uses Bookham proprietary AED thin film deposition technology for superior performance. The Bookham 8 channel solutions offer an ideal combination of fully passive operation, low loss, compact size, wide channel pass bands and an upgrade path to 40 channels. Insertion loss of 3.5 dB is achieved in the uniform loss version of the product. Matched mux-demux pairs are offered with a typical back-to-back insertion loss of 4 dB. Ribbon connector options are available for easy interconnection to the rest of the system. Thin film technology provides a flat-topped pass band design that allows for less stringent control of the laser wavelength over the system lifetime. These flexible upgrade modules use the Bookham 8-skip0 banded upgrade port. The 8-skip-0 filter passes eight 100GHz spaced channels to the ITU channel filters. The same filter reflects all remaining channels onto the express port with very low loss. Modules can be cascaded to form 16, 24, 32 or 40 channel filter solutions. The 8-skip-0 banded port also allows optical add drop multiplexing (OADM) functionality for this module. Features * Passive operation * Flexible upgrade path to 40 channels * Flat pass band design * Low loss express using 8-skip-0 filter * 27.5 GHz clear pass band * Low loss (<3.5dB) * High adjacent channel isolation * -5 to 70C operating temperature * Compact Size (120x80x8mm) Options * Ribbon connectors * Uniform loss or matched mux/demux loss * Optical monitor ports * OADM function * Without 8-skip-0 filter * Rack mount (1-RU shelf unit) or LGX enclosure (single width) Applications * Metro and long-haul mux/demux * OADM nodes * Subsystem building block Compliance * Telcordia GR-1221 qualified * RoHS compliant (5/6) Example Performance 0 Insertion Loss (dB) -5 -10 -15 -20 -25 1540 1542 1544 1546 1548 1550 Wavelength (nm) D 8 Channel Mux/Demux; 100GHz Channels Specifications (valid over operating temperature) Parameter Channel Number Channel Spacing Region Measured from => to Band Plan Options 20 28 36 44 52 Passbands Passbands Passbands Adj Ch Non-Adj Ch Add/Drop Common => Ports 1-8 Common => Express Common => Ports 1-8 Common => Ports 1-8 Common => Ports 1-8 Common => Ports 1-8 Common => Express Passband Region Insertion Loss a IL Variation Channel to Channel Variation Isolation Return Loss Polarization Dependent Loss Polarization Mode Dispersion Power Handling Operating Temperature Storage Temperature Fiber Length Dimensions Fiber Type Connector Type a Unit Specification 8 GHz 100 192.0 to 192.7 192.8 to 193.5 THz 193.6 to 194.3 194.4 to 195.2 195.2 to 195.9 GHz ITU 13.75 3.5 max dB 0.6 max dB 0.4 max dB 1.0 max dB 25 min dB 40 min dB 13 min dB 45 min dB 0.25 max dB 0.15 max dB 300 min mW C -5 to 70 C -40 to 85 1.0 0.1 m mm 120x80x8 900m tight buffer options available Losses include connectors Typical Application Cascade of five 8 channel modules for 40 channel coverage. Modules can be added in any order of cascade. Unit #1 192.0THz to 192.7THz Unit #2 192.8THz to 193.5THz Unit #3 193.6THz to 194.3THz Unit #4 194.4THz to 195.1THz Unit #5 195.2THz to 195.9THz 8-skip-0 8-skip-0 8-skip-0 8-skip-0 8-skip-0 D Ordering Information 8ch Mux/Demux part numbers: MD1C08XX0289 Band (THz) 192.0 to 192.7 192.8 to 193.5 193.6 to 194.3 194.4 to 195.1 195.2 to 195.9 XX 20 28 36 44 52 North America Bookham Worldwide Headquarters 2584 Junction Ave. San Jose CA 95134 USA * Tel: +1 408 919 1500 * Fax: +1 408 919 6083 Part numbers may change depending on optional configurations chosen including connectors, packaging, pigtails, tap ports and final optical function. Europe Paignton Office Brixham Road Paignton Devon TQ4 7BE United Kingdom * Tel: +44 (0) 1803 66 2000 * Fax: +44 (0) 1803 66 2801 Asia Shenzhen Office 2 Phoenix Road Futian Free Trade Zone Shenzhen 518038 China * Tel: +86 755 33305888 * Fax: +86 755 33305805 +86 755 33305807 sales@bookham.com Important Notice Performance figures, data and any illustrative material provided in this data sheet are typical and must be specifically confirmed in writing by Bookham before they become applicable to any particular order or contract. In accordance with the Bookham policy of continuous improvement specifications may change without notice. The publication of information in this data sheet does not imply freedom from patent or other protective rights of Bookham or others. Further details are available from any Bookham sales representative. 8ch_Mux100_060320 |
Price & Availability of MD1C08XX0289 |