Part Number Hot Search : 
XVT9003 MM1Z43 MCH5805 Y3620R 3323W101 MAX354 7812A 2SC409
Product Description
Full Text Search
 

To Download MBR7540 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transys
Electronics
LIMITED
MBR7520(R) THRU MBR75100(R)
SCHOTTKY DIODES STUD TYPE
75 A
75Amp Rectifier 20-100 Volts
Features
High Surge Capability Types up to100V V RRM
DO-5
Maximum Ratings
Operating Temperature: -65 C to +150 Storage Temperature: -65 C to +175
M C J N
B
Part Number MBR7520(R) MBR7530(R) MBR7535(R) MBR7540(R) MBR7545(R) MBR7560(R) MBR7580(R)
MBR75100(R)
Maximum Recurrent Peak Reverse Voltage 20V 30V 35V 40V 45V 60V 80V 100V
Maximum RMS Voltage 14V 21V 25V 28V 32V 42V 50V 70V
Maximum DC Blocking Voltage 20V 30V 35V 40V 45V 60V 80V 100V
K
P G F A
D
E
Notes: 1.Standard Polarity:Stud is Cathode 2.Reverse Polarity:Stud is Anode
Electrical Characteristics @ 25
Average Forward Current Peak Forward Surge Current NOTE (1) Maximum Instantaneous Forward Voltage Maximum Instantaneous Reverse Current At Rated DC Blocking NOTE (1) Voltage IF(AV) IFSM VF IR
Unless Otherwise Specified
75A 1000A
0.65V 0.75V 0.84V
TC =100
DIMENSIONS INCHES MIN MAX 1/4 1/4 -28 Threads .669 .687 ----.794 ----1.020 .422 .453 .115 .200 ----.460 .----.--------.375 .156 --------.667 ----.080 .140 .175 MM MIN Standard 17.19 --------10.72 2.93 ------------3.96 --------3.56 MAX Polarity 17.44 20.16 25.91 11. 50 5.08 11.68 ----9.52 ----16.94 2.03 4.45 NOTE
8.3ms , half sine
(MBR7520~MBR7545) (MBR7560) (MBR7580~MBR75100) I FM =75 A ; T j = 25
5.0 mA 150 mA
TJ = 25 TJ = 125
Maximum Thermal Resistance,Junction To Case Mounting torque
R jc
1.0 C/W
DIM A B C D E F G H J K M N P
Kgf-cm
23~34
Not lubricated threads
NOTE : (1) Pulse Test: Pulse Width 300 usec, Duty Cycle < 2%
MBR7520( R ) THRU
MBR75100(R)
100 60 40
Figure .1- Typical Forward Characteristics
90
Average ForwArd Rectified Current - AmPeres
Figure .2- Forward Derating Curve
MBR7520(R)~ MBR7545(R)
75
I nStantaneous Forward Current - Amperes Amps
60
T =25 J
20 MBR7560(R) 10 6.0 4.0 MBR7580(R)~ MBR75100(R)
Amps
45
30
15
Single Phase, Half Wave 60Hz Resistive or Inductive Load 30 60 90 120 150 180
0
0
Case Te mperature -
2.0 1.0
0
0.2
0.4
0.6
Volts
0.8
1.0
1.2
1000 600 400 200
Figure .4- Typical Reverse Characteristics
Instantaneous Forward Voltage - Volts
Tj =150 C
Instantaneous Reverse Leakage Current - Mill Amperes
100 60 40 20 Tj =125 C
1200
Figure .3- Peak Forward Surge Current 8.3ms Single Half Sine Wave JEDEC method T =25 J
Peak Forward Surge Current -Amperes Amps
1000 800 600 400 200 0 1 2 4 6
m Amps
10 6 4 2 1 .6 .4 .2 T =75 J
8 10 20 Cycles
40
60 80 100
.1 .06 .04 .02 T =25 J
Number Of Cycles At 60Hz - Cycles
.01
0
10
20
30
40
50
60
70
80
90
100
Volts Reverse Voltage - Volts


▲Up To Search▲   

 
Price & Availability of MBR7540

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X