Part Number Hot Search : 
MBRF2015 7157M0 Q2406A LTC680 D3SBA10 L4T24 NTE452 SF2002E
Product Description
Full Text Search
 

To Download LQSD103A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
LQSD103A~LQSD103C
SMALL SIGNAL SCHOTTKY BARRIES SWITCHING DIODES
VOLTAGE
20 to 40 Volts
CURRENT
0.35 Amperes
QUADRO-MELF
Unit : inch (mm)
FEATURES
* Low Forward Voltage Drop * Guard Ring Construction for Transient Protection * Low Reverse Recovery Time * Low Reverse Capacitance * Both normal and Pb free product are available : Normal : 80~95% Sn, 5~20% Pb Pb free: 98.5% Sn above
.0
67
(1
.7
)
MECHANICAL DATA
* Case: Molded Quadro Melf, Glass * Terminals: Solderable per MIL-STD-202E, Method 208 * Polarity: See Diagram Below * Approx. Weight: 0.03 grams * Mounting Position: Any * Packing information T/R - 2.5K per 7" plastic Reel
.020(0.5) .012(0.3) .146(3.7) .130(3.3) .020(0.5) .012(0.3)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TJ =25C unless otherwise noted)
PA RA M E TE R P e a k R e p e t i t i ve R e ve r s e V o l t a g e R M S R e ve r s e V o l t a g e M a x. A ve r a g e R e c t i f i e d C ur r e nt P e a k F o r w a r d S ur g e C ur r e nt , t < 0 . 3 m s P o w e r D i s s i p a t i o n D e r a t e A b o ve 2 5 O C M a x i m u m F o r w a r d V o l t a g e , IF = 2 0 m A IF = 2 0 0 m A M a xi m um R e ve r s e C ur r e nt Ty p i c a l J u n c t i o n C a p a c i t a n c e ( N o t e 1 ) Ty p i c a l R e v e r s e R e c o v e r y ( N o t e 2 ) M a xi m um The r m a l R e s i s t a nc e S t o r a g e Te m p e r a t u r e R a n g e S YM B O L V RRM V RM S IO IF S M PD VF IR CJ TRR R J A TS TG 5@30V L QS D 1 0 3 A 40 28 L QS D 1 0 3 B 30 21 350 15 400 0 .3 7 0 .6 0 5@20V 50 10 250 - 6 5 TO + 1 7 5
O
L QS D 1 0 3 C 20 14
.063(1.6) .055(1.4)DIA.
U N IT S V V mA A mW V
5@10V
uA pF ns C/W
O
C
NOTE: 1. CJ at VR=0, f=1MHZ 2. From IF=50mA to IR=200mA, RL=100 STAD-JUL.30.2004 PAGE . 1
RATING AND CHARACTERISTIC CURVES
1000
500
FORWARD CURRENT, mA
10
POWER DISSIPATION, mW
100
400
300
1.0
200
0.1
100
0.01
0
0.5
FORWARD VOLTAGE, VOLTS
1.0
0
0
100
200
AMBIENT TEMPERATURE, OC
Fig.1 FORWARD CHARACTERISTICS
Fig.2- POWER DISSIPATION DERATING CURVE
100
C J , CAPACITANCE (pF)
10
1.0
0.1 0 10 20 30 40 50
V R , REVERSE VOLTAGE (V)
Fig.3 TYPICAL CAPACITANCE vs REVERSE VOLATGE
STAD-JUL.30.2004
PAGE . 2


▲Up To Search▲   

 
Price & Availability of LQSD103A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X