Part Number Hot Search : 
6KE120AP 1000AG P1037 TSM2405S RTD50 2SK3056 SI5356 6KE120AP
Product Description
Full Text Search
 

To Download LNT1V333SEG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
NT
Screw Terminal Type, Wide Temperature Range
series
Load life of 5,000 hours (2,000 hours for 10~250V,500V) application of rated ripple current at +105C. Extended voltage range from 10V up to 500V. Extended range up to 100 x 250L 2size. Available for adapted to the RoHS directive (2002/95/EC).
NT
High Temperature
NR
Specifications
Item Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Leakage Current - 40 ~ +105C (10~100V) , - 25 ~ +105C (160~500V)
10 ~ 500V 220 ~ 1500000F 20% at 120Hz, 20C
After 5 minutes' application of rated voltage, leakage current is not more than 3 CV (A) or 5mA, whichever is smaller. (at 20C) [C:Rated Capacitance (F) , V:Voltage(V)]
Performance Characteristics
Measurement frequency:120Hz, Temperature:20C D 35 51
L
V
tan (MAX)
63.5 76.2 90 100
80~100 80~100 120 100 110~130 100 120~150 140~220 220 , 250
10 0.65 0.9 0.85 -- 1.2 2.0 2.0 2.4 2.4
16 0.45 0.6 0.6 -- 0.8 1.2 1.2 2.0 2.0
25 0.4 0.5 0.5 0.65 0.7 0.9 0.9 1.5 1.5 10~100 -- 12
35 0.3 0.4 0.4 -- 0.5 0.7 0.7 1.0 1.0
50 0.25 0.25 0.3 0.35 0.35 0.55 0.55 0.75 0.75 160~500 8 --
63 0.25 0.25 -- 0.3 0.3 0.5 0.5 0.6 0.6
80 0.2 0.2 -- 0.25 -- 0.3 0.35 0.4 0.4
100 0.12 0.15 -- 0.2 -- 0.3 0.3 0.3 0.3
160~250 0.15 0.15 -- 0.2 0.2 -- 0.2 0.25 0.25
250~500 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2
Rated voltage(V)
Measurement frequency : 120Hz
Stability at Low Temperature
Impedance ratio ZT/Z20(MAX.)
Z - 25C/ Z+20C Z - 40C/ Z+20C
Endurance
After an application of DC voltage (in the range of rated DC voltage even after over-lapping the specified ripple current) for 5000 hours (2000 hours for 10~250V,500V) at 105C, capacitors meet the characteristic requirements listed at right. After storing the capacitors under no load at 105C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20C, they will meet the requirements listed at right. Printed with white color letter on black sleeve.
Capacitance change tan Leakage current
Within 20% of initial value 300% or less of initial specified value Initial specified value or less
Shelf Life
Capacitance change tan Leakage current
Within 20% of initial value 300% or less of initial specified value Initial specified value or less
Marking
Drawing
B35 Screw terminal type
Hexagenal headed bolt (M5)
Bottom plate Sleeve
Type numbering system
Voltage 250V or less (Example : 250V 3300F)
L NT 2 E 3 3 2 MS E
Pressure relief vent
3.5 451 10
1 2 3 4 5 6 7 8 9 10 11 12
30
+
7
Mounting bracket Configuration (B35) Capacitance tolerance (20%) Code less 2-leg brackets Rated Capacitance (3300F) N No brackets Rated voltage (250V) (B51~B100) Series name Code less 3-leg brackets Type B 2-leg brackets N No brackets
10
35 +2MAX
12.71
24
150.5 L
+3MAX.
Voltage 350V or more (Example : 450V 2200F)
61
291
L NT 2W 2 2 2 M SE G
1 2 3 4 5 6 7 8 9 10 11 12 13 14
Case dia. code BD Code Configuration Capacitance tolerance (20%) 35 C F Rated Capacitance (2200F) 51 G 63.5 Rated voltage (450V) 76.2 H 90 J Series name 100 K Type Configuration SE
Cr (111) Plating (RoHS compliant) Cr (81) Plating
Mounting bracket (B35) Code less 2-leg brackets BN No brackets (B51~B90) Code less 3-leg brackets BB 2-leg brackets BN No brackets (B100) Code less 3-leg brackets BN No brackets
Resin bushing available upon request.
Please contact to us if PVC less products are required.
SM
Dimension table in next page.
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
NT
Bottom plate
series
Screw terminal type for 51 and larger
Sleeve
Hexagenal headed bolt
120
Method to mount resin bushing (76.2) (Apply to L=150 or more)
Pressure relief vent D +2MAX
Bottom plate Sleeve Resin bushing Hexagenal headed bolt
B4.5
W1
Pressure relief vent
31.81
83.7
h H 1 L+ MAX.
1
B
P 2 A 2
U S T
T
U
L+3MAX. 74.4 105 120
Method to mount resin bushing (90) (Apply to L=150 or more)
A 2
P
Bottom plate Sleeve Resin bushing Hexagenal headed bolt 120
B
3-leg brackets for 90 capacitors have different P hole shapes from the ordinary ones as illustrated P below.
88.2
Pressure relief vent
30
7
7
5
L+3MAX.
65.7
57.5 63.5
B6.0
Dimension of terminal pitch (W) and length (R) and Nominal dia.of bolt
D 51.5 63.5 76.2 90.5 100.50
(mm)
M5 M5 M5 M5 M8
W
22.0 28.6 31.8 31.8 41.5
R
6 6 6 6 10
3 3 3 3 4
Nominal.of bolt
Dimensions of mounting bracket
Leg Shape
(mm)
3-Legs 2-Legs 90 50.8 58.5 8.0 5.0 18 60 35 25 100 56.3 62 8.0 5.0 16 60 36 30 51 33.2 40 6.0 4.5 14 30 25 15 63.5 40.5 46.5 7.0 4.5 14 30 35 20 76.2 46.5 53 6.0 4.5 14 30 35 20 90 53 59 6.0 4.5 14 30 35 20 76.2 44.5 49.2 7.0 5.0 14 60 30 24
Symbol
D
51 32.5 38.5 7.5 5.0 12
63.5 38.1 43 8.0 5.0 14 60 25 20
P A T S U H h
60 20 15
Dimensions
V(Code) Surge Cap.(F) 10000 15000 22000 33000 47000 68000 100000 150000 220000 330000 470000 680000 1000000 1500000 Code 103 153 223 333 473 683 104 154 224 334 474 684 105 155 35 x 80 35 x 100 51 x 80 51 x 100 51 x 120 63.5 x 120 76.2 x 120 90 x 140 90 x 170 90 x 220 100 x 220 4.8 6.2 6.8 8.6 10.8 13.2 15.8 17.0 18.4 20.1 22.1 35 x 80 35 x 100 51 x 80 51 x 100 51 x 120 63.5 x 120 76.2 x 120 90 x 140 90 x 170 90 x 220 100 x 250 5.2 6.8 7.1 9.6 11.0 14.1 20.6 22.1 24.0 26.1 28.8
Rated Ripple (Arms) at 105C 120Hz
10V (1A) 13V Case size D xL (mm) Rated ripple
16V (1C) 20V Case size D xL (mm) Rated ripple
25V (1E) 32V Case size D xL (mm) Rated ripple 35 x 80 35 x 80 35 x 80 35 x 100 51 x 80 51 x 120 63.5 x 100 63.5 x 120 76.2 x 120 90 x 140 90 x 170 90 x 220 100 x 220 4.9 6.2 8.3 10.2 11.5 13.8 17.0 20.8 22.4 24.2 26.4
35V (1V) 44V Case size D xL (mm) Rated ripple 4.7 5.1 5.6 7.4 8.4 12.3 13.6 15.1 17.4 21.3 25.4 27.5
35 x 100 51 x 80 51 x 100 51 x 120 63.5 x 120 76.2 x 120 90 x 140 90 x 170 90 x 220 100 x 250
CAT.8100V
31.81
102.5
95.5
S
Pressure relief vent
5
ALUMINUM ELECTROLYTIC CAPACITORS
NT
series
Dimensions
V(Code) Surge Cap.(F) Code 222 2200 332 3300 472 4700 682 6800 103 10000 153 15000 223 22000 333 33000 473 47000 683 68000 104 100000 154 150000 224 220000 334 330000 474 470000 50V (1H) 63V Case size D xL (mm) Rated ripple 63V (1J) 79V Case size D xL (mm) Rated ripple 80V (1K) 100V Case size D xL (mm) Rated ripple 100V (2A) 125V Case size D xL (mm) Rated ripple 35 x 80 2.4 35 x 80 3.3 35 x 100 3.8 51 x 80 5.2 51 x 100 6.7 63.5 x 100 7.8 76.2 x 100 9.9 76.2 x 140 12.7 90 x 140 17.0 90 x 170 18.2 90 x 220 20.6 100 x 220 23.4
35 x 80 35 x 100 51 x 80 51 x 120 63.5 x 100 63.5 x 120 76.2 x 120 90 x 140 90 x 170 90 x 220 100 x 250
4.9 5.5 6.3 8.0 9.9 12.8 16.8 19.5 22.0 24.3 26.1
35 x 100 51 x 80 51 x 100 63.5 x 100 63.5 x 120 76.2 x 120 90 x 140 90 x 170 90 x 220 100 x 250
5.0 5.9 6.9 9.4 11.2 13.5 17.8 21.0 23.7 26.1
35 x 80 35 x 100 51 x 80 51 x 100 63.5 x 100 76.2 x 100 76.2 x 120 90 x 140 90 x 170 90 x 220 100 x 250
3.5 3.9 5.4 6.4 8.4 9.9 13.4 17.0 18.6 21.6 24.8
V(Code) Surge Cap.(F) Code 681 680 102 1000 152 1500 222 2200 332 3300 472 4700 682 6800 103 10000 153 15000 223 22000 333 33000 473 47000 683 68000
160V (2C) 200V Case size D xL (mm) Rated ripple 35 x 80 35 x 80 35 x 100 51 x 80 51 x 100 63.5 x 100 63.5 x 120 76.2 x 120 76.2 x 140 90 x 140 90 x 220 100 x 250 1.6 2.1 2.7 3.8 4.5 6.8 7.8 9.8 12.5 13.4 17.2 19.2
200V (2D) 250V Case size D xL (mm) Rated ripple 35 x 80 35 x 100 51 x 80 51 x 100 63.5 x 100 63.5 x 120 76.2 x 120 76.2 x 140 90 x 140 90 x 220 90 x 250 1.7 2.3 2.9 3.9 5.1 7.0 8.2 10.4 15.1 16.6 19.9
250V (2E) 300V Case size D xL (mm) Rated ripple 35 x 80 1.4 35 x 100 1.9 51 x 80 2.4 51 x 100 3.2 63.5 x 100 4.3 63.5 x 120 5.9 76.2 x 120 7.1 90 x 140 9.6 90 x 170 12.7 90 x 220 15.4 100 x 250 17.0
V(Code) Surge Cap.(F) Code 221 220 331 330 471 470 681 680 102 1000 152 1500 222 2200 2700 3300 3900 4700 5600 6800 8200 10000 12000 15000 22000 272 332 392 472 562 682 822 103 123 153 223
350V (2V) 400V Case size D xL (mm) Rated ripple 35 x 80 35 x 80 51 x 80 51 x 80 51 x 100 51 x 120 63.5 x 100 63.5 x 110 63.5 x 130 63.5 x 150 76.2 x 120 63.5 x 170 76.2 x 130 76.2 x 150 76.2 x 170 90 x 150 90 x 150 90 x 190 90 x 220 100 x 250 2.1 2.8 4.1 6.5 8.6 11.0 12.7 14.4 16.8 19.8 19.7 22.7 22.2 26.2 30.3 29.3 32.4 36.0 42.9 48.0
400V (2G) 450V Case size D xL (mm) Rated ripple 35 x 80 1.6 35 x 80 2.3 35 x 100 3.1 51 x 80 4.2 51 x 80 6.6 51 x 120 9.1 63.5 x 100 11.5 63.5 x 110 13.1 63.5 x 130 63.5 x 150 76.2 x 110 63.5 x 170 76.2 x 130 76.2 x 150 76.2 x 170 90 x 150 90 x 170 90 x 190 90 x 220 100 x 220 15.4 17.9 18.2 20.7 20.3 23.7 27.6 26.9 31.0 32.9 38.3 44.5
450V (2W) 500V Case size D xL (mm) Rated ripple 35 x 80 1.8 35 x 100 2.4 51 x 80 3.4 51 x 100 4.4 51 x 100 7.0 51 x 120 9.2 63.5 x 110 11.8 63.5 x 130 13.8 76.2 x 110 14.5 63.5 x 150 16.5 76.2 x 130 17.1 63.5 x 170 18.3 76.2 x 150 76.2 x 190 90 x 150 90 x 170 90 x 190 90 x 220 90 x 230 90 x 250
500V (2H) 550V Case size D xL (mm) Rated ripple 51 x 80 51 x 80 51 x 100 51 x 120 63.5 x 110 63.5 x 130 63.5 x 150 76.2 x 130 63.5 x 170 76.2 x 150 76.2 x 150 76.2 x 190 90 x 150 90 x 150 90 x 170 90 x 220 90 x 250 2.7 3.2 4.2 5.5 7.1 9.3 11.0 11.0 12.9 13.0 14.1 17.2 16.3
21.7 26.4 24.1 28.3 32.5 35.1 39.2 45.6
17.8 20.7 25.5 29.9
Rated Ripple (Arms) at 105C 120Hz
Frequency coefficient of rated ripple current
Frequency (Hz)
Coeff.
10~100V 160~250V 350~500V
60 0.90 0.88 0.82
120 1.00 1.00 1.00
360 1.08 1.08 1.20
1k 1.15 1.15 1.35
10k~ 1.15 1.20 1.40
CAT.8100V


▲Up To Search▲   

 
Price & Availability of LNT1V333SEG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X