Part Number Hot Search : 
1C681 QS5U13 KIA7427 330M166 00DT1 BR3510 N6121 N79E8221
Product Description
Full Text Search
 

To Download LGK1V183MEHC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
GKHH
PC Board Mounting Type
series
(Through 100V only)
Higher C/V products. Plentiful line-up from 35 x 63 to 40 x 100mm. Auxiliary terminals provided to assure anti-vibration performamance. Adapted to the RoHS directive (2002/95/EC).
GK HH
Specifications
Item
High C/V
GU
Performance Characteristics
Category Temperature Range Rated Voltage Range Rated Capacitance Range
Capacitance Tolerance Leakage Current
- 40 ~ +105C (16 ~ 250V) , - 25 ~ +105C (400V)
16 ~ 400V 560 ~ 68000F 20% at 120Hz, 20C I
3 CV (A) (After 5 minutes' application of rated voltage) [C : Rated Capacitance (F) V : Voltage (V)]
Measurement frequency : 120Hz, Temperature : 20C Rated voltage(V) tan (MAX.)
tan
16 0.60
25 0.50
35 0.40
50 0.35 16 ~ 250 4 15
63 0.30
80 0.30 400 8 --
100 0.25
160 0.20
200 0.15
250 0.15
400 0.30
Measurement frequency : 120Hz
Stability at Low Temperature
Rated voltage(V)
Impedance ratio ZT/Z20 (MAX.)
Z- 25C/ Z+20C Z- 40C/ Z+20C
Endurance
After an application of DC voltage(in the range of rated DC voltage even after over-lapping the specified ripple current) for 2000 hours at 105C, capacitors meet the characteristic requirements listed at right.
After storing the capacitors under no load at 105C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20C, they will meet the requirements listed at right. Printed with white color letter on black sleeve.
Capacitance change tan Leakage current Capacitance change tan Leakage current
Within 20% of initial value 200% or less of initial specified value Initial specified value or less Within 15% of initial value 150% or less of initial specified value Initial specified value or less
Shelf Life
Marking
Drawing
For all of 35mm products and for 63mmL or shorter with 40mm.
Sleeve (P.E.T.)
B C BLANK A BLANK
+1MAX.
Type numbering system (Example : 200V 2700F)
1 2 3 4 5 6 7 8 9 10 11 12
0.1
(PC board hole dimensions)
4- 2
LGK 2D 2 7 2 MEH D
Case dia. code Configuration Capacitance tolerance ( 20%) D 35 40 Rated Capacitance (2700F) Rated voltage (200V) Code C D
30
30
D
22.5 0.1 L 2 Pressure relief vent 6.3 1
Series name Type
(PC board hole dimensions)
D BLANK D BLANK B BLANK
Sleeve For 63mmL or longer(P.E.T.) 40mm. with C Sleeve (P.E.T.)
+1MAX.
30
B BLANK C
(PC board hole dimensions)
5- 2 0.1
5- 2 0.1
30 30 30 30
+1MAX.
D
A BLANK
30
D
25.0 0.1 25.0 0.1
L 2 Pressure relief vent L 2 Pressure relief vent 6.3 1 6.3 1
A BLANK
Notes: As blank terminals are not insulated from capacitor element, they shall be mounted on independent lands.
Frequency coefficient of rated ripple current
Frequency (Hz) 016 ~ 100V Coeff. 160 ~ 250V 400V 50 0.88 0.85 0.88 60 0.90 0.88 0.90 120 1.00 1.00 1.00 1k 1.15 1.15 1.10 10k~ 1.15 1.20 1.15
Minimum order quantity : 50pcs.
Dimension table in next page.
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
GKHH
Dimensions
Cap.(F)
Cod e
series
V(Code)
16V (1C) 35 40 35
25V (1E) 40 35
35V (1V) 40 35 35 x 68 5.55 35 x 80 6.35
50V (1H) 40 40 x 63 5.80 40 x 63 6.15
D
18000 22000 27000 33000 39000 47000 56000 68000
183 223 273 333 393 473 563 683 35 x 63 5.90 35 x 68 6.20 35 x 80 6.90 63V (1J) 35 40 35 40 x 50 5.75 40 x 63 6.45 40 x 63 6.70 35 x 63 5.60 35 x 68 6.00 35 x 80 6.80 40 x 50 5.50 40 x 63 6.30 40 x 63 6.60 35 x 63 5.10 35 x 68 5.50 35 x 80 6.25 40 x 50 5.00 40 x 63 5.80 40 x 63 6.05
V(Code) Cap.(F)
Cod e
80V (1K) 40 35 35 x 68 4.40 35 x 80 4.80
100V (2A) 40 40 x 63 4.55 40 x 63 4.65
D
5600 6800 8200 10000 12000 15000
562 682 822 103 123 153 35 x 63 5.35 35 x 68 5.85 160V (2C) 35 40 35 40 x 50 5.25 40 x 63 6.10 200V (2D) 40 35 x 63 4.75 35 x 80 5.45 40 x 50 4.65 40 x 63 5.00
V(Code) Cap.(F)
Cod e
250V (2E) 35 40
D
560 680 820 1000 1200 1500 1800 2200 2700 3300 3900 4700
561 681 821 102 122 152 182 222 272 332 392 472 35 x 63 3.50 35 x 68 3.90 35 x 80 4.55 35 x 100 5.30 40 x 50 3.45 40 x 63 4.10 40 x 63 4.40 40 x 80 5.20 40 x 100 6.15 35 x 63 3.30 35 x 80 3.90 35 x 100 4.65 40 x 50 3.20 40 x 63 3.80 40 x 80 4.50 40 x 80 4.90 40 x 100 5.70 35 x 63 2.75 35 x 68 3.20 35 x 100 4.05 35 x 100 4.35 40 x 50 2.70 40 x 63 3.35 40 x 80 3.95 40 x 80 4.20 40 x 100 5.00
400V (2G) 35 40 35 x 63 40 x 50 1.75 1.70 35 x 80 40 x 63 2.05 2.00 35 x 80 2.20 35 x 100 40 x 80 2.65 2.60 40 x 100 3.00
Case size D x L (mm) Rated ripple
Rated Ripple (Arms) at 105C 120Hz
CAT.8100V


▲Up To Search▲   

 
Price & Availability of LGK1V183MEHC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X